Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1QEA4418RBG-18IB0 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # R1QEA4418RBG-18IB0
Description  144-Mbit DDR?줚I SRAM 2-word Burst Architecture ( 2.5 Cycle Read latency ) with ODT
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R1QEA4418RBG-18IB0 Datasheet(HTML) 3 Page - Renesas Technology Corp

  R1QEA4418RBG-18IB0 Datasheet HTML 1Page - Renesas Technology Corp R1QEA4418RBG-18IB0 Datasheet HTML 2Page - Renesas Technology Corp R1QEA4418RBG-18IB0 Datasheet HTML 3Page - Renesas Technology Corp R1QEA4418RBG-18IB0 Datasheet HTML 4Page - Renesas Technology Corp R1QEA4418RBG-18IB0 Datasheet HTML 5Page - Renesas Technology Corp R1QEA4418RBG-18IB0 Datasheet HTML 6Page - Renesas Technology Corp R1QEA4418RBG-18IB0 Datasheet HTML 7Page - Renesas Technology Corp R1QEA4418RBG-18IB0 Datasheet HTML 8Page - Renesas Technology Corp R1QEA4418RBG-18IB0 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
R1QEA4436RBG, R1QEA4418RBG
Datasheet
R10DS0142EJ0200 Rev.2.00
Page 3 of 30
Aug 01, 2014
Part Number Information
Ordering part number
Organization
(word x bit)
Cycle time
Clock
frequency
Operating
Ambient
Temperature
Core
Supply
Voltage
(V)
Package
R1QEA4436RBG-18IA0
4M x 36
1.810ns
550MHz
TA = −40 to 85°C
1.8
± 0.1
165-pin
R1QEA4436RBG-19IA0
1.875ns
533MHz
PLASTIC BGA
R1QEA4436RBG-20IA0
2.00ns
500MHz
(15 x 17)
R1QEA4418RBG-18IA0
8M x 18
1.810ns
550MHz
Pb
R1QEA4418RBG-19IA0
1.875ns
533MHz
R1QEA4418RBG-20IA0
2.00ns
500MHz
R1QEA4436RBG-18IB0
4M x 36
1.810ns
550MHz
TA = −40 to 85°C
1.8
± 0.1
165-pin
R1QEA4436RBG-19IB0
1.875ns
533MHz
PLASTIC BGA
R1QEA4436RBG-20IB0
2.00ns
500MHz
(15 x 17)
R1QEA4418RBG-18IB0
8M x 18
1.810ns
550MHz
Pb-free
R1QEA4418RBG-19IB0
1.875ns
533MHz
R1QEA4418RBG-20IB0
2.00ns
500MHz


Similar Part No. - R1QEA4418RBG-18IB0

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1QEA4418RBG RENESAS-R1QEA4418RBG Datasheet
503Kb / 37P
   144-Mbit DDRII SRAM 2-word Burst
More results

Similar Description - R1QEA4418RBG-18IB0

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1QLA4436RBG RENESAS-R1QLA4436RBG_15 Datasheet
955Kb / 31P
   144-Mbit DDR?줚I SRAM 2-word Burst Architecture (2.0 Cycle Read latency) with ODT
R1QBA4436RBG RENESAS-R1QBA4436RBG_15 Datasheet
917Kb / 30P
   144-Mbit DDR?줚I SRAM 2-word Burst Architecture (2.5 Cycle Read latency)
R1QDA4436RBG RENESAS-R1QDA4436RBG_15 Datasheet
999Kb / 31P
   144-Mbit QDR?줚I SRAM 4-word Burst Architecture (2.5 Cycle Read latency) with ODT
R1QHA4436RBG RENESAS-R1QHA4436RBG_15 Datasheet
916Kb / 30P
   144-Mbit DDR?줚I SRAM 2-word Burst Architecture (2.0 Cycle Read latency)
R1QPA4436RBG RENESAS-R1QPA4436RBG_15 Datasheet
936Kb / 31P
   144-Mbit QDR?줚I SRAM 2-word Burst Architecture (2.0 Cycle Read latency) with ODT
logo
Cypress Semiconductor
CY7C2670KV18 CYPRESS-CY7C2670KV18 Datasheet
824Kb / 30P
   144-Mbit DDR II SRAM Two-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
logo
Renesas Technology Corp
R1QKA4436RBG RENESAS-R1QKA4436RBG_15 Datasheet
967Kb / 31P
   144-Mbit QDR?줚I SRAM 4-word Burst Architecture(2.0 Cycle Read latency) with ODT
R1QAA4436RBG RENESAS-R1QAA4436RBG_15 Datasheet
931Kb / 30P
   144-Mbit QDR?줚I SRAM 4-word Burst Architecture (2.5 Cycle Read latency)
logo
Cypress Semiconductor
CY7C21701KV18 CYPRESS-CY7C21701KV18 Datasheet
771Kb / 24P
   18-Mbit DDR II SRAM 2-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
logo
Renesas Technology Corp
RMQCEA3636DGBA RENESAS-RMQCEA3636DGBA_15 Datasheet
887Kb / 31P
   36-Mbit DDR??II SRAM 2-word Burst Architecture (2.5 Cycle Read latency) with ODT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com