Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AWG2023 Datasheet(PDF) 5 Page - Advanced Semiconductor Business Inc.

Part # AWG2023
Description  50 ~ 4000 MHz Wide-band Gain Block Amplifier MMIC
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

AWG2023 Datasheet(HTML) 5 Page - Advanced Semiconductor Business Inc.

  AWG2023 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. AWG2023 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. AWG2023 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. AWG2023 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. AWG2023 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. AWG2023 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. AWG2023 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. AWG2023 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. AWG2023 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5/13
ASB Inc.
 sales@asb.co.kr
April 2014
AWG2023
3.2
Performance Table
Supply voltage = +3.3 V, TA = +25
C, ZO = 50 
Parameter
Typical
Unit
Frequency
500
900
2000
2500
2700
3000
MHz
Gain
23.4
23.1
21.6
20.9
20.6
20.3
dB
S11
-15.0
-18.0
-18.0
-15.0
-14.0
-12.0
dB
S22
-11.0
-12.0
-15.0
-17.0
-18.0
-18.0
dB
Noise Figure
1.4
1.4
1.8
2.1
2.4
2.9
dB
Output IP31)
36.0
36.0
36.0
35.0
31.0
27.0
dBm
Output P1dB
18.0
19.0
19.0
19.0
18.0
17.0
dBm
Current
78
mA
Device Voltage
+3.3
V
1) OIP3 is measured with two tones at an output power of +5 dBm/tone separated by 1MHz.
3.3
Plot of S-parameter & Stability Factor
0
1000
2000
3000
4000
Frequency (MHz)
-40
-30
-20
-10
0
10
20
30
0
1
2
3
4
5
6
7
S21
S12
S11
S22
K


Similar Part No. - AWG2023

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
AWG2023 ASB-AWG2023 Datasheet
670Kb / 13P
   50 ~ 4000 MHz Wide-band Gain Block Amplifier MMIC
January 2017
AWG2023 ASB-AWG2023_17 Datasheet
670Kb / 13P
   50 ~ 4000 MHz Wide-band Gain Block Amplifier MMIC
January 2017
More results

Similar Description - AWG2023

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
AWG3023 ASB-AWG3023_17 Datasheet
673Kb / 13P
   50 ~ 4000 MHz Wide-band Gain Block Amplifier MMIC
January 2017
AWG2015 ASB-AWG2015 Datasheet
671Kb / 13P
   50 ~ 4000 MHz Wide-band Gain Block Amplifier MMIC
January 2017
AWG3017 ASB-AWG3017 Datasheet
928Kb / 19P
   50 ~ 4000 MHz Wide-band Gain Block Amplifier MMIC
June 2014
AWG2020 ASB-AWG2020 Datasheet
667Kb / 13P
   50 ~ 4000 MHz Wide-band Gain Block Amplifier MMIC
July 2014
AWG2017 ASB-AWG2017 Datasheet
670Kb / 13P
   50 ~ 4000 MHz Wide-band Gain Block Amplifier MMIC
January 2017
AWG2020 ASB-AWG2020_17 Datasheet
671Kb / 13P
   50 ~ 4000 MHz Wide-band Gain Block Amplifier MMIC
January 2017
AWG3015 ASB-AWG3015 Datasheet
728Kb / 15P
   50 ~ 4000 MHz Wide-band Gain Block Amplifier MMIC
June 2014
AWG3017 ASB-AWG3017_17 Datasheet
973Kb / 21P
   50 ~ 4000 MHz Wide-band Gain Block Amplifier MMIC
January 2017
AWG3020 ASB-AWG3020 Datasheet
750Kb / 15P
   50 ~ 4000 MHz Wide-band Gain Block Amplifier MMIC
April 2014
AWG3023 ASB-AWG3023 Datasheet
668Kb / 13P
   50 ~ 4000 MHz Wide-band Gain Block Amplifier MMIC
April 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com