Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1QGA4436RBG-25IB0 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # R1QGA4436RBG-25IB0
Description  144-Mbit QDR?줚I SRAM 4-word Burst Architecture (2.0 Cycle Read latency)
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R1QGA4436RBG-25IB0 Datasheet(HTML) 1 Page - Renesas Technology Corp

  R1QGA4436RBG-25IB0 Datasheet HTML 1Page - Renesas Technology Corp R1QGA4436RBG-25IB0 Datasheet HTML 2Page - Renesas Technology Corp R1QGA4436RBG-25IB0 Datasheet HTML 3Page - Renesas Technology Corp R1QGA4436RBG-25IB0 Datasheet HTML 4Page - Renesas Technology Corp R1QGA4436RBG-25IB0 Datasheet HTML 5Page - Renesas Technology Corp R1QGA4436RBG-25IB0 Datasheet HTML 6Page - Renesas Technology Corp R1QGA4436RBG-25IB0 Datasheet HTML 7Page - Renesas Technology Corp R1QGA4436RBG-25IB0 Datasheet HTML 8Page - Renesas Technology Corp R1QGA4436RBG-25IB0 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
R10DS0139EJ0201 Rev.2.01
Page 1 of 29
Aug 01, 2014
Datasheet
R1QGA4436RBG,R1QGA4418RBG
144-Mbit QDR™II+ SRAM 4-word Burst
Architecture (2.0 Cycle Read latency)
Description
The R1QGA4436RBG is a 4,194,304-word by 36-bit and the R1QGA4418RBG is a 8,388,608-word by 18-bit
synchronous quad data rate static RAM fabricated with advanced CMOS technology using full CMOS six-transistor
memory cell. It integrates unique synchronous peripheral circuitry and a burst counter. All input registers are
controlled by an input clock pair (K and /K) and are latched on the positive edge of K and /K. These products are
suitable for applications which require synchronous operation, high speed, low voltage, high density and wide bit
configuration. These products are packaged in 165-pin plastic FBGA package.
Features
Power Supply
1.8 V for core (VDD), 1.4 V to VDD for I/O (VDDQ)
Clock
Fast clock cycle time for high bandwidth
Two input clocks (K and /K) for precise DDR timing at clock rising edges only
Two output echo clocks (CQ and /CQ) simplify data capture in high-speed systems
Clock-stop capability with
μs restart
I/O
Separate independent read and write data ports with concurrent transactions
100% bus utilization DDR read and write operation
HSTL I/O
User programmable output impedance
PLL circuitry for wide output data valid window and future frequency scaling
Data valid pin (QVLD) to indicate valid data on the output
Function
Four-tick burst for reduced address frequency
Internally self-timed write control
Simple control logic for easy depth expansion
JTAG 1149.1 compatible test access port
Package
165 FBGA package (15 x 17 x 1.4 mm)
R10DS0139EJ0201
Rev.2.01
Aug 01, 2014


Similar Part No. - R1QGA4436RBG-25IB0

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1QGA4436RBG RENESAS-R1QGA4436RBG Datasheet
503Kb / 37P
   144-Mbit DDRII SRAM 2-word Burst
More results

Similar Description - R1QGA4436RBG-25IB0

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1QNA4436RBG RENESAS-R1QNA4436RBG_15 Datasheet
923Kb / 30P
   144-Mbit QDR?줚I SRAM 2-word Burst Architecture (2.0 Cycle Read latency)
R1QAA4436RBG RENESAS-R1QAA4436RBG_15 Datasheet
931Kb / 30P
   144-Mbit QDR?줚I SRAM 4-word Burst Architecture (2.5 Cycle Read latency)
R1QKA4436RBG RENESAS-R1QKA4436RBG_15 Datasheet
967Kb / 31P
   144-Mbit QDR?줚I SRAM 4-word Burst Architecture(2.0 Cycle Read latency) with ODT
R1QPA4436RBG RENESAS-R1QPA4436RBG_15 Datasheet
936Kb / 31P
   144-Mbit QDR?줚I SRAM 2-word Burst Architecture (2.0 Cycle Read latency) with ODT
R1QHA4436RBG RENESAS-R1QHA4436RBG_15 Datasheet
916Kb / 30P
   144-Mbit DDR?줚I SRAM 2-word Burst Architecture (2.0 Cycle Read latency)
R1QDA4436RBG RENESAS-R1QDA4436RBG_15 Datasheet
999Kb / 31P
   144-Mbit QDR?줚I SRAM 4-word Burst Architecture (2.5 Cycle Read latency) with ODT
logo
Cypress Semiconductor
CY7C1141V18 CYPRESS-CY7C1141V18 Datasheet
1Mb / 28P
   18-Mbit QDR??II SRAM 4-Word Burst Architecture (2.0 Cycle Read Latency)
CY7C1541V18 CYPRESS-CY7C1541V18 Datasheet
1Mb / 28P
   72-Mbit QDR??II SRAM 4-Word Burst Architecture (2.0 Cycle Read Latency)
logo
Renesas Technology Corp
R1QBA4436RBG RENESAS-R1QBA4436RBG_15 Datasheet
917Kb / 30P
   144-Mbit DDR?줚I SRAM 2-word Burst Architecture (2.5 Cycle Read latency)
R1QLA4436RBG RENESAS-R1QLA4436RBG_15 Datasheet
955Kb / 31P
   144-Mbit DDR?줚I SRAM 2-word Burst Architecture (2.0 Cycle Read latency) with ODT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com