Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL5122CBZ Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL5122CBZ
Description  Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL5122CBZ Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL5122CBZ Datasheet HTML 5Page - Intersil Corporation ISL5122CBZ Datasheet HTML 6Page - Intersil Corporation ISL5122CBZ Datasheet HTML 7Page - Intersil Corporation ISL5122CBZ Datasheet HTML 8Page - Intersil Corporation ISL5122CBZ Datasheet HTML 9Page - Intersil Corporation ISL5122CBZ Datasheet HTML 10Page - Intersil Corporation ISL5122CBZ Datasheet HTML 11Page - Intersil Corporation ISL5122CBZ Datasheet HTML 12Page - Intersil Corporation ISL5122CBZ Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
9
FN6022.6
November 17, 2004
Detailed Description
The ISL5120–ISL5123 bidirectional, dual analog switches
offer precise switching capability from a single 2.7V to 12V
supply with low on-resistance (19
Ω) and high speed
operation (tON =28ns, tOFF = 20ns). The devices are
especially well suited to portable battery powered equipment
thanks to the low operating supply voltage (2.7V), low power
consumption (5
µW), low leakage currents (100pA max), and
the tiny SOT-23 packaging. High frequency applications also
benefit from the wide bandwidth, and the very high off
isolation and crosstalk rejection.
Supply Sequencing And Overvoltage Protection
With any CMOS device, proper power supply sequencing is
required to protect the device from excessive input currents
which might permanently damage the IC. All I/O pins contain
ESD protection diodes from the pin to V+ and GND (See
Figure 8). To prevent forward biasing these diodes, V+ must
be applied before any input signals, and input signal
voltages must remain between V+ and GND. If these
conditions cannot be guaranteed, then one of the following
two protection methods should be employed.
Logic inputs can easily be protected by adding a 1k
resistor in series with the input (See Figure 8). The resistor
limits the input current below the threshold that produces
permanent damage, and the sub-microamp input current
FIGURE 4. OFF ISOLATION TEST CIRCUIT
FIGURE 5. RON TEST CIRCUIT
FIGURE 6. CROSSTALK TEST CIRCUIT
FIGURE 7. CAPACITANCE TEST CIRCUIT
Test Circuits and Waveforms (Continued)
ANALYZER
RL
SIGNAL
GENERATOR
V+
C
0V or VINH
NO or NC
COM
INX
GND
V+
C
0.8V or VINH
NO or NC
COM
IN
GND
VNX
V1
RON = V1/1mA
1mA
0V or 2.4V
ANALYZER
V+
C
NO1 or NC1
SIGNAL
GENERATOR
RL
GND
IN1
COM1
IN2
50
0V or VINH
NC
COM2
NO2 or NC2
V+
C
GND
NO or NC
COM
INX
IMPEDANCE
ANALYZER
0V or VINH
ISL5120, ISL5121, ISL5122, ISL5123


Similar Part No. - ISL5122CBZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL5122CBZ RENESAS-ISL5122CBZ Datasheet
964Kb / 16P
   Low Voltage, Single Supply, Dual SPST, SPDT Analog Switches
ISL5122CBZ-T RENESAS-ISL5122CBZ-T Datasheet
964Kb / 16P
   Low Voltage, Single Supply, Dual SPST, SPDT Analog Switches
More results

Similar Description - ISL5122CBZ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4541 MAXIM-MAX4541_07 Datasheet
246Kb / 16P
   Low-Voltage, Single-Supply Dual SPST/SPDT Analog Switches
Rev 4; 6/07
logo
Intersil Corporation
ISL84541 INTERSIL-ISL84541 Datasheet
336Kb / 16P
   Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
logo
Renesas Technology Corp
ISL84541 RENESAS-ISL84541 Datasheet
860Kb / 18P
   Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
logo
Intersil Corporation
ISL43120 INTERSIL-ISL43120 Datasheet
394Kb / 13P
   Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
logo
Renesas Technology Corp
ISL5120 RENESAS-ISL5120 Datasheet
964Kb / 16P
   Low Voltage, Single Supply, Dual SPST, SPDT Analog Switches
logo
Intersil Corporation
ISL84541_0309 INTERSIL-ISL84541_0309 Datasheet
361Kb / 16P
   Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
logo
Maxim Integrated Produc...
MAX4541 MAXIM-MAX4541 Datasheet
282Kb / 13P
   Low-Voltage, Single-Supply Dual SPST/SPDT Analog Switches
Rev 3; 8/02
logo
Intersil Corporation
ISL43120 INTERSIL-ISL43120_05 Datasheet
463Kb / 13P
   Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
ISL43120IHZ-T INTERSIL-ISL43120IHZ-T Datasheet
433Kb / 13P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
August 17, 2015
logo
Renesas Technology Corp
ISL43120 RENESAS-ISL43120 Datasheet
821Kb / 13P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com