Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AWG0015 Datasheet(PDF) 4 Page - Advanced Semiconductor Business Inc.

Part # AWG0015
Description  30 ~ 4000 MHz Wide-band Gain Block Amplifier MMIC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

AWG0015 Datasheet(HTML) 4 Page - Advanced Semiconductor Business Inc.

  AWG0015 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. AWG0015 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. AWG0015 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. AWG0015 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. AWG0015 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. AWG0015 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. AWG0015 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. AWG0015 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. AWG0015 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
4/15
ASB Inc.
 sales@asb.co.kr
July 2014
AWG0015
PCB Information
Material
FR4
Thickness (mm)
0.8
Size (mm)
40x40
EB No.
EB-363-A2
3. Application: 500 ~ 3000 MHz
3.1
Application Circuit & Evaluation Board
C1
C2
C3
L1
C4
AWG0015
RF IN
RF OUT
Vdevice = +3 V
Bill of Material
Symbol
Value
Size
Description
Manufacturer
AWG0015
-
-
MMIC Amplifier
ASB
C1, C2
100 pF
0603
DC blocking capacitor
Murata
C3
100 pF
0603
Decoupling capacitor
Murata
C4
1
F
0603
Decoupling capacitor
Murata
L1
33 nH
0603
RF choke inductor
Murata


Similar Part No. - AWG0015

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
AWG0015E ASB-AWG0015E Datasheet
665Kb / 15P
   30 ~ 4000 MHz Wide-band Gain Block Amplifier MMIC
January 2017
More results

Similar Description - AWG0015

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
AWG0120E ASB-AWG0120E Datasheet
637Kb / 13P
   30 ~ 4000 MHz Wide-band Gain Block Amplifier MMIC
January 2017
AWG0115 ASB-AWG0115 Datasheet
588Kb / 13P
   30 ~ 4000 MHz Wide-band Gain Block Amplifier MMIC
July 2014
AWG0120 ASB-AWG0120 Datasheet
584Kb / 13P
   30 ~ 4000 MHz Wide-band Gain Block Amplifier MMIC
July 2014
AWG0020E ASB-AWG0020E Datasheet
690Kb / 15P
   30 ~ 4000 MHz Wide-band Gain Block Amplifier MMIC
January 2017
AWG0023E ASB-AWG0023E Datasheet
601Kb / 13P
   30 ~ 4000 MHz Wide-band Gain Block Amplifier MMIC
January 2017
AWG0117E ASB-AWG0117E Datasheet
605Kb / 13P
   30 ~ 4000 MHz Wide-band Gain Block Amplifier MMIC
January 2017
AWG0015E ASB-AWG0015E Datasheet
665Kb / 15P
   30 ~ 4000 MHz Wide-band Gain Block Amplifier MMIC
January 2017
AWG0023 ASB-AWG0023 Datasheet
582Kb / 13P
   30 ~ 4000 MHz Wide-band Gain Block Amplifier MMIC
July 2014
AWG1020E ASB-AWG1020E Datasheet
600Kb / 13P
   30 ~ 4000 MHz Wide-band Gain Block Amplifier MMIC
January 2017
AWG0020 ASB-AWG0020 Datasheet
581Kb / 13P
   30 ~ 4000 MHz Wide-band Gain Block Amplifier MMIC
July 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com