Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1Q4A4418RBG-40IA0 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # R1Q4A4418RBG-40IA0
Description  144-Mbit DDR II SRAM 2-word Burst
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R1Q4A4418RBG-40IA0 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button R1Q4A4418RBG-40IA0 Datasheet HTML 7Page - Renesas Technology Corp R1Q4A4418RBG-40IA0 Datasheet HTML 8Page - Renesas Technology Corp R1Q4A4418RBG-40IA0 Datasheet HTML 9Page - Renesas Technology Corp R1Q4A4418RBG-40IA0 Datasheet HTML 10Page - Renesas Technology Corp R1Q4A4418RBG-40IA0 Datasheet HTML 11Page - Renesas Technology Corp R1Q4A4418RBG-40IA0 Datasheet HTML 12Page - Renesas Technology Corp R1Q4A4418RBG-40IA0 Datasheet HTML 13Page - Renesas Technology Corp R1Q4A4418RBG-40IA0 Datasheet HTML 14Page - Renesas Technology Corp R1Q4A4418RBG-40IA0 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
R1Q4A4436RBG, R1Q4A4418RBG
Datasheet
R10DS0146EJ0102 Rev.1.02
Page 11 of 30
Aug 01, 2014
K Truth Table
Operation
K
/LD
R-/W
DQ
Write Cycle:
Load address, input write
data on two consecutive
K and /K rising edges
L
L
Data in
Input data
D(A+0)
D(A+1)
Input clock
K(t+1) ↑
/K(t+1) ↑
Read Cycle:
Load address, output read
data on two consecutive
C and /C rising edges
L
H
Data out
Output data
Q(A+0)
Q(A+1)
Input clock
/C(t+1) ↑
C(t+2) ↑
NOP (No operation)
H
x
High-Z
Standby (Clock stopped)
Stopped
x
x
Previous state
Notes:
1.
H: high level, L: low level,
×: don’t care, ↑: rising edge.
2.
Data inputs are registered at K and /K rising edges. Data outputs are delivered at C clock edges, except if C
and /C are high, then data outputs are delivered at K clock edges.
3.
/LD and R-/W must meet setup/hold times around the rising edges (low to high) of K and are registered at
the rising edge of K.
4.
This device contains circuitry that will ensure the outputs will be in high-Z during power-up.
5.
Refer to state diagram and timing diagrams for clarification.
6.
When clocks are stopped, the following cases are recommended; the case of K = low, /K = high, C = low
and /C = high, or the case of K = high, /K = low, C = high and /C = low. This condition is not essential, but
permits most rapid restart by overcoming transmission line charging symmetrically.
7.
A+0 refers to the address input during a WRITE or READ cycle. A+1 refers to the next internal burst
address in accordance with the linear burst sequence.
Burst Address Table
First Address (External)
Second Address (Internal)
X..X0
X..X1
X..X1
X..X0


Similar Part No. - R1Q4A4418RBG-40IA0

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1Q4A4418RBG RENESAS-R1Q4A4418RBG Datasheet
503Kb / 37P
   144-Mbit DDRII SRAM 2-word Burst
More results

Similar Description - R1Q4A4418RBG-40IA0

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1618KV18 CYPRESS-CY7C1618KV18 Datasheet
753Kb / 32P
   144-Mbit DDR II SRAM Two-Word Burst Architecture
CY7C161KV18 CYPRESS-CY7C161KV18 Datasheet
1Mb / 32P
   144-Mbit DDR II SRAM Two-Word Burst Architecture
logo
Renesas Technology Corp
R1Q2A4436RBG RENESAS-R1Q2A4436RBG_15 Datasheet
937Kb / 30P
   144-Mbit QDR??II SRAM 2-word Burst
RMQC4A1836DGBA RENESAS-RMQC4A1836DGBA_15 Datasheet
855Kb / 30P
   18-Mbit DDR??II SRAM 2-word Burst
logo
Cypress Semiconductor
CY7C1623KV18 CYPRESS-CY7C1623KV18 Datasheet
773Kb / 28P
   144-Mbit DDR-II SIO SRAM Two-Word Burst Architecture
CY7C1516JV18 CYPRESS-CY7C1516JV18 Datasheet
629Kb / 26P
   72-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C1566KV18 CYPRESS-CY7C1566KV18 Datasheet
834Kb / 28P
   72-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C1318CV18 CYPRESS-CY7C1318CV18_11 Datasheet
1Mb / 29P
   18-Mbit DDR II SRAM 2-Word Burst Architecture
CY7C1416KV18 CYPRESS-CY7C1416KV18 Datasheet
1Mb / 32P
   36-Mbit DDR II SRAM 2-Word Burst Architecture
CY7C1316BV18 CYPRESS-CY7C1316BV18_06 Datasheet
515Kb / 28P
   18-Mbit DDR-II SRAM 2-Word Burst Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com