Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL81486IBZ-T Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL81486IBZ-T
Description  5V, Ultra High Speed, PROFIBUS, RS-485/RS-422 Transceivers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL81486IBZ-T Datasheet(HTML) 3 Page - Intersil Corporation

  ISL81486IBZ-T Datasheet HTML 1Page - Intersil Corporation ISL81486IBZ-T Datasheet HTML 2Page - Intersil Corporation ISL81486IBZ-T Datasheet HTML 3Page - Intersil Corporation ISL81486IBZ-T Datasheet HTML 4Page - Intersil Corporation ISL81486IBZ-T Datasheet HTML 5Page - Intersil Corporation ISL81486IBZ-T Datasheet HTML 6Page - Intersil Corporation ISL81486IBZ-T Datasheet HTML 7Page - Intersil Corporation ISL81486IBZ-T Datasheet HTML 8Page - Intersil Corporation ISL81486IBZ-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
Absolute Maximum Ratings
Thermal Information
VCC to Ground. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7V
Input Voltages
DI, DE, RE . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to 7V
Input/Output Voltages
A/Y, B/Z . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -8V to +12.5V
RO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to (VCC +0.5V)
Short Circuit Duration
Y, Z . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Continuous
Operating Conditions
Temperature Range
ISLXX86IX . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-40°C to 85°C
Thermal Resistance (Typical, Note 1)
θJA (°C/W)
8 Ld SOIC Package . . . . . . . . . . . . . . . . . . . . . . . . .
105
8 Ld MSOP Package . . . . . . . . . . . . . . . . . . . . . . . .
140
Maximum Junction Temperature (Plastic Package) . . . . . . . 150°C
Maximum Storage Temperature Range . . . . . . . . . . . -65°C to 150°C
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . 300°C
(Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1.
θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
Electrical Specifications
Test Conditions: VCC = 4.5V to 5.5V; Unless Otherwise Specified. Typicals are at VCC = 5V, TA = 25°C,
Note 2
PARAMETER
SYMBOL
TEST CONDITIONS
TEMP
(°C)
MIN
TYP
MAX
UNITS
DC CHARACTERISTICS
Driver Differential VOUT (no load)
VOD1
Full
-
-
VCC
V
Driver Differential VOUT (with load)
VOD2
R = 50
Ω (RS-422) (Figure 1A)
Full
2.5
3.7
-
V
R = 27
Ω (RS-485), VCC ≥ 4.75V (Figure 1A,
ISL4486 Only)
Full
2.5
3
5
V
R = 27
Ω (RS-485), VCC = 4.5V (Figure 1A)
Full
2.3
-
5
V
RD = 60Ω, -7V ≤ VCM ≤ 12V, VCC ≥ 4.75V
(Figure 1B)
Full
2.4
-
-
V
Change in Magnitude of Driver
Differential VOUT for
Complementary Output States
∆VOD
R = 27
Ω or 50Ω, (Figure 1A)
Full
-
0.01
0.2
V
Driver Common-Mode VOUT
VOC
R = 27
Ω or 50Ω (Figure 1A)
Full
-
-
3
V
Change in Magnitude of Driver
Common-Mode VOUT for
Complementary Output States
∆VOC
R = 27
Ω or 50Ω (Figure 1A)
Full
-
0.01
0.2
V
Logic Input High Voltage
VIH
DE, DI, RE
Full
2
-
-
V
Logic Input Low Voltage
VIL
DE, DI, RE
Full
-
-
0.8
V
Logic Input Current
IIN1
DE, DI, RE
Full
-1
-
1
µA
Input Current (A/Y, B/Z) (Note 5)
IIN2
DE = 0V, VCC = 0V or
4.5 to 5.5V
VIN = 12V
Full
-
-
0.6
mA
VIN = -7V
Full
-0.35
-
-
mA
Receiver Differential Threshold
Voltage
VTH
-7V
≤ VCM ≤ 12V
Full
-0.2
-
0.2
V
Receiver Input Hysteresis
∆VTH
VCM = 0V
25
-
40
-
mV
Receiver Output High Voltage
VOH
IO = -4mA, VID = 200mV
Full
4
-
-
V
Receiver Output Low Voltage
VOL
IO = -4mA, VID = 200mV
Full
-
-
0.4
V
Three-State (high impedance)
Receiver Output Current
IOZR
0.4V
≤ VO ≤ 2.4V
Full
-
-
±1
µA
Receiver Input Resistance
RIN
-7V
≤ VCM ≤ 12V (Note 7)
Full
20
-
-
k
No-Load Supply Current (Note 3)
ICC
DI, RE = 0V or VCC
DE = VCC
Full
-
1
2
mA
DE = 0V
Full
-
0.8
1.5
mA
ISL4486, ISL81486


Similar Part No. - ISL81486IBZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL81486IBZ RENESAS-ISL81486IBZ Datasheet
764Kb / 11P
   5V, Ultra High Speed, PROFIBUS®, RS-485/RS-422 Transceivers
August 1, 2004
More results

Similar Description - ISL81486IBZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL4486 RENESAS-ISL4486 Datasheet
764Kb / 11P
   5V, Ultra High Speed, PROFIBUS®, RS-485/RS-422 Transceivers
August 1, 2004
logo
Maxim Integrated Produc...
MAX3465 MAXIM-MAX3465 Datasheet
309Kb / 14P
   5V, Fail-Safe, 40Mbps, Profibus RS-485/ RS-422 Transceivers
Rev 0; 10/03
MAX3460 MAXIM-MAX3460 Datasheet
376Kb / 14P
   5V, Fail-Safe, 20Mbps, Profibus RS-485/ RS-422 Transceivers
Rev 1; 2/03
MAX3465 MAXIM-MAX3465_09 Datasheet
225Kb / 13P
   5V, Fail-Safe, 40Mbps, Profibus RS-485/RS-422 Transceivers
Rev 2; 8/09
MAX3465_V3 MAXIM-MAX3465_V3 Datasheet
223Kb / 13P
   5V, Fail-Safe, 40Mbps, Profibus RS-485/RS-422 Transceivers
Rev 3; 5/12
logo
Holt Integrated Circuit...
HI-4853H HOLTIC-HI-4853H Datasheet
1Mb / 14P
   3.3/5V, High-Speed RS-485/422 Transceivers with
logo
Shenzhen Huazhimei Semi...
MAX485 HMSEMI-MAX485 Datasheet
592Kb / 10P
   RS-485/RS-422 Transceivers
HM485 HMSEMI-HM485 Datasheet
530Kb / 10P
   RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL3170E INTERSIL-ISL3170E_08 Datasheet
953Kb / 19P
   RS-485/RS-422 Transceivers
logo
Texas Instruments
SN65HVD1176 TI-SN65HVD1176 Datasheet
248Kb / 17P
[Old version datasheet]   PROFIBUS RS-485 TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com