Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADR280 Datasheet(PDF) 9 Page - Analog Devices

Part # ADR280
Description  1.2 V Ultralow Power High PSRR Voltage Reference
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR280 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADR280_15 Datasheet HTML 4Page - Analog Devices ADR280_15 Datasheet HTML 5Page - Analog Devices ADR280_15 Datasheet HTML 6Page - Analog Devices ADR280_15 Datasheet HTML 7Page - Analog Devices ADR280_15 Datasheet HTML 8Page - Analog Devices ADR280_15 Datasheet HTML 9Page - Analog Devices ADR280_15 Datasheet HTML 10Page - Analog Devices ADR280_15 Datasheet HTML 11Page - Analog Devices ADR280_15 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
ADR280
Rev. C | Page 9 of 12
Boosted Current Source
Adding one more buffer to the previous circuit boosts the
current to the level that is limited only by the buffer U2 current
handling capability (see Figure 18).
V+
V–
ADR280
U1
5V
C1
V+
V–
5V
U3
V+
V–
5V
U2
1.2V
+
+
VOUT
0.1µF
RSET
230Ω
RL
500Ω
IL
5mA
IL = 1.2V/RSET
U2 = U3 = AD8542, AD822
Figure 18. Precision Current Source
Negative Reference
A negative reference can be precisely configured without using
any expensive tight tolerance resistors, as shown in Figure 19.
The voltage difference between VOUT and V− is 1.2 V. Since VOUT
is at virtual ground, U2 closes the loop by forcing the V− pin to
be the negative reference output.
V+
V–
ADR280
U1
+5V
V+
V–
–2.7V
AD8541
–1.2V
U2
–VREF
VOUT
+
C1
0.1µF
Figure 19. Negative Reference
Boosted Reference with Scalable Output
A precision user defined output with boosted current capability
can be implemented with the circuit shown in Figure 20. In this
circuit, U2 forces VO to be equal to VREF × (1 + R2/R1) by regu-
lating the turn-on of M1; the load current is therefore furnished
by the 5 V supply. For higher output voltage, U2 must be changed
and the supply voltage of M1 and U2 must also be elevated and
separated from the U1 input voltage. In this configuration, a
100 mA load is achievable at a 5 V supply. The higher the
supply voltage, the lower the current handling is because of the
heat generated on the MOSFET. For heavy capacitive loads,
additional buffering is needed at the output to enhance the
transient response.
*M1 = FDB301N, 2N7000, 2N7002, OR EQUIVALENT.
V+
V–
ADR280
U1
5V
V+
V–
U2
C2
1pF
VREF
1.2V
AD8541
M1*
VOUT
2.5V/100mA
VO
RL
25Ω
R2
10.8kΩ ± 0.1%
R1
10kΩ ± 0.1%
C1
0.1µF
+
Figure 20. 2.5 V Boosted Reference
GSM and 3G Mobile Station Applications
The ADR280 voltage reference is ideal for use with analog
baseband ICs in GSM and 3G mobile station applications.
Figure 21 illustrates the use of the ADR280 with the AD6535
GSM analog baseband. The AD6535 provides all of the data
converters and power management functions needed to
implement a GSM mobile station, including baseband codecs,
audio codecs, voltage regulators, and a battery charger. Besides
low current consumption and a small footprint, the ADR280 is
optimized for excellent PSRR, which is necessary for optimum
AD6535 device performance when the main battery voltage
fluctuates during RF power amplifier activity.
RADIO
BASEBAND CODEC
AUDIO CODEC
POWER
MANAGEMENT
ADR280
VOLTAGE REFERENCE
AD6535
ANALOG BASEBAND
DIGITAL
BASEBAND
Figure 21. GSM Mobile Station Application


Similar Part No. - ADR280_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR280AKS-R2 AD-ADR280AKS-R2 Datasheet
498Kb / 8P
   1.2 V Ultralow Power High PSRR Voltage Reference
REV. A
ADR280AKS-R2 AD-ADR280AKS-R2 Datasheet
849Kb / 12P
   1.2 V Ultralow Power High PSRR Voltage Reference
REV. C
ADR280AKS-REEL AD-ADR280AKS-REEL Datasheet
849Kb / 12P
   1.2 V Ultralow Power High PSRR Voltage Reference
REV. C
ADR280AKS-REEL7 AD-ADR280AKS-REEL7 Datasheet
498Kb / 8P
   1.2 V Ultralow Power High PSRR Voltage Reference
REV. A
ADR280AKS-REEL7 AD-ADR280AKS-REEL7 Datasheet
849Kb / 12P
   1.2 V Ultralow Power High PSRR Voltage Reference
REV. C
More results

Similar Description - ADR280_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR280 AD-ADR280 Datasheet
498Kb / 8P
   1.2 V Ultralow Power High PSRR Voltage Reference
REV. A
ADR280 AD-ADR280_07 Datasheet
849Kb / 12P
   1.2 V Ultralow Power High PSRR Voltage Reference
REV. C
ADCMP380 AD-ADCMP380 Datasheet
271Kb / 10P
   Ultralow Power Voltage Comparator with Reference
AD1580ART-REEL7 AD-AD1580ART-REEL7 Datasheet
368Kb / 12P
   1.2 V Micropower, Precision Shunt Voltage Reference
Rev. F
AD1580ART AD-AD1580ART Datasheet
368Kb / 12P
   1.2 V Micropower, Precision Shunt Voltage Reference
Rev. F
AD1580BRT-R2 AD-AD1580BRT-R2 Datasheet
368Kb / 12P
   1.2 V Micropower, Precision Shunt Voltage Reference
REV. F
AD1580BRT AD-AD1580BRT Datasheet
368Kb / 12P
   1.2 V Micropower, Precision Shunt Voltage Reference
Rev. F
ADR512ARTZ-REEL7 AD-ADR512ARTZ-REEL7 Datasheet
282Kb / 12P
   1.2 V Precision Low Noise Shunt Voltage Reference
REV. A
ADR512 AD-ADR512_15 Datasheet
282Kb / 12P
   1.2 V Precision Low Noise Shunt Voltage Reference
REV. A
ADR512 AD-ADR512 Datasheet
208Kb / 8P
   1.2 V Precision Low Noise Shunt Voltage Reference
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com