Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADP3522 Datasheet(PDF) 4 Page - Analog Devices

Part # ADP3522
Description  GSM Power Management System
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3522 Datasheet(HTML) 4 Page - Analog Devices

  ADP3522_15 Datasheet HTML 1Page - Analog Devices ADP3522_15 Datasheet HTML 2Page - Analog Devices ADP3522_15 Datasheet HTML 3Page - Analog Devices ADP3522_15 Datasheet HTML 4Page - Analog Devices ADP3522_15 Datasheet HTML 5Page - Analog Devices ADP3522_15 Datasheet HTML 6Page - Analog Devices ADP3522_15 Datasheet HTML 7Page - Analog Devices ADP3522_15 Datasheet HTML 8Page - Analog Devices ADP3522_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
REV. 0
–4–
ADP3522
ELECTRICAL CHARACTERISTICS1
(–20 C < TA < +85 C, VBAT = VBAT2 = 3 V–5.5 V, CVSIM = CVCORE = CVAN = CVMEM =
2.2
F, VTCXO = 0.22
F, CVRTC = 0.1
F, CVBAT = 10
F, minimum loads applied on
all outputs, unless otherwise noted.)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
TCXO LDO (VTCXO)
Output Voltage
VTCXO
Line, Load, Temperature
2.711
2.75
2.789
V
Line Regulation
VTCXO
2
mV
Load Regulation
VTCXO
50
µA ≤ I
LOAD
≤ 20 mA,
2
mV
VBAT = 3.6 V
Output Capacitor Required for
CO
0.22
µF
Stability
Dropout Voltage
VDO
VO = VINITIAL – 100 mV
160
300
mV
ILOAD = 20 mA
Ripple Rejection
VBAT/
f = 217 Hz (t = 4.6 ms)
65
dB
VTCXO
VBAT = 3.6 V
Output Noise Voltage
VNOISE
f = 10 Hz to 100 kHz
80
µV rms
ILOAD = 20 mA, VBAT = 3.6 V
MEMORY LDO (VMEM)
Output Voltage-3
VMEM
Line, Load, Temperature
2.740
2.80
2.850
V
Output Voltage-1.8
VMEM
Line, Load, Temperature
1.80
1.85
1.90
V
Line Regulation
VMEM
2
mV
Load Regulation
VMEM
50
µA < I
LOAD < 150 mA
12
mV
VBAT = 3.6 V
Output Capacitor Required for
CO
2.2
µF
Stability
Dropout Voltage-3
VO = VINITIAL – 100 mV
160
360
mV
ILOAD = 150 mA
REFOUT
Output Voltage
VREFOUT
Line, Load, Temperature
1.19
1.21
1.23
V
Line Regulation
VREFOUT
Min Load
0.2
mV
Load Regulation
VREFOUT
0
µA < I
LOAD < 50
µA
0.5
mV
VBAT = 3.6 V
Ripple Rejection
VBAT/
f = 217 Hz (t = 4.6 ms)
65
75
dB
VREFOUT
Maximum Capacitive Load
CO
100
pF
Output Noise Voltage
VNOISE
f = 10 Hz to 100 kHz
40
µV rms
RESET GENERATOR (
RESET)
Output High Voltage
VOH
IOH = +500
µAVMEM – 0.25
V
Output Low Voltage
VOL
IOL = –500
µA0.25
V
Output Current
IOL/IOH
VOL= 0.25 V,
1
mA
VOH = VMEM – 0.25 V
Delay Time per Unit Capacitance
tD
0.6
1.2
2.4
ms/nF
Applied to RESCAP Pin
BATTERY VOLTAGE DIVIDER
Divider Ratio
BATSNS/
TCXOEN = High
2.32
2.35
2.37
MVBAT
Divider Impedance at MVBAT
ZO
59.5
85
110
k
Divider Leakage Current
TCXOEN = Low
1
µA
Divider Resistance
TCXOEN = High
215
300
385
k


Similar Part No. - ADP3522_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3522ACP-1.8 AD-ADP3522ACP-1.8 Datasheet
467Kb / 20P
   GSM Power Management System
REV. 0
ADP3522ACP-3 AD-ADP3522ACP-3 Datasheet
467Kb / 20P
   GSM Power Management System
REV. 0
More results

Similar Description - ADP3522_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3401 AD-ADP3401 Datasheet
281Kb / 12P
   GSM Power Management System
REV. 0
ADP3522 AD-ADP3522 Datasheet
467Kb / 20P
   GSM Power Management System
REV. 0
ADP3404 AD-ADP3404_15 Datasheet
145Kb / 12P
   GSM Power Management System
REV. 0
ADP3405 AD-ADP3405_15 Datasheet
148Kb / 12P
   GSM Power Management System
REV. 0
ADP3402 AD-ADP3402 Datasheet
277Kb / 12P
   GSM Power Management System
REV. 0
logo
Silicon Standard Corp.
SS8000G SSC-SS8000G Datasheet
797Kb / 14P
   GSM Power-Management System
logo
Analog Devices
ADP3402 AD-ADP3402_15 Datasheet
281Kb / 12P
   GSM Power Management System
REV. 0
ADP3408 AD-ADP3408 Datasheet
206Kb / 16P
   GSM Power Management System
REV. 0
ADP3401 AD-ADP3401_15 Datasheet
285Kb / 12P
   GSM Power Management System
REV. 0
ADP3408 AD-ADP3408_15 Datasheet
1,019Kb / 20P
   GSM Power Management System
REV. A
ADP3405 AD-ADP3405 Datasheet
152Kb / 12P
   GSM Power Management System
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com