Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL5586FCM Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL5586FCM
Description  Low Power Ringing SLIC for Home Gateways
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL5586FCM Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL5586FCM Datasheet HTML 7Page - Intersil Corporation ISL5586FCM Datasheet HTML 8Page - Intersil Corporation ISL5586FCM Datasheet HTML 9Page - Intersil Corporation ISL5586FCM Datasheet HTML 10Page - Intersil Corporation ISL5586FCM Datasheet HTML 11Page - Intersil Corporation ISL5586FCM Datasheet HTML 12Page - Intersil Corporation ISL5586FCM Datasheet HTML 13Page - Intersil Corporation ISL5586FCM Datasheet HTML 14Page - Intersil Corporation ISL5586FCM Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
4-11
Power Dissipation
The power dissipation equations for forward active operation
also apply to the reverse active mode.
Ringing
Overview
The Ringing mode (RNG, 100) provides linear amplification
to support a variety of ringing waveforms. A programmable
ring trip function provides loop supervision and auto
disconnect upon ring trip. The device is designed to operate
from the high battery during this mode.
Architecture
The SLIC provides linear amplification to the differential
signal applied to the ringing inputs (VRSP,VRSM). The
differential ringing gain of the device is 100V/V. The circuit
model for the ringing path is shown in Figure 8.
The voltage gain from the differential ringing input to the Tip
output is 50V/V. The resistor ratios provide a gain of 10 and
the current mirror provides a gain of 5. The voltage gain from
the differential input to the Ring output is -50V/V. The
equations for the Tip and Ring outputs during ringing are
provided below.
When the differential input signal is zero, the Tip and Ring
amplifier outputs are centered at half battery. The device
provides auto centering for easy implementation of
sinusoidal ringing waveforms. Both AC and DC control of the
Tip and Ring outputs is available during ringing. This feature
allows for DC offsets as part of the ringing waveform.
Ringing Input Terminals
The differential terminals feature high input impedance
which allows the use of low value capacitors for AC coupling
the ring signal if necessary. The Ringing input is enabled
only during the ringing mode, therefore a free running
oscillator may be connected at all times.
When operating from a battery of -100V, each amplifier, Tip
and Ring, will swing a maximum of 95VP-P.Hence,the
maximum differential signal swing between VRSP and VRSM
to achieve full scale ringing is approximately 1.9VP-P.
Logic Control
Ringing patterns consist of silent and ringing intervals. The
ringing to silent pattern is called the ringing cadence. During
the silent portion of ringing, the device can be programmed
to any other operating mode. The most likely candidates are
low power standby or forward active. Depending on system
requirements, the low or high battery may be selected.
Loop supervision is provided with the ring trip detector. The ring
trip detector senses the change in loop current when the phone
is taken off hook. The loop detector full-wave rectifies the
ringing current, which is then filtered with external components
RRT and CRT. The resistor RRT sets the trip threshold and the
capacitor CRT sets the trip response time. Most applications will
require a trip response time less than 150ms.
Three very distinct actions occur when the device detects a
ring trip. First, the DET output is latched low. The latching
mechanism eliminates the need for software filtering of the
detector output. The latch is cleared when the operating
mode is changed externally. Second, the Ringing inputs are
disabled, removing the ring signal from the line. Third, the
device is internally forced to the forward active mode.
Power Dissipation
The power dissipation during ringing is dictated mostly by the
load driving requirements and the ringing waveform. The key to
valid power calculations is the correct definition of average and
RMS currents. The average current defines the high battery
supply current. The RMS current defines the load current.
The cadence provides a time averaging reduction in the
peak power. The total power dissipation consists of ringing
power, Pr, and the silent interval power, Ps.
FIGURE 7. REVERSAL TIMING CONTROL
CPOL
POL
I1
75k
I2
FIGURE 8. LINEAR RINGING MODEL
TIP
RING
R/8
R
R
+
-
+
-
5:1
20
20
+
-
VBH
2
VRSP
VRSM
R
R
1.25R
1.25R
V
T
V
BH
2
-----------
50
V
DIF
×
()
+
=
(EQ. 29)
V
R
V
BH
2
-----------
50
V
DIF
×
()
=
(EQ. 30)
P
RNG
P
r
t
r
t
r
t
s
+
--------------
×
P
s
t
s
t
r
t
s
+
--------------
×
+
=
(EQ. 31)
ISL5586


Similar Part No. - ISL5586FCM

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL5586FCM RENESAS-ISL5586FCM Datasheet
993Kb / 20P
   Low Power Ringing SLIC for Home Gateways
ISL5586FCMZ RENESAS-ISL5586FCMZ Datasheet
993Kb / 20P
   Low Power Ringing SLIC for Home Gateways
ISL5586FCMZ-T RENESAS-ISL5586FCMZ-T Datasheet
993Kb / 20P
   Low Power Ringing SLIC for Home Gateways
More results

Similar Description - ISL5586FCM

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL5586 INTERSIL-ISL5586_04 Datasheet
584Kb / 20P
   Low Power Ringing SLIC for Home Gateways
logo
Renesas Technology Corp
ISL5586 RENESAS-ISL5586 Datasheet
993Kb / 20P
   Low Power Ringing SLIC for Home Gateways
logo
Agere Systems
L8560 AGERE-L8560 Datasheet
842Kb / 46P
   Low-Power SLIC with Ringing
L9214A AGERE-L9214A Datasheet
790Kb / 46P
   Low-Cost Ringing SLIC
logo
List of Unclassifed Man...
AG1171 ETC2-AG1171 Datasheet
330Kb / 16P
   3.3V / 5.0V Low Power Ringing SLIC
logo
Silver Telecom 2019
AG1171 SILVERTEL-AG1171 Datasheet
289Kb / 15P
   3.3V / 5.0V Low Power Ringing SLIC
logo
List of Unclassifed Man...
AG1170 ETC2-AG1170 Datasheet
496Kb / 15P
   5V / 3.3V Low Power Ringing SLIC
logo
Mitel Networks Corporat...
MT91610 MITEL-MT91610 Datasheet
67Kb / 18P
   Analog Ringing SLIC
logo
Agere Systems
L8576B AGERE-L8576B Datasheet
583Kb / 26P
   Dual Ringing SLIC
logo
Zarlink Semiconductor I...
MT91610 ZARLINK-MT91610 Datasheet
251Kb / 20P
   Programmable Ringing SLIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com