Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADP3405 Datasheet(PDF) 7 Page - Analog Devices

Part # ADP3405
Description  GSM Power Management System
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3405 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADP3405_15 Datasheet HTML 3Page - Analog Devices ADP3405_15 Datasheet HTML 4Page - Analog Devices ADP3405_15 Datasheet HTML 5Page - Analog Devices ADP3405_15 Datasheet HTML 6Page - Analog Devices ADP3405_15 Datasheet HTML 7Page - Analog Devices ADP3405_15 Datasheet HTML 8Page - Analog Devices ADP3405_15 Datasheet HTML 9Page - Analog Devices ADP3405_15 Datasheet HTML 10Page - Analog Devices ADP3405_15 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
ADP3405
–7–
REV. 0
VBAT – V
350
300
50
37
4
56
250
200
150
PWRONIN, SIMON, AND ANALOGON
PWRONIN AND SIMON
PWRONIN
100
TPC 1. Ground Current vs. Battery Voltage
LOAD CURRENT – mA
0
140
20
40
60
80
100
120
0
140
80
60
40
20
120
100
VCC
VCCA
TPC 2. VCC, VCCA Dropout Voltage vs. Load Current
LOAD CURRENT – mA
70
0
40
30
20
10
60
50
0
1
2
345
TPC 3. VTCXO Dropout Voltage vs. Load Current
+25 C
20 C
VRTC – V
300
0
0
3
0.5
1.0
1.5
2.0
2.5
150
100
50
250
200
+85 C
TPC 4. RTC I/V Characteristic
TIME – 100 s/DIV
VBAT 100mV/DIV
3.2
3.0
MLCC CAPS
VCC 10mV/DIV
VCCA 10mV/DIV
VTCXO 10mV/DIV
TPC 5. Line Transient Response, Maximum Loads
TIME – 100 s/DIV
3.2
3.0
MLCC CAPS
VBAT (100mV/DIV)
VCC (10mV/DIV)
VCCA (10mV/DIV)
VTCXO (10mV/DIV)
TPC 6. Line Transient Response, Minimum Loads


Similar Part No. - ADP3405_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3405ARU AD-ADP3405ARU Datasheet
152Kb / 12P
   GSM Power Management System
REV. 0
More results

Similar Description - ADP3405_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3401 AD-ADP3401 Datasheet
281Kb / 12P
   GSM Power Management System
REV. 0
ADP3522 AD-ADP3522 Datasheet
467Kb / 20P
   GSM Power Management System
REV. 0
ADP3404 AD-ADP3404_15 Datasheet
145Kb / 12P
   GSM Power Management System
REV. 0
ADP3402 AD-ADP3402 Datasheet
277Kb / 12P
   GSM Power Management System
REV. 0
logo
Silicon Standard Corp.
SS8000G SSC-SS8000G Datasheet
797Kb / 14P
   GSM Power-Management System
logo
Analog Devices
ADP3402 AD-ADP3402_15 Datasheet
281Kb / 12P
   GSM Power Management System
REV. 0
ADP3408 AD-ADP3408 Datasheet
206Kb / 16P
   GSM Power Management System
REV. 0
ADP3401 AD-ADP3401_15 Datasheet
285Kb / 12P
   GSM Power Management System
REV. 0
ADP3408 AD-ADP3408_15 Datasheet
1,019Kb / 20P
   GSM Power Management System
REV. A
ADP3405 AD-ADP3405 Datasheet
152Kb / 12P
   GSM Power Management System
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com