Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADP3401 Datasheet(PDF) 6 Page - Analog Devices

Part # ADP3401
Description  GSM Power Management System
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3401 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADP3401_15 Datasheet HTML 2Page - Analog Devices ADP3401_15 Datasheet HTML 3Page - Analog Devices ADP3401_15 Datasheet HTML 4Page - Analog Devices ADP3401_15 Datasheet HTML 5Page - Analog Devices ADP3401_15 Datasheet HTML 6Page - Analog Devices ADP3401_15 Datasheet HTML 7Page - Analog Devices ADP3401_15 Datasheet HTML 8Page - Analog Devices ADP3401_15 Datasheet HTML 9Page - Analog Devices ADP3401_15 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
ADP3401
–6–
REV. 0
Table I. LDO Control Logic
INPUTS
OUTPUTS
UVLO
CHRON
PWRONKEY
PWRONIN
ANALOGON
VRTC
VCC
VCCA
REFOUT
VTCXO
L
X
X
X
X
Off
Off
Off
Off
Off
H
H
XX
X
On
On
On
On
On
HX
L
X
X
On
On
On
On
On
H
L
H
L
X
On
Off
Off
Off
Off
HL
H
H
L
On
On
Off
Off
Off
HL
H
H
H
On
On
On
On
On
X = Don't care
Bold denotes the active control signal.
OVER
TEMP
EN
REF
BUFFER
VBAT
VREF
EN
GND
PG
OUT
DIGITAL LDO
VCC
2.765V
DGND
VRTC
2.85V
VBAT
EN
GND
OUT
VBAT
VREF
EN
GND
OUT
POWER GOOD
RTC LDO
XTAL OSC LDO
ANALOG LDO
VBAT
VREF
EN
GND
OUT
REFOUT
AGND
VCCA
2.765V
VTCXO
2.765V
+
1.210V
UVLO
ADJ
UVLO
VBAT
PWRONKEY
ROWX
PWRONIN
RESCAP
CHARGER
ON
THRESHOLD
RESET
CHRON
ANALOGON
SIMBAT
CAP+
CAP
SIMPROG
SIMON
SIMGND
RESETIN
CLKIN
DATAIO
CHARGE
PUMP
LOGIC
LEVEL
TRANSLATION
VSIM
RST
CLK
I/O
EN
3V/5V
20k
EN
ADP3401
RESET
GENERATOR
Figure 1. Functional Block Diagram
Table II. VSIM Control Logic
INPUTS
OUTPUTS
VCC
RESET
SIMON
SIMPROG
VSIM
Off
L
X
X
Off
On
L
X
X
Off
On
H
L
X
Off
On
H
H
L
3 V
On
H
H
H
5 V
X = Don't care


Similar Part No. - ADP3401_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3401ARU AD-ADP3401ARU Datasheet
281Kb / 12P
   GSM Power Management System
REV. 0
More results

Similar Description - ADP3401_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3401 AD-ADP3401 Datasheet
281Kb / 12P
   GSM Power Management System
REV. 0
ADP3522 AD-ADP3522 Datasheet
467Kb / 20P
   GSM Power Management System
REV. 0
ADP3404 AD-ADP3404_15 Datasheet
145Kb / 12P
   GSM Power Management System
REV. 0
ADP3405 AD-ADP3405_15 Datasheet
148Kb / 12P
   GSM Power Management System
REV. 0
ADP3402 AD-ADP3402 Datasheet
277Kb / 12P
   GSM Power Management System
REV. 0
logo
Silicon Standard Corp.
SS8000G SSC-SS8000G Datasheet
797Kb / 14P
   GSM Power-Management System
logo
Analog Devices
ADP3402 AD-ADP3402_15 Datasheet
281Kb / 12P
   GSM Power Management System
REV. 0
ADP3408 AD-ADP3408 Datasheet
206Kb / 16P
   GSM Power Management System
REV. 0
ADP3408 AD-ADP3408_15 Datasheet
1,019Kb / 20P
   GSM Power Management System
REV. A
ADP3405 AD-ADP3405 Datasheet
152Kb / 12P
   GSM Power Management System
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com