Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADP3336 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP3336
Description  Adjustable Low Dropout Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3336 Datasheet(HTML) 1 Page - Analog Devices

  ADP3336_15 Datasheet HTML 1Page - Analog Devices ADP3336_15 Datasheet HTML 2Page - Analog Devices ADP3336_15 Datasheet HTML 3Page - Analog Devices ADP3336_15 Datasheet HTML 4Page - Analog Devices ADP3336_15 Datasheet HTML 5Page - Analog Devices ADP3336_15 Datasheet HTML 6Page - Analog Devices ADP3336_15 Datasheet HTML 7Page - Analog Devices ADP3336_15 Datasheet HTML 8Page - Analog Devices ADP3336_15 Datasheet HTML 9Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
REV.
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
ADP3336
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax:
High Accuracy Ultralow IQ, 500 mA
anyCAP® Adjustable Low Dropout Regulator
FEATURES
High Accuracy Over Line and Load:
0.9% @ 25 C,
1.8% Over Temperature
Ultralow Dropout Voltage: 200 mV (Typ) @ 500 mA
Requires Only CO = 1.0
F for Stability
anyCAP = Stable with Any Type of Capacitor
(Including MLCC)
Current and Thermal Limiting
Low Noise
Low Shutdown Current: < 1.0
A
2.6 V to 12 V Supply Range
1.5 V to 10 V Output Range
–40 C to +85 C Ambient Temperature Range
Ultrasmall Thermally-Enhanced 8-Lead MSOP Package
APPLICATIONS
PCMCIA Card
Cellular Phones
Camcorders, Cameras
Networking Systems, DSL/Cable Modems
Cable Set-Top Box
MP3/CD Players
DSP Supply
GENERAL DESCRIPTION
The ADP3336 is a member of the ADP333x family of precision
low dropout anyCAP voltage regulators. The ADP3336 operates
with an input voltage range of 2.6 V to 12 V and delivers a
continuous load current up to 500 mA. The ADP3336 stands
out from conventional LDOs with the lowest thermal resistance
of any MSOP-8 package and an enhanced process that enables
it to offer performance advantages beyond its competition.
Its patented design requires only a 1.0
µF output capacitor for
stability. This device is insensitive to output capacitor Equiva-
lent Series Resistance (ESR), and is stable with any good
quality capacitor, including ceramic (MLCC) types for space-
restricted applications. The ADP3336 achieves exceptional
accuracy of
±0.9% at room temperature and ±1.8% over tem-
perature, line, and load. The dropout voltage of the ADP3336 is
only 200 mV (typical) at 500 mA. This device also includes a
safety current limit, thermal overload protection and a shutdown
feature. In shutdown mode, the ground current is reduced to
less than 1
µA. The ADP3336 has ultralow quiescent current
80
µA (typical) in light load situations.
COUT
1 F
ADP3336
OUT
VIN
IN
GND
VOUT
FB
ON
OFF
IN
OUT
OUT
R1
R2
SD
CIN
1 F
Figure 1. Typical Application Circuit
anyCAP is a registered trademark of Analog Devices Inc.
FUNCTIONAL BLOCK DIAGRAM
THERMAL
PROTECTION
CC
IN
ADP3336
OUT
GND
Q1
BANDGAP
REF
DRIVER
gm
FB
SD
© Analog Devices, Inc., 2000-2011
A
781-461-311
3
3


Similar Part No. - ADP3336_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3336 AD-ADP3336 Datasheet
364Kb / 8P
   High Accuracy Ultralow IQ, 500 mA anyCAP Adjustable Low Dropout Regulator
REV. 0
ADP3336 AD-ADP3336 Datasheet
847Kb / 13P
   Customer supplied 6 V to 12 V bench supply
ADP3336 AD-ADP3336 Datasheet
443Kb / 9P
   Evaluation Board for the ADA4571-2 Integrated AMR Angle Sensor and Signal Conditioner
Rev. 0
More results

Similar Description - ADP3336_15

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK73200 TOKO-TK73200 Datasheet
92Kb / 12P
   ADJUSTABLE LOW DROPOUT REGULATOR
TK11900 TOKO-TK11900 Datasheet
73Kb / 10P
   ADJUSTABLE LOW DROPOUT REGULATOR
logo
Analog Devices
ADP3334 AD-ADP3334_15 Datasheet
432Kb / 11P
   Adjustable Low Dropout Regulator
REV. C
logo
Analog Intergrations Co...
AIC1741 AIC-AIC1741 Datasheet
77Kb / 6P
   LOW DROPOUT ADJUSTABLE REGULATOR
logo
Microsemi Corporation
LX8941 MICROSEMI-LX8941_11 Datasheet
157Kb / 5P
   Adjustable Low Dropout Regulator
LX8941 MICROSEMI-LX8941 Datasheet
125Kb / 3P
   ADJUSTABLE LOW DROPOUT REGULATOR
logo
Texas Instruments
LM2991 TI1-LM2991 Datasheet
1Mb / 19P
[Old version datasheet]   Negative Low Dropout Adjustable Regulator
logo
National Semiconductor ...
LM2991QML NSC-LM2991QML Datasheet
688Kb / 13P
   Negative Low Dropout Adjustable Regulator
LM2941 NSC-LM2941_07 Datasheet
342Kb / 14P
   1A Low Dropout Adjustable Regulator
logo
Texas Instruments
LM2941QML TI1-LM2941QML_16 Datasheet
399Kb / 16P
[Old version datasheet]   1A Low Dropout Adjustable Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com