Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADP3336 Datasheet(PDF) 5 Page - Analog Devices

Part # ADP3336
Description  Adjustable Low Dropout Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3336 Datasheet(HTML) 5 Page - Analog Devices

  ADP3336_15 Datasheet HTML 1Page - Analog Devices ADP3336_15 Datasheet HTML 2Page - Analog Devices ADP3336_15 Datasheet HTML 3Page - Analog Devices ADP3336_15 Datasheet HTML 4Page - Analog Devices ADP3336_15 Datasheet HTML 5Page - Analog Devices ADP3336_15 Datasheet HTML 6Page - Analog Devices ADP3336_15 Datasheet HTML 7Page - Analog Devices ADP3336_15 Datasheet HTML 8Page - Analog Devices ADP3336_15 Datasheet HTML 9Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
REV.
–5–
ADP3336
VOUT = 2.2V
RL = 4.4
CL = 1 F
TIME –
s
3.000
3.500
2.179
2.189
2.190
2.200
2.210
40
80
140
180
TPC 10. Line Transient Response
VOUT = 2.2V
VIN = 6V
CL = 10 F
TIME –
s
0
200
400
2.1
2.2
2.3
200
400
600
800
TPC 13 Load Transient Response
FREQUENCY – Hz
10
100
1k
10k
100k
1M
10M
–20
–30
–40
–50
–60
–70
–80
–90
CL = 1 F
IL = 500mA
CL = 1 F
IL = 50 A
CL = 10 F
IL = 500mA
CL = 10 F
IL = 50 A
VOUT = 2.2V
TPC 16. Power Supply Ripple
Rejection
VOUT = 2.2V
RL = 4.4
CL = 10 F
TIME –
s
3.000
3.500
2.179
2.189
2.190
2.200
2.210
40
80
140
180
TPC 11. Line Transient Response
TIME –
s
0
1
2
0
2.2
200
400
600
800
VIN = 4V
800m
SHORT
FULL SHORT
3
TPC 14. Short Circuit Current
120
160
050
10
20
30
40
100
80
60
140
CL – F
40
20
0
VOUT = 2.0V
CNR = 10nF
I
L = 0mA WITH NOISE REDUCTION
I
L = 0mA WITHOUT
NOISE REDUCTION
I
L = 500mA WITHOUT
NOISE REDUCTION
I
L = 500mA WITH
NOISE REDUCTION
TPC 17. RMS Noise vs. CL
(10 Hz–100 kHz)
VIN = 6V
VOUT = 2.2V
CL = 1 F
TIME –
s
200
400
600
800
0
200
400
2.1
2.2
2.3
TPC 12. Load Transient Response
TIME –
s
0
2
0
1
200
400
600
800
10 F
2
3
VIN = 6V
VOUT = 2.2V
RL = 4.4
1 F
10 F
1 F
TPC 15. Turn On–Turn Off Response
FREQUENCY – Hz
100
10
100
1M
1k
10k
100k
10
1
0.1
0.01
0.001
VOUT = 2.2V
IL = 1mA
CL = 1 F
CNR = 0
CL = 10 F
CNR = 0
CL = 1 F
CNR = 10nF
CL = 10 F
CNR = 10nF
TPC 18. Output Noise Density
A


Similar Part No. - ADP3336_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3336 AD-ADP3336 Datasheet
364Kb / 8P
   High Accuracy Ultralow IQ, 500 mA anyCAP Adjustable Low Dropout Regulator
REV. 0
ADP3336 AD-ADP3336 Datasheet
847Kb / 13P
   Customer supplied 6 V to 12 V bench supply
ADP3336 AD-ADP3336 Datasheet
443Kb / 9P
   Evaluation Board for the ADA4571-2 Integrated AMR Angle Sensor and Signal Conditioner
Rev. 0
More results

Similar Description - ADP3336_15

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK73200 TOKO-TK73200 Datasheet
92Kb / 12P
   ADJUSTABLE LOW DROPOUT REGULATOR
TK11900 TOKO-TK11900 Datasheet
73Kb / 10P
   ADJUSTABLE LOW DROPOUT REGULATOR
logo
Analog Devices
ADP3334 AD-ADP3334_15 Datasheet
432Kb / 11P
   Adjustable Low Dropout Regulator
REV. C
logo
Analog Intergrations Co...
AIC1741 AIC-AIC1741 Datasheet
77Kb / 6P
   LOW DROPOUT ADJUSTABLE REGULATOR
logo
Microsemi Corporation
LX8941 MICROSEMI-LX8941_11 Datasheet
157Kb / 5P
   Adjustable Low Dropout Regulator
LX8941 MICROSEMI-LX8941 Datasheet
125Kb / 3P
   ADJUSTABLE LOW DROPOUT REGULATOR
logo
Texas Instruments
LM2991 TI1-LM2991 Datasheet
1Mb / 19P
[Old version datasheet]   Negative Low Dropout Adjustable Regulator
logo
National Semiconductor ...
LM2991QML NSC-LM2991QML Datasheet
688Kb / 13P
   Negative Low Dropout Adjustable Regulator
LM2941 NSC-LM2941_07 Datasheet
342Kb / 14P
   1A Low Dropout Adjustable Regulator
logo
Texas Instruments
LM2941QML TI1-LM2941QML_16 Datasheet
399Kb / 16P
[Old version datasheet]   1A Low Dropout Adjustable Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com