Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC4672 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # 2SC4672
Description  NPN Plastic-Encapsulate Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

2SC4672 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  2SC4672_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH 2SC4672_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
2SC4672
500 mW, 60 V
NPN Plastic-Encapsulate Transistor
10-Dec-2013 Rev. C
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.

Base

Emitter
Collector

RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Excellent DC current gain characteristics.
Complements the 2SA1797
CLASSIFICATION OF hFE
Rank
2SC4672-P
2SC4672-Q
2SC4672-R
Range
82~180
120~270
180~390
Marking
DKP
DKQ
DKR
PACKAGE INFORMATION
Package
MPQ
Leader Size
SOT-89
1K
7 inch
ABSOLUTE MAXIMUM RATINGS (TA = 25°C unless otherwise specified)
PARAMETER
SYMBOL
RATING
UNIT
Collector to Base Voltage
VCBO
60
V
Collector to Emitter Voltage
VCEO
50
V
Emitter to Base Voltage
VEBO
6
V
Continuous Collector Current
IC
2
A
Collector Power Dissipation
PC
500
mW
Thermal Resistance From Junction To Ambient
RθJA
250
°C / W
Junction, Storage Temperature
TJ, TSTG
150, -55~150
°C
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise specified)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
TEST CONDITION
Collector to Base Breakdown Voltage
V(BR)CBO
60
-
-
V
IC=50μA, IE = 0
Collector to Emitter Breakdown Voltage
V(BR)CEO
50
-
-
V
IC=1mA, IB = 0
Emitter to Base Breakdown Voltage
V(BR)EBO
6
-
-
V
IE=50μA, IC = 0
Collector Cut-Off Current
ICBO
-
-
0.1
μA
VCB=60 V, IE = 0
Emitter Cut-Off Current
IEBO
-
0.1
μA
VEB=5 V, IC = 0
DC Current Gain
hFE
82
-
390
VCE=2V, IC=0.5A
Collector to Emitter Saturation Voltage
VCE(sat)
-
-
0.35
V
IC=1A, IB=50mA
Transition Frequency
fT
-
210
-
MHz
VCE =2V, IC =0.5A, f = 100 MHz
Collector Output Capacitance
Cob
-
25
-
pF
VCB = 10V, IE = 0 , f=1MHz
SOT-89
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
4.40
4.60
G
0.40
0.58
B
3.94
4.25
H
1.50 TYP
C
1.40
1.60
J
3.00 TYP
D
2.25
2.60
K
0.32
0.52
E
1.50
1.85
L
0.35
0.44
F
0.89
1.20
A
E
C
D
B
K
H
F
G
L
J
1
2
3
4


Similar Part No. - 2SC4672_15

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SC4672 KEXIN-2SC4672_15 Datasheet
1Mb / 2P
   NPN Transistors
More results

Similar Description - 2SC4672_15

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
2SD2142 SECOS-2SD2142 Datasheet
218Kb / 2P
   NPN Plastic Plastic-Encapsulate Transistor
2SD2114 SECOS-2SD2114_15 Datasheet
413Kb / 3P
   NPN Plastic-Encapsulate Transistor
2SD2142 SECOS-2SD2142_15 Datasheet
335Kb / 2P
   NPN Plastic-Encapsulate Transistor
2SD601A SECOS-2SD601A_15 Datasheet
58Kb / 1P
   NPN Plastic-Encapsulate Transistor
2SC2859 SECOS-2SC2859_15 Datasheet
526Kb / 2P
   NPN Plastic-Encapsulate Transistor
2SC2883 SECOS-2SC2883_15 Datasheet
370Kb / 3P
   NPN Plastic-Encapsulate Transistor
2SC4215 SECOS-2SC4215_15 Datasheet
195Kb / 3P
   NPN Plastic-Encapsulate Transistor
BCP3669 SECOS-BCP3669_15 Datasheet
191Kb / 2P
   NPN Plastic-Encapsulate Transistor
BC817W SECOS-BC817W_15 Datasheet
240Kb / 2P
   NPN Plastic Encapsulate Transistor
M8050T SECOS-M8050T_15 Datasheet
64Kb / 1P
   NPN Plastic Encapsulate Transistor
logo
Weitron Technology
2SD2098 WEITRON-2SD2098 Datasheet
111Kb / 5P
   NPN Plastic-Encapsulate Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com