Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL43841 Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL43841
Description  Low-Voltage, Single and Dual Supply, Dual 4 to 1 Multiplexer Analog Switch with Latch
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL43841 Datasheet(HTML) 4 Page - Intersil Corporation

  ISL43841 Datasheet HTML 1Page - Intersil Corporation ISL43841 Datasheet HTML 2Page - Intersil Corporation ISL43841 Datasheet HTML 3Page - Intersil Corporation ISL43841 Datasheet HTML 4Page - Intersil Corporation ISL43841 Datasheet HTML 5Page - Intersil Corporation ISL43841 Datasheet HTML 6Page - Intersil Corporation ISL43841 Datasheet HTML 7Page - Intersil Corporation ISL43841 Datasheet HTML 8Page - Intersil Corporation ISL43841 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
Latch Setup Time, tS
(See Figure 4)
25
25
-
-
ns
Full
35
-
-
ns
Latch Hold Time, tH
(See Figure 4)
25
0
-
-
ns
Full
0
-
-
ns
Latch Pulse Width, tWPW
(See Figure 4)
25
15
-
-
ns
Full
25
-
-
ns
Charge Injection, Q
CL = 1.0nF, VG = 0V, RG = 0Ω, (See Figure 2)
25
-
0.3
1
pC
NO/NC OFF Capacitance, COFF
f = 1MHz, VNO = VCOM = 0V, (See Figure 8)
25
-
3
-
pF
COM OFF Capacitance, COFF
f = 1MHz, VNO = VCOM = 0V, (See Figure 8)
25
-
12
-
pF
COM ON Capacitance, CCOM(ON)
f = 1MHz, VNO = VCOM = 0V, (See Figure 8)
25
-
18
-
pF
OFF Isolation
RL = 50Ω, CL = 15pF, f = 100kHz, VNO = 1VRMS,
(See Figures 5 and 7)
25
-
92
-
dB
Crosstalk, (Note 8)
25
-
≤110
-
dB
All Hostile Crosstalk, (Note 8)
25
-
-105
-
dB
POWER SUPPLY CHARACTERISTICS
Power Supply Range
Full
±2-
±6V
Positive Supply Current, I+
VS = ±5.5V, VLATCHH, VADD = 0V or V+,
Switch On or Off
25
-1
0.1
1
µA
Full
-1
-
1
µA
Negative Supply Current, I-
25
-1
0.1
1
µA
Full
-1
-
1
µA
NOTES:
3. VIN = logic voltage to configure the device in a given state.
4. The algebraic convention, whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet.
5.
∆RON = RON (MAX) - RON (MIN).
6. Flatness is defined as the difference between maximum and minimum value of on-resistance over the specified analog signal range.
7. Leakage parameter is 100% tested at high temp, and guaranteed by correlation at 25oC.
8. Between any two switches.
Electrical Specifications + 12V Supply
Test Conditions: V+ = +10.8V to +13.2V, GND = 0V, VINH = 4V, VINL = 0.8V (Note 3),
Unless Otherwise Specified
PARAMETER
TEST CONDITIONS
TEMP
(oC)
(NOTE 4)
MIN
TYP
(NOTE 4)
MAX
UNITS
ANALOG SWITCH CHARACTERISTICS
Analog Signal Range, VANALOG
Full
0
-
V+
V
ON Resistance, RON
V+ = 10.8V, ICOM = 1.0mA, VNO = 9V, (See Figure 6)
25
-
37
45
Full
-
55
RON Matching Between Channels,
∆R
ON
V+ = 10.8V, ICOM = 1.0mA, VNO = 9V, (Note 5)
25
-
1.2
2
Full
-
-
2
RON Flatness, RFLAT(ON)
V+ = 10.8V, ICOM = 1.0mA, VNO = 3V, 6V, 9V, (Note 6)
25
-
5
7
Full
-
-
7
NO or NC OFF Leakage Current,
INO(OFF) or INC(OFF)
V+ = 13.2V, VCOM = 1V, 12V, VNO = 12V, 1V, (Note 7)
25
-0.1
0.002
0.1
nA
Full
-2.5
-
2.5
nA
Electrical Specifications:
±5V Supply
Test Conditions: VSUPPLY = ±4.5V to ±5.5V, GND = 0V, VINH = 2.4V, VINL = 0.8V (Note 3),
Unless Otherwise Specified (Continued)
PARAMETER
TEST CONDITIONS
TEMP
(oC)
(NOTE 4)
MIN
TYP
(NOTE 4)
MAX
UNITS
ISL43841


Similar Part No. - ISL43841

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL43841 INTERSIL-ISL43841 Datasheet
490Kb / 14P
   Low-Voltage, Single and Dual Supply, Dual 4 to 1 Multiplexer Analog Switch with Latch
logo
Renesas Technology Corp
ISL43841 RENESAS-ISL43841 Datasheet
892Kb / 15P
   Low-Voltage, Single and Dual Supply, Dual 4 to 1 Multiplexer Analog Switch with Latch
logo
Intersil Corporation
ISL43841IR INTERSIL-ISL43841IR Datasheet
490Kb / 14P
   Low-Voltage, Single and Dual Supply, Dual 4 to 1 Multiplexer Analog Switch with Latch
logo
Renesas Technology Corp
ISL43841IR RENESAS-ISL43841IR Datasheet
892Kb / 15P
   Low-Voltage, Single and Dual Supply, Dual 4 to 1 Multiplexer Analog Switch with Latch
logo
Intersil Corporation
ISL43841IRZ INTERSIL-ISL43841IRZ Datasheet
490Kb / 14P
   Low-Voltage, Single and Dual Supply, Dual 4 to 1 Multiplexer Analog Switch with Latch
More results

Similar Description - ISL43841

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL43841 RENESAS-ISL43841 Datasheet
892Kb / 15P
   Low-Voltage, Single and Dual Supply, Dual 4 to 1 Multiplexer Analog Switch with Latch
logo
Intersil Corporation
ISL43841 INTERSIL-ISL43841_04 Datasheet
490Kb / 14P
   Low-Voltage, Single and Dual Supply, Dual 4 to 1 Multiplexer Analog Switch with Latch
ISL43840 INTERSIL-ISL43840_06 Datasheet
471Kb / 14P
   Low-Voltage, Single and Dual Supply, Dual 4 to 1 Multiplexer Analog Switch with Enable
ISL43840 INTERSIL-ISL43840 Datasheet
505Kb / 14P
   Low-Voltage, Single and Dual Supply, Dual 4 to 1 Multiplexer Analog Switch with Enable
logo
Renesas Technology Corp
ISL43840 RENESAS-ISL43840 Datasheet
757Kb / 14P
   Low-Voltage, Single and Dual Supply, Dual 4 to 1 Multiplexer Analog Switch with Enable
logo
Intersil Corporation
ISL43840IR INTERSIL-ISL43840IR Datasheet
474Kb / 14P
   Low-Voltage, Single and Dual Supply,Dual 4 to 1 Multiplexer Analog Switch with Enable
March 13, 2006
ISL84051_0710 INTERSIL-ISL84051_0710 Datasheet
443Kb / 18P
   Low Voltage, Single and Dual Supply, 8 to 1 Multiplexer, Dual 4 to 1 Multiplexer and a Triple SPDT Analog Switch
logo
Renesas Technology Corp
ISL84051 RENESAS-ISL84051 Datasheet
919Kb / 19P
   Low Voltage, Single and Dual Supply, 8-to-1 Multiplexer, Dual 4-to-1 Multiplexer and a Triple SPDT Analog Switch
logo
Intersil Corporation
ISL84051 INTERSIL-ISL84051_07 Datasheet
441Kb / 18P
   Low Voltage, Single and Dual Supply, 8 to 1 Multiplexer, Dual 4 to 1 Multiplexer and a Triple SPDT Analog Switch
ISL84053IAZ-T INTERSIL-ISL84053IAZ-T Datasheet
784Kb / 19P
   Low Voltage, Single and Dual Supply, 8-to-1 Multiplexer, Dual 4-to-1 Multiplexer and a Triple SPDT Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com