Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL43231IR Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL43231IR
Description  Low-Voltage, Single and Dual Supply, Triple SPDT Analog Switch
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL43231IR Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL43231IR Datasheet HTML 4Page - Intersil Corporation ISL43231IR Datasheet HTML 5Page - Intersil Corporation ISL43231IR Datasheet HTML 6Page - Intersil Corporation ISL43231IR Datasheet HTML 7Page - Intersil Corporation ISL43231IR Datasheet HTML 8Page - Intersil Corporation ISL43231IR Datasheet HTML 9Page - Intersil Corporation ISL43231IR Datasheet HTML 10Page - Intersil Corporation ISL43231IR Datasheet HTML 11Page - Intersil Corporation ISL43231IR Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
8
Input Current, IENH, ILEH
V+ = 3.6V, VINH, VADD = 0V or V+
Full
-1.5
-
1.5
µA
Input Current, IENL, ILEL
V+ = 3.6V, VINH, VADD = 0V or V+
Full
-4
-
4
µA
DYNAMIC CHARACTERISTICS
Enable Turn-ON Time, tON
V+ = 3.0V, VNO or VNC = 1.5V, RL = 300Ω, CL = 35pF,
VIN = 0 to 3V (See Figure 1)
25
-
82
100
ns
Full
-
-
120
ns
Enable Turn-OFF Time, tOFF
V+ = 3.0V, VNO or VNC = 1.5V, RL = 300Ω, CL = 35pF,
VIN = 0 to 3V (See Figure 1)
25
-
37
50
ns
Full
-
-
60
ns
Address Transition Time, tTRANS
V+ = 3.0V, VNO or VNC = 1.5V, RL = 300Ω, CL = 35pF,
VIN = 0 to 3V (See Figure 1)
25
-
96
120
ns
Full
-
-
145
ns
Break-Before-Make Time, tBBM
V+ = 3.6V, VNO or VNC = 1.5V, RL = 300Ω, CL = 35pF,
VIN = 0 to 3V (See Figure 3)
Full
3
13
-
ns
Latch Setup Time, tS
(See Figure 4)
25
50
-
-
ns
Full
60
-
-
ns
Latch Hold Time, tH
(See Figure 4)
25
0
-
-
ns
Full
0
-
-
ns
Latch Pulse Width, tWPW
(See Figure 4)
25
30
-
-
ns
Full
40
-
-
ns
Charge Injection, Q
CL = 1.0nF, VG = 0V, RG = 0Ω (See Figure 2)
25
-
0.3
1
pC
OFF Isolation
RL = 50Ω, CL = 15pF, f = 100kHz,
VNOx or VNCx= 1VRMS (See Figures 5, 7 and 20)
25
-
92
-
dB
Crosstalk, Note 8
25
-
<-110
-
dB
All Hostile Crosstalk, Note 8
25
-
-105
1.5
dB
POWER SUPPLY CHARACTERISTICS
Power Supply Range
Full
2
-
12
V
Positive Supply Current, I+
V+ = 3.6V, V- = 0V, VINH, VADD = 0V or V+,
Switch On or Off
Full
-7
-
7
µA
Positive Supply Current, I-
Full
-1
-
1
µA
Electrical Specifications 3.3V Supply
Test Conditions: V+ = +3.0V to +3.6V, V- = GND = 0V, VINH = 2.4V, VINL = 0.8V (Note 3),
Unless Otherwise Specified (Continued)
PARAMETER
TEST CONDITIONS
TEMP
(oC)
MIN
(NOTE 4)
TYP
MAX
(NOTE 4)UNITS
ISL43231


Similar Part No. - ISL43231IR

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL43231IR INTERSIL-ISL43231IR Datasheet
491Kb / 15P
   Low-Voltage, Single and Dual Supply, Triple SPDT Analog Switch
ISL43231IRZ INTERSIL-ISL43231IRZ Datasheet
491Kb / 15P
   Low-Voltage, Single and Dual Supply, Triple SPDT Analog Switch
logo
Renesas Technology Corp
ISL43231IRZ RENESAS-ISL43231IRZ Datasheet
938Kb / 16P
   Low-Voltage, Single and Dual Supply, Triple SPDT Analog Switch
More results

Similar Description - ISL43231IR

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL43231 INTERSIL-ISL43231_06 Datasheet
491Kb / 15P
   Low-Voltage, Single and Dual Supply, Triple SPDT Analog Switch
logo
Renesas Technology Corp
ISL43231 RENESAS-ISL43231 Datasheet
938Kb / 16P
   Low-Voltage, Single and Dual Supply, Triple SPDT Analog Switch
logo
Maxim Integrated Produc...
MAX4736 MAXIM-MAX4736 Datasheet
332Kb / 11P
   0.8?? Low-Voltage, Single-Supply, Dual SPDT Analog Switch
Rev 0; 4/02
logo
ON Semiconductor
NLAS4599 ONSEMI-NLAS4599_11 Datasheet
132Kb / 11P
   Low Voltage Single Supply SPDT Analog Switch
March, 2011 ??Rev. 11
NLAST4599 ONSEMI-NLAST4599_17 Datasheet
133Kb / 12P
   Low Voltage Single Supply SPDT Analog Switch
August, 2017 ??Rev. 9
NLAST4599 ONSEMI-NLAST4599 Datasheet
120Kb / 12P
   Low Voltage Single Supply SPDT Analog Switch
November, 2002 - Rev. 6
NLAST4599 ONSEMI-NLAST4599_06 Datasheet
138Kb / 12P
   Low Voltage Single Supply SPDT Analog Switch
May, 2006 ??Rev. 8
NLAS4599 ONSEMI-NLAS4599 Datasheet
100Kb / 11P
   Low Voltage Single Supply SPDT Analog Switch
June, 2006 ??Rev. 9
logo
Intersil Corporation
ISL43210 INTERSIL-ISL43210_07 Datasheet
304Kb / 12P
   Low-Voltage, Single Supply, Single SPDT Analog Switch
logo
Renesas Technology Corp
ISL43210 RENESAS-ISL43210 Datasheet
625Kb / 12P
   Low-Voltage, Single Supply, Single SPDT Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com