Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UF08B Datasheet(PDF) 1 Page - Cynergy3 Co

Part # UF08B
Description  device at a fraction of the cost of other current non-invasive systems
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYNERGY3 [Cynergy3 Co]
Direct Link  http://www.cynergy3.com
Logo CYNERGY3 - Cynergy3 Co

UF08B Datasheet(HTML) 1 Page - Cynergy3 Co

  UF08B Datasheet HTML 1Page - Cynergy3 Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Non-invasive sensor technology
Fully electronic, no moving parts
Automatic viscosity and
temperature compensation
Pulse or analogue output selectable
Low pressure drop
LED indication of no liquid &
of flow rate
Operation
Principle
Ultrasonic transit time in-line flow cell
Temp. range (fluid)
-10°C to 85°C
Continuous fluid sound
Maintains performance regardless of fluid type, temperature
or viscosity for speed measurement fluids with sound speeds
1250 - 1750 m/s
Interface
Connection 8 wires (RED supply +ve, BLACK ground, Blue NPN output, Yellow Data in, White PNP
output, Orange Voltage output, Brown Current output, Green Ground connected internally to black)
Supply
8 - 24VDC (input current <15mA @ 24VDC)
Output selectable
1000 pulses/L
0-5Vdc
4-20mA
Performance
Accuracy for flow rates between Q2 and Q4
3% of reading
Accuracy for flow rates between Q1 and Q2
5% of reading
Resolution better than
0.001L/min
Reverse flow
0-8L/min
Response time
Better than 0.1s
This innovative design provides a high accuracy, non-invasive, flow measurement
device at a fraction of the cost of other current non-invasive systems. The unique
measurement technique automatically compensates for viscosity and temperature
variations. The measurement of flow is by ultrasonic transit time in-line cell.
The flow path is designed to minimise pressure drop and, having no moving parts
within, will not clog or jam. The sensor also allows contaminants to pass through
without affecting its performance.
The sensor is supplied with pulse and analogue outputs, which are selectable by
connection wires..
Technical Specifications
Max. flow L/min (Q4)
8
Transitional flow (Q2)
0.4
Min. flow L/min (Q1)
0.1
Output selectable
Pulse
Analogue
Cable length (cms)
Output (B = selectable)
Physical characteristics
Flow tube material
Glass filled plastic, Grivory HTV-4FWA Black 9225
(FDA and EU approved for foodstuffs)
Flow tube internal diameter
7mm
Connection thread
3/8” straight tube
Internal bore of connection
7mm
Suitable Pushfit adaptor (to fit 3/8” OD Tube)
John Guest Speedfit PI0412S
Maximum pressure
10 bar
Case material
ABS black, Polylac PA-757
Case integrity
Ultrasonically welded, not liquid proof
Connection
8 core, PVC sheathed, 100cm long standard
Environmental protection
Internal electronics conformally coated.
UF 08 B 100
Ordering Code
Series
Flow range (8= 0 to 8L/min)
Ultrasonic Flow Meter UF08B
Cynergy3 Components Ltd.
7 Cobham Road
Ferndown Industrial Estate
Wimborne, Dorset BH21 7PE
Telephone +44 (0) 1202 897969
Email:sales@cynergy3.com
ISO
9001CERTIFIED
© 2011 Cynergy3 Components, All Rights Reserved. Specifications are subject to change without prior notice. Cynergy3 Components and the Cynergy3 Components logo are trademarks of Cynergy3 Components Limited.
www.cynergy3.com


Similar Part No. - UF08B

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
UF08-00 FCI-UF08-00 Datasheet
112Kb / 2P
   8.0 Amp ULTRAFAST PLASTIC RECTIFIERS
UF08-01 FCI-UF08-01 Datasheet
112Kb / 2P
   8.0 Amp ULTRAFAST PLASTIC RECTIFIERS
UF08-01A FCI-UF08-01A Datasheet
112Kb / 2P
   8.0 Amp ULTRAFAST PLASTIC RECTIFIERS
UF08-02 FCI-UF08-02 Datasheet
112Kb / 2P
   8.0 Amp ULTRAFAST PLASTIC RECTIFIERS
UF08-03 FCI-UF08-03 Datasheet
112Kb / 2P
   8.0 Amp ULTRAFAST PLASTIC RECTIFIERS
More results

Similar Description - UF08B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN533 STMICROELECTRONICS-AN533 Datasheet
222Kb / 22P
   The behavior of a semiconductor device depends
AN2725 STMICROELECTRONICS-AN2725 Datasheet
177Kb / 8P
   a brief description of the TS2012 device
logo
Freescale Semiconductor...
MC68HC705J2 FREESCALE-MC68HC705J2 Datasheet
2Mb / 82P
   member of the low-cost
logo
NXP Semiconductors
68HC805K3 NXP-68HC805K3 Datasheet
1Mb / 119P
   The low-cost MC68HC805K3 microcontroller is a member of the M68HC805 Family of microprocessors.
Rev. 1.0
logo
Texas Instruments
LM1117-N TI-LM1117-N Datasheet
2Mb / 32P
[Old version datasheet]   The LM1117-N is a series of low dropout voltage regulators with a dropout of 1.2V at 800mA of load current.
logo
Freescale Semiconductor...
MC68HC908EY16A FREESCALE-MC68HC908EY16A Datasheet
3Mb / 292P
   a member of the low-cost, high-performance M68HC08 Family of 8-bit
logo
Texas Instruments
LM1085 TI-LM1085 Datasheet
2Mb / 22P
[Old version datasheet]   The LM1085 is a series of low dropout positive voltage regulators with a maximum dropout of 1.5V at 3A of load current.
ADS8568EVM-PDK TI1-ADS8568EVM-PDK Datasheet
5Mb / 23P
[Old version datasheet]   The ADS8568EVM allows evaluation of all aspects of the ADS8568 device.
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-Y601 AVAGO-HLMP-Y601 Datasheet
70Kb / 3P
   The junction temperature of the device determines
logo
STMicroelectronics
EV-VND5E160J STMICROELECTRONICS-EV-VND5E160J Datasheet
134Kb / 8P
   The diagnostic feedback of the whole device
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com