Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NX7639BB-AA Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # NX7639BB-AA
Description  1 625 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NX7639BB-AA Datasheet(HTML) 4 Page - Renesas Technology Corp

  NX7639BB-AA_15 Datasheet HTML 1Page - Renesas Technology Corp NX7639BB-AA_15 Datasheet HTML 2Page - Renesas Technology Corp NX7639BB-AA_15 Datasheet HTML 3Page - Renesas Technology Corp NX7639BB-AA_15 Datasheet HTML 4Page - Renesas Technology Corp NX7639BB-AA_15 Datasheet HTML 5Page - Renesas Technology Corp NX7639BB-AA_15 Datasheet HTML 6Page - Renesas Technology Corp NX7639BB-AA_15 Datasheet HTML 7Page - Renesas Technology Corp NX7639BB-AA_15 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Data Sheet PL10795EJ01V0DS
2
NX7639BB-AA
PACKAGE DIMENSIONS (UNIT: mm)
Optical Fiber
SMF
Length: 1 m MIN.
φ 0.9
φ 7.0
12.7
17.0
φ 0.45
P.C.D. =
2
φ
CASE
2
1
PIN CONNECTIONS
LD
4
3
2
1
7.0
OPTICAL FIBER CHARACTERISTICS
Parameter
Specification
Unit
Mode Field Diameter
9.5
±1
μm
Cladding Diameter
125
±2
μm
Maximum Cladding Noncircularity
2
%
Maximum Core/Cladding Concentricity
1.6
%
Outer Diameter
0.9
±0.1
mm
Cut-off Wavelength
1 140 to 1 280
nm
Minimum Fiber Bending Radius
30
mm
Fiber Length
1 000 MIN.
mm
Ferrule
Fiber Length: 1 000 mm MIN.


Similar Part No. - NX7639BB-AA_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NX7639BB-AA RENESAS-NX7639BB-AA Datasheet
201Kb / 8P
   1 625 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
logo
California Eastern Labs
NX7639BB-AA CEL-NX7639BB-AA Datasheet
183Kb / 5P
   1 625 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
More results

Similar Description - NX7639BB-AA_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NX7637BF-AA RENESAS-NX7637BF-AA_15 Datasheet
200Kb / 8P
   1 625 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
NX7639BB-AA RENESAS-NX7639BB-AA Datasheet
201Kb / 8P
   1 625 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
logo
California Eastern Labs
NX7637BF-AA CEL-NX7637BF-AA Datasheet
182Kb / 5P
   1 625 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
NX7639BB-AA CEL-NX7639BB-AA Datasheet
183Kb / 5P
   1 625 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
logo
Renesas Technology Corp
NX7637BF-AA RENESAS-NX7637BF-AA Datasheet
200Kb / 8P
   1 625 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
logo
California Eastern Labs
NX8369TS CEL-NX8369TS Datasheet
213Kb / 9P
   LASER DIODE 1 625 nm InGaAsP MQW-DFB LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
NX8601BF-AA CEL-NX8601BF-AA Datasheet
482Kb / 5P
   LASER DIODE 1 625 nm InGaAsP MQW-DFB LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
NX7539BB-AA CEL-NX7539BB-AA Datasheet
869Kb / 5P
   1 550 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
NX7537BF-AA CEL-NX7537BF-AA Datasheet
887Kb / 5P
   1 550 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
logo
Renesas Technology Corp
NX8601BF-AA RENESAS-NX8601BF-AA_15 Datasheet
185Kb / 6P
   LASER DIODE 1 625 nm InGaAsP MQW-DFB LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com