Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NP30N04QUK Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # NP30N04QUK
Description  40 V ??30 A ??Dual N-channel Power MOS FET Application: Automotive
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NP30N04QUK Datasheet(HTML) 5 Page - Renesas Technology Corp

  NP30N04QUK_15 Datasheet HTML 1Page - Renesas Technology Corp NP30N04QUK_15 Datasheet HTML 2Page - Renesas Technology Corp NP30N04QUK_15 Datasheet HTML 3Page - Renesas Technology Corp NP30N04QUK_15 Datasheet HTML 4Page - Renesas Technology Corp NP30N04QUK_15 Datasheet HTML 5Page - Renesas Technology Corp NP30N04QUK_15 Datasheet HTML 6Page - Renesas Technology Corp NP30N04QUK_15 Datasheet HTML 7Page - Renesas Technology Corp NP30N04QUK_15 Datasheet HTML 8Page - Renesas Technology Corp NP30N04QUK_15 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
NP30N04QUK
R07DS1227EJ0100 Rev.1.00
Page 5 of 7
Nov 18, 2014
FORWARD TRANSFER CHARACTERISTICS
0.001
0.01
0.1
1
10
100
012
4
35
6
VGS - Gate to Source Voltage - V
GATE TO SOURCE THRESHOLD VOLTAGE vs.
CHANNEL TEMPERATURE
0
1
2
4
3
–100
–50
0
50
100
150
200
Tch - Channel Temperature - °C
FORWARD TRANSFER ADMITTANCE vs.
DRAIN CURRENT
1
10
100
0.1
1
10
100
ID - Drain Current - A
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
DRAIN CURRENT
0
4
16
12
8
14
10
2
6
0
4
16
12
8
14
10
2
6
0.1
1
10
100
1000
ID - Drain Current - A
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
GATE TO SOURCE VOLTAGE
0
5
10
15
20
VGS - Gate to Source Voltage - V
DRAIN CURRENT vs.
DRAIN TO SOURCE VOLTAGE
0
20
60
140
40
80
100
120
01.2
0.2
0.4
0.6
0.8
1.0
VDS - Drain to Source Voltage - V
VDS = 10 V
Pulsed
VGS = 10 V
Pulsed
VDS = 5 V
Pulsed
T
A = –55°C
–40°C
25°C
75°C
125°C
175°C
T
A = –55°C
–40°C
25°C
75°C
125°C
175°C
I
D = 6 A
15 A
30 A
VDS = VGS
ID = 250 μA
VGS = 10 V
Pulsed
Pulsed


Similar Part No. - NP30N04QUK_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NP30N04QUK-E1-AY RENESAS-NP30N04QUK-E1-AY Datasheet
703Kb / 9P
   40 V – 30 A – Dual N-channel Power MOS FET Application: Automotive
May 24, 2018
NP30N04QUK-E2-AY RENESAS-NP30N04QUK-E2-AY Datasheet
703Kb / 9P
   40 V – 30 A – Dual N-channel Power MOS FET Application: Automotive
May 24, 2018
More results

Similar Description - NP30N04QUK_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NP30N04QUK RENESAS-NP30N04QUK Datasheet
703Kb / 9P
   40 V – 30 A – Dual N-channel Power MOS FET Application: Automotive
May 24, 2018
NP50N04YUK RENESAS-NP50N04YUK_15 Datasheet
122Kb / 8P
   40 V ??50 A ??N-channel Power MOS FET Application: Automotive
NP50N04YUK RENESAS-NP50N04YUK_V01 Datasheet
275Kb / 8P
   40 V – 50 A – N-channel Power MOS FET Application: Automotive
May 24, 2018
NP60N04VLK RENESAS-NP60N04VLK_V01 Datasheet
577Kb / 8P
   40 V – 60 A – N-channel Power MOS FET Application: Automotive
May 24, 2018
NP40N10YDF RENESAS-NP40N10YDF_13 Datasheet
162Kb / 11P
   100 V ??40 A ??N-channel Power MOS FET Application: Automotive
N60N04VDK RENESAS-N60N04VDK Datasheet
272Kb / 8P
   40 V ??60 A ??N-channel Power MOS FET Application: Automotive
NP90N04VDK RENESAS-NP90N04VDK Datasheet
273Kb / 8P
   40 V – 90 A – N-channel Power MOS FET Application: Automotive
May 24, 2018
NP75N04VDK RENESAS-NP75N04VDK Datasheet
279Kb / 8P
   40 V – 75 A – N-channel Power MOS FET Application: Automotive
May 24, 2018
NP75N04VUK RENESAS-NP75N04VUK_15 Datasheet
101Kb / 8P
   40 V ??75 A ??N-channel Power MOS FET Application: Automotive
NP90N04VDK RENESAS-NP90N04VDK_15 Datasheet
114Kb / 8P
   40 V ??90 A ??N-channel Power MOS FET Application: Automotive
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com