Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RSF66A25B75P Datasheet(PDF) 1 Page - Cynergy3 Co

Part # RSF66A25B75P
Description  Dual switch point series with M12 connection
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYNERGY3 [Cynergy3 Co]
Direct Link  http://www.cynergy3.com
Logo CYNERGY3 - Cynergy3 Co

RSF66A25B75P Datasheet(HTML) 1 Page - Cynergy3 Co

  RSF66A25B75P Datasheet HTML 1Page - Cynergy3 Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.cynergy3.com
© 2013 Cynergy3 Components, All Rights Reserved. Specifications are subject to change without prior notice. Cynergy3 Components and the Cynergy3 Components logo are trademarks of Cynergy3 Components Limited.
ISO
9001CERTIFIED
RSF66P Series
Dual switch point series with M12 connection
Cynergy3 Components Ltd.
7 Cobham Road
Ferndown Industrial Estate
Wimborne, Dorset BH21 7PE
Telephone +44 (0) 1202 897969
Email:sales@cynergy3.com
The RSF66 float switch series is designed
to offer a number of switching options to
meet a variety of system requirements.
These are manufactured in PPS
(Polyphenylene Sulphide), which is
compatible with a wide range of liquids.
The single float types are generally used in
systems with PLC control of processes.
The dual float versions can be used for
controlling the filling or emptying of tanks
via electromechanical relays.
Mechanical Dimensions
Versions for Filling or Emptying Control
WRAS Approved
Custom versions can be made for particular applications. Please contact Cynergy3 with your requirements.
High & Low level switching
PPS material
M12 4 pin connection for quick connection to
circuit
Technical Specification ( Common to both Single and Double Float versions)
Mechanical
Electrical
Material
PPS
Switching power VA max.
25
Colour
Grey
Switching Voltage AC max
240
Temp. Range ºC
-10 / +85
Switching Voltage DC max
120
ºF
+14 / +185
Switching Current max A
0.6
Minimum Liquid SG
0.85
All electrical ratings are for resistive loads only.
Standard Parts
Upper switch
Lower switch
Total length
Single Float Versions
Level
Level
RSF66A25B75P
30mm
75mm
102mm
RSF66A25B100P
30mm
100mm
127mm
RSF66A25B125P
30mm
125mm
152mm
RSF66A25B150P
30mm
150mm
177mm
RSF66A25B175P
30mm
175mm
202mm
Dual Float Versions
RSF66A50A100P
Emptying Control
50mm
100mm
134mm
RSF66A50A150P
Emptying Control
50mm
150mm
184mm
RSF66B50B100P
Filling Control
50mm
100mm
127mm
RSF66B50B150P
Filling Control
50mm
150mm
177mm
RSF66A50A100P
RSF66B50B100P
RSF66B50B150P
RSF66A50A150P
1
2
3
4
Pins 1 & 2 lower switch
M12 connector
M12 connector
Pins 3 & 4 upper switch


Similar Part No. - RSF66A25B75P

ManufacturerPart #DatasheetDescription
logo
Cynergy3 Co
RSF66A25B75 CYNERGY3-RSF66A25B75 Datasheet
524Kb / 1P
   dual switch point series
More results

Similar Description - RSF66A25B75P

ManufacturerPart #DatasheetDescription
logo
Cynergy3 Co
SSF67PM12 CYNERGY3-SSF67PM12 Datasheet
244Kb / 1P
   Dual Switch Point Stainless with M12 connection
RSF66 CYNERGY3-RSF66 Datasheet
524Kb / 1P
   dual switch point series
SSF67 CYNERGY3-SSF67 Datasheet
332Kb / 1P
   dual switch point series
M12 CYNERGY3-M12 Datasheet
65Kb / 1P
   Cables for sensors with M12 round connection
logo
Mitsubishi Electric Sem...
M5172L MITSUBISHI-M5172L Datasheet
352Kb / 2P
   ZERO-CROSS POINT SWITCH
logo
Cynergy3 Co
SSF25 CYNERGY3-SSF25 Datasheet
411Kb / 1P
   BSP internal fitting switch with M12 plug
logo
Endress+Hauser Group Se...
TI00287F EH-TI00287F Datasheet
518Kb / 16P
   Point level switch with buildup compensation No calibration necessary
2019-05-02
logo
Cynergy3 Co
RSF43H100RF CYNERGY3-RSF43H100RF Datasheet
229Kb / 2P
   Flying Lead or M12 plug connection
RSF73H100RN CYNERGY3-RSF73H100RN Datasheet
276Kb / 2P
   Flying Lead or M12 plug connection
logo
Endress+Hauser Group Se...
TI01147F EH-TI01147F Datasheet
1Mb / 36P
   Point level switch for liquids
2021-01-26
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com