Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ILSEU-Gi120-D Datasheet(PDF) 1 Page - Cynergy3 Co

Part # ILSEU-Gi120-D
Description  External Mount Hydrostatic Level Transmitter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYNERGY3 [Cynergy3 Co]
Direct Link  http://www.cynergy3.com
Logo CYNERGY3 - Cynergy3 Co

ILSEU-Gi120-D Datasheet(HTML) 1 Page - Cynergy3 Co

  ILSEU-Gi120-D Datasheet HTML 1Page - Cynergy3 Co ILSEU-Gi120-D Datasheet HTML 2Page - Cynergy3 Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.cynergy3.com
© 2015 Cynergy3 Components, All Rights Reserved. Specifications are subject to change without prior notice. Cynergy3 Components and the Cynergy3 Components logo are trademarks of Cynergy3 Components Limited.
ISO
9001 CERTIFIED
ILSE
series
U
External Mount Hydrostatic Level Transmitter
Cynergy3 Components Ltd.
7 Cobham Road
Ferndown Industrial Estate
Wimborne, Dorset BH21 7PE
Telephone +44 (0) 1202 897969
Email:sales@cynergy3.com
The external mount hydrostatic level
transmitter, ILSEU, has a piezo-resistive
silicon pressure sensor which is an oil-
filled isolated diaphragm. The sensor and
housing are made from stainless steel with
a choice of internal O-ring seals to ensure
the product is suitable for a wide range of
applications.
The electronics incorporate a
microprocessor based amplifier, requiring
no adjusting and giving stable electronics,
especially in high vibration/shock
applications.
Every device is temperature compensated,
calibrated and supplied with a traceable
serial number and calibration certificate.
Accuracy < 0.2 % FS BFSL
±
5
Level ranges from 0-48" (0-4ft)
0-480" (0-40ft) water gauge
to
Piezo-resistive sensor
Various outputs including Volts and mA.
Suitable applications
Environmental engineering
Container or chamber level
Rainwater harvesting
Automotive testing
Static tank level
Vehicle tank level
Laboratory testing
IBC, IBC Tote or pallet tank
Performance
Accuracy (Non-Linearity
<±0. % / FS (BFSL)
& Hysteresis)
25
Setting Errors (offsets)
2-wire
Zero & Full Scale, <±0.5% / FS
3-wire
Zero & Full Scale, <±0.5% / FS
Permiss ble Load
2-wire
R
= [(VS-VSmin)/0.02]
i
max
W
3-wire
R = 10k
min
W
Influence Effects
Supply
<0.005% FS / 1V
Load
0.05% FSO / k
W
Electrical Protection
Supply reverse polarity
No damage but also no function
Electromagnetic compatibility
CE Compliant
Mechanical Stability
Shock
100g / 11s
Vibration
10g RMS (20 - 2000Hz)
Temperatures & Thermal Effects
Media Temperature
-40ºC to +125ºC
Ambient Temperature
-20ºC to +80ºC
Storage temperature
-40ºC to +125ºC
Compensated temperature range +20ºC to +80ºC
Thermal Zero Shift (TZS)
<±0.04% /FS/ºC
Thermal Span Shift (TSS)
<-0.015% /ºC
Material Specifications
Housing
303 Stainless Steel
“O” ring seals
Viton
Diaphragm
316L Stainless Steel
Media wetted parts
Housing & process connection, “O” ring
seal, diaphragm
Miscellaneous
Current consumption
2 -wire - limits at 28mA
3-wire - typical 6mA
Weight
Approx
100g
3.5oz (
)
Installation position
Any, small zero shift when tilted through 90º
Operational Life
> 100 x 10 cycles
6
Insulation resistance
> 50MOhms at 50Vdc
Input Pressure Ranges
Nominal level, Gauge,
0
inchWG
40
100
200
280
40
Permissible Overpressure
WG
0
0
0
0
0
inch
80
80
80
200
200
(Custom ranges available on request)


Similar Part No. - ILSEU-Gi120-D

ManufacturerPart #DatasheetDescription
logo
Cynergy3 Co
ILSE CYNERGY3-ILSE Datasheet
106Kb / 2P
   External Mount Hydrostatic Level Transmitter
ILSE-G0100-5 CYNERGY3-ILSE-G0100-5 Datasheet
106Kb / 2P
   External Mount Hydrostatic Level Transmitter
ILSE-G0100-D CYNERGY3-ILSE-G0100-D Datasheet
106Kb / 2P
   External Mount Hydrostatic Level Transmitter
ILSE-G0250-5 CYNERGY3-ILSE-G0250-5 Datasheet
106Kb / 2P
   External Mount Hydrostatic Level Transmitter
ILSE-G0250-D CYNERGY3-ILSE-G0250-D Datasheet
106Kb / 2P
   External Mount Hydrostatic Level Transmitter
More results

Similar Description - ILSEU-Gi120-D

ManufacturerPart #DatasheetDescription
logo
Cynergy3 Co
ILSE CYNERGY3-ILSE Datasheet
106Kb / 2P
   External Mount Hydrostatic Level Transmitter
logo
TT Electronics.
DS2801 TTELEC-DS2801 Datasheet
506Kb / 2P
   PFT Hydrostatic Level Sensor
logo
Fuji Electric
EDSX7-66H FUJI-EDSX7-66H Datasheet
266Kb / 12P
   LEVEL TRANSMITTER
EDSX7-60J FUJI-EDSX7-60J Datasheet
166Kb / 12P
   LEVEL TRANSMITTER
logo
Magnetrol International...
082-8003-404 MAGNETROL-082-8003-404 Datasheet
781Kb / 24P
   RF Level Transmitter
logo
Cynergy3 Co
ILS CYNERGY3-ILS Datasheet
56Kb / 2P
   Submersible Level Transmitter
ILSU CYNERGY3-ILSU Datasheet
60Kb / 2P
   Submersible Level Transmitter
logo
List of Unclassifed Man...
313L ETC2-313L Datasheet
92Kb / 2P
   SUBMERSIBLE LEVEL TRANSMITTER
logo
Fuji Electric
EDS7-65D FUJI-EDS7-65D Datasheet
167Kb / 4P
   WATER LEVEL TRANSMITTER
EDS7-63 FUJI-EDS7-63 Datasheet
108Kb / 8P
   OPTICAL LEVEL TRANSMITTER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com