Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ILS-G1002-110 Datasheet(PDF) 2 Page - Cynergy3 Co

Part # ILS-G1002-110
Description  Submersible Level Transmitter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYNERGY3 [Cynergy3 Co]
Direct Link  http://www.cynergy3.com
Logo CYNERGY3 - Cynergy3 Co

ILS-G1002-110 Datasheet(HTML) 2 Page - Cynergy3 Co

  ILS-G1002-110 Datasheet HTML 1Page - Cynergy3 Co ILS-G1002-110 Datasheet HTML 2Page - Cynergy3 Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.cynergy3.com
© 2014 Cynergy3 Components, All Rights Reserved. Specifications are subject to change without prior notice. Cynergy3 Components and the Cynergy3 Components logo are trademarks of Cynergy3 Components Limited.
ISO
9001 CERTIFIED
Electrical Protection
Supply reverse polarity protection
No damage/no function
Lightning protection
Internally fitted
Electromagnetic compatibility
CE Compliant
Mechanical Stability
Shock
100g / 11ms
Vibration
10g RMS (20 - 2000Hz)
Temperature & Thermal Effects
Media temperature
-20ºC (Non-freezing) to +60ºC
Storage temperature
-20ºC to +70ºC
Compensated temperature range
20ºC±25ºC
Thermal zero shift (TZS)
<±0.02%/FS/ºC
Thermal span shift (TSS)
<±0.01%/ºC
Material Specifications
Housing
316L Stainless Steel
“O” ring seals
Viton
Diaphragm
316L Stainless Steel
Cable sheath material
PUR
Media wetted parts
Housing, “O” ring seal, diaphragm &
cable sheath
Miscellaneous
Weight
Transmitter: approx 250g
Cable: 48g per metre
Current consumption
Limits at 28mA
Installation position
Any, small zero shift when tilted through 90º
Operational life
> 100x 10 cycles
6
ILS series
Submersible Level Transmitter
Mechanical Dimensions
Boot
Nose cone
25mm dia
150mm Nominal
PUR sheathed vented cable
Part No
Pressure Range
Cable Length Output
ILS-G0100-003 0-1mWG (0-39"WG)
3M
4-20mA
ILS-G0250-005 0-2.5mWG (0-98"WG)
5M
4-20mA
ILS-G0500-007 0-5mWG (0-197"WG)
7M
4-20mA
ILS-G1000-015 0-10mWG (0-394"WG)
15M
4-20mA
ILS-G2000-025 0-20mWG (0-788"WG)
25M
4-20mA
ILS-G5000-060 0-50mWG (0-1970"WG) 60M
4-20mA
ILS-G1002-110 0-100mWG (0-3940"WG) 110M
4-20mA


Similar Part No. - ILS-G1002-110

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ILS-2515 VISHAY-ILS-2515 Datasheet
245Kb / 2P
   Surface Mount Inductor
Revision 10-Sep-02
ILS-2515-01 VISHAY-ILS-2515-01 Datasheet
245Kb / 2P
   Surface Mount Inductor
Revision 10-Sep-02
ILS-2515-02 VISHAY-ILS-2515-02 Datasheet
245Kb / 2P
   Surface Mount Inductor
Revision 10-Sep-02
ILS-3825-01 VISHAY-ILS-3825-01 Datasheet
59Kb / 2P
   Surface Mount Inductors, Low Profile for DC/DC Converters
Revision 08-Jan-04
ILS-3825-03 VISHAY-ILS-3825-03 Datasheet
59Kb / 2P
   Surface Mount Inductors, Low Profile for DC/DC Converters
Revision 08-Jan-04
More results

Similar Description - ILS-G1002-110

ManufacturerPart #DatasheetDescription
logo
Cynergy3 Co
ILSU CYNERGY3-ILSU Datasheet
60Kb / 2P
   Submersible Level Transmitter
logo
List of Unclassifed Man...
313L ETC2-313L Datasheet
92Kb / 2P
   SUBMERSIBLE LEVEL TRANSMITTER
logo
Cynergy3 Co
ILLS CYNERGY3-ILLS Datasheet
88Kb / 2P
   Submersible Tank Gauging Level Transmitter
ILLSU CYNERGY3-ILLSU Datasheet
91Kb / 2P
   Submersible Tank Gauging Level Transmitter
ILTSU CYNERGY3-ILTSU Datasheet
60Kb / 2P
   Submersible Dual Level and Temperature Transmitter
ILTS CYNERGY3-ILTS Datasheet
56Kb / 2P
   Submersible Dual Level and Temperature Transmitter
IWSL CYNERGY3-IWSL Datasheet
1Mb / 2P
   Water approved Submersible Level Transmitter - Silicon Sensor
SLP CYNERGY3-SLP Datasheet
338Kb / 1P
   submersible level probe
logo
Sensortechnics GmbH
KTEM2050G4C5S SENSORTECHNICS-KTEM2050G4C5S Datasheet
43Kb / 3P
   OEM submersible level sensors
logo
Fuji Electric
EDSX7-66H FUJI-EDSX7-66H Datasheet
266Kb / 12P
   LEVEL TRANSMITTER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com