Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ILLSU-Gi480-5-016 Datasheet(PDF) 2 Page - Cynergy3 Co

Part # ILLSU-Gi480-5-016
Description  Submersible Tank Gauging Level Transmitter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYNERGY3 [Cynergy3 Co]
Direct Link  http://www.cynergy3.com
Logo CYNERGY3 - Cynergy3 Co

ILLSU-Gi480-5-016 Datasheet(HTML) 2 Page - Cynergy3 Co

  ILLSU-Gi480-5-016 Datasheet HTML 1Page - Cynergy3 Co ILLSU-Gi480-5-016 Datasheet HTML 2Page - Cynergy3 Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.cynergy3.com
© 2015 Cynergy3 Components, All Rights Reserved. Specifications are subject to change without prior notice. Cynergy3 Components and the Cynergy3 Components logo are trademarks of Cynergy3 Components Limited.
ISO
9001 CERTIFIED
Pressure Ranges and Passive mV/V Outputs
Nominal Pressure, Gauge
WG
0
inch
40
100
200
280
40
Permissible Overpressure
W
0
0
0
0
0
inch G
80
80
80
200
200
Output Signals and Supply Voltages
Wire systemOutput
Supply Voltage
Connection
Wire Colours
2-wire
4-20mA
9-32Vdc
+ve Supply
Brown
-ve Supply
White
Ground
Pink
Cable Screen
Green
3-wire
0.5-4.5Vdc
9-32Vdc
+ve Supply
Brown
non-ratiometric
-ve Supply
White
+ve Output
Yellow
Ground
Pink
Care must be taken regarding screening and earthing when using voltage output
Cable Screen
Green
ILLSU series
Submersible Tank Gauging Level Transmitter
Mechanical Dimensions
ILLSU 2015
(Custom ranges and outputs available on request)
Part No
Pressure Range
Cable Length Output
ILLSU-Gi048-5-003 0-48" WG
10ft
4-20mA
ILLSU-Gi120-5-005 0-120" WG
16ft
4-20mA
ILLSU-Gi240-5-008 0-240" WG
26ft
4-20mA
ILLSU-Gi360-5-012 0-360" WG
40ft
4-20mA
ILLSU-Gi480-5-016 0-480" WG
52ft
4-20mA
ILLSU-Gi048-D-003 0-48" WG
10ft
0.5 to 4.5V 3Wire
ILLSU-Gi120-D-005 0-120" WG
16ft
0.5 to 4.5V 3Wire
ILLSU-Gi240-D-008 0-240" WG
26ft
0.5 to 4.5V 3Wire
ILLSU-Gi360-D-012 0-360" WG
40ft
0.5 to 4.5V 3Wire
ILLSU-Gi480-D-016 0-480" WG
52ft
0.5 to 4.5V 3Wire
(33ft)
(0.945")


Similar Part No. - ILLSU-Gi480-5-016

ManufacturerPart #DatasheetDescription
logo
Cynergy3 Co
ILLS CYNERGY3-ILLS Datasheet
88Kb / 2P
   Submersible Tank Gauging Level Transmitter
ILLS-G0100-5-003 CYNERGY3-ILLS-G0100-5-003 Datasheet
88Kb / 2P
   Submersible Tank Gauging Level Transmitter
ILLS-G0100-D-003 CYNERGY3-ILLS-G0100-D-003 Datasheet
88Kb / 2P
   Submersible Tank Gauging Level Transmitter
ILLS-G0250-5-005 CYNERGY3-ILLS-G0250-5-005 Datasheet
88Kb / 2P
   Submersible Tank Gauging Level Transmitter
ILLS-G0250-D-005 CYNERGY3-ILLS-G0250-D-005 Datasheet
88Kb / 2P
   Submersible Tank Gauging Level Transmitter
More results

Similar Description - ILLSU-Gi480-5-016

ManufacturerPart #DatasheetDescription
logo
Cynergy3 Co
ILLS CYNERGY3-ILLS Datasheet
88Kb / 2P
   Submersible Tank Gauging Level Transmitter
ILS CYNERGY3-ILS Datasheet
56Kb / 2P
   Submersible Level Transmitter
ILSU CYNERGY3-ILSU Datasheet
60Kb / 2P
   Submersible Level Transmitter
logo
List of Unclassifed Man...
313L ETC2-313L Datasheet
92Kb / 2P
   SUBMERSIBLE LEVEL TRANSMITTER
logo
Cynergy3 Co
ILTSU CYNERGY3-ILTSU Datasheet
60Kb / 2P
   Submersible Dual Level and Temperature Transmitter
ILTS CYNERGY3-ILTS Datasheet
56Kb / 2P
   Submersible Dual Level and Temperature Transmitter
IWSL CYNERGY3-IWSL Datasheet
1Mb / 2P
   Water approved Submersible Level Transmitter - Silicon Sensor
logo
Emerson Network Power
2460 EMERSON-NETWORKPOWER-2460 Datasheet
3Mb / 24P
   Rosemount??2460 System Hub for tank gauging systems
logo
Cynergy3 Co
SLP CYNERGY3-SLP Datasheet
338Kb / 1P
   submersible level probe
logo
Sensortechnics GmbH
KTEM2050G4C5S SENSORTECHNICS-KTEM2050G4C5S Datasheet
43Kb / 3P
   OEM submersible level sensors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com