Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPC2910T Datasheet(PDF) 3 Page - NEC

Part # UPC2910T
Description  THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC2910T Datasheet(HTML) 3 Page - NEC

  UPC2910T Datasheet HTML 1Page - NEC UPC2910T Datasheet HTML 2Page - NEC UPC2910T Datasheet HTML 3Page - NEC UPC2910T Datasheet HTML 4Page - NEC UPC2910T Datasheet HTML 5Page - NEC UPC2910T Datasheet HTML 6Page - NEC UPC2910T Datasheet HTML 7Page - NEC UPC2910T Datasheet HTML 8Page - NEC UPC2910T Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
µPC2900 Series
3
ABSOLUTE MAXIMUM RATINGS (TA = 25
°C, Unless otherwise specified.)
Parameter
Symbol
Rating
Unit
µPC2900HF
µPC2900HB, µPC2900T
Input Voltage
VIN
20
V
Internal Power DissipationNote
PT
15
10
W
Operating Ambient Temperature
TA
–30 to +85
°C
Operating Junction Temperature
TJ
–30 to +150
°C
Storage Temperature
Tstg
–55 to +150
°C
Thermal Resistance (Junction to Case)
Rth (J-C)
7
12.5
°C/W
Thermal Resistance (Junction to Ambient)
Rth (J-A)
65
125
°C/W
Note TC = 25
°C, Internally limited
When operating junction temperature rises up to 150
°C, the internal circuit shutdown output voltage.
Caution Exposure to Absolute Maximum Ratings for extended periods may affect device reliability;
exceeding the ratings could cause permanent damage. The parameters apply independently. The
device should be operated within the limits specified under DC and AC Characteristics.
TYPICAL CONNECTION
D1
PC2900
INPUT
COUT
CIN
D2
+
µ
OUTPUT
CIN
: More than 0.1
µF. Required if regulator is located an appreciable distance from power supply filter. You
must use to prevent from the parasitic oscillation.
COUT
: More than 47
µF. You must use the Low-impedance-type (low ESR) capacitor.
D1
: Need for VO > VIN
D2
: Need a shottky barrier diode for VO < GND.


Similar Part No. - UPC2910T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPC2910T RENESAS-UPC2910T Datasheet
354Kb / 23P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
2007
More results

Similar Description - UPC2910T

ManufacturerPart #DatasheetDescription
logo
NEC
UPC2400A NEC-UPC2400A Datasheet
103Kb / 14P
   THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
UPC29L00 NEC-UPC29L00 Datasheet
86Kb / 14P
   THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX116 SIPEX-SPX116 Datasheet
95Kb / 6P
   Low Dropout Voltage Three Terminal Regulator
logo
NEC
UPC29M00 NEC-UPC29M00 Datasheet
128Kb / 20P
   THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
UPC29M33A NEC-UPC29M33A Datasheet
86Kb / 16P
   THREE-TERMINAL LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX116 SIPEX-SPX116 Datasheet
669Kb / 6P
   Low Dropout Voltage Three Terminal Regulator
logo
NEC
UPC24A00 NEC-UPC24A00 Datasheet
69Kb / 7P
   THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
logo
Toshiba Semiconductor
TA48M025F TOSHIBA-TA48M025F_07 Datasheet
350Kb / 12P
   Three-Terminal Low Dropout Voltage Regulator
TA78DL05AS TOSHIBA-TA78DL05AS Datasheet
182Kb / 9P
   Three-Terminal Low Dropout Voltage Regulator
logo
NEC
UPC24M00A NEC-UPC24M00A Datasheet
99Kb / 14P
   THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com