Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK1629-E1-E Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 2SK1629-E1-E
Description  500V - 30A - MOS FET High Speed Power Switching
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SK1629-E1-E Datasheet(HTML) 3 Page - Renesas Technology Corp

  2SK1629-E1-E_15 Datasheet HTML 1Page - Renesas Technology Corp 2SK1629-E1-E_15 Datasheet HTML 2Page - Renesas Technology Corp 2SK1629-E1-E_15 Datasheet HTML 3Page - Renesas Technology Corp 2SK1629-E1-E_15 Datasheet HTML 4Page - Renesas Technology Corp 2SK1629-E1-E_15 Datasheet HTML 5Page - Renesas Technology Corp 2SK1629-E1-E_15 Datasheet HTML 6Page - Renesas Technology Corp 2SK1629-E1-E_15 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
2SK1629-E1-E
Preliminary
R07DS1197EJ0200 Rev.2.00
Page 3 of 6
Mar 26, 2014
Main Characteristics
50
40
30
20
10
0
4
08
12
16
20
20
16
12
8
4
0
2
04
6
8
10
VGS = 4 V
Drain to Source Voltage VDS (V)
Typical Output Characteristics
Gate to Source Voltage VGS (V)
Typical Transfer Characteristics
VDS = 20 V
Pulse Test
5 V
6 V
7 V
10 V
1000
100
0.1
10
100
1000
Drain to Source Voltage VDS (V)
Maximum Safe Operation Area
1
10
1
Tc = 25
°C
1 shot
10
μs
PW
=
100
μs
Operation in this
area is limited by
RDS(on)
Ta = 25
°C
Pulse Test
Drain Current ID (A)
Static Drain to Source on State
Resistance vs. Drain Current (Typical)
1
0.1
0.01
110
100
1.0
0.8
0.6
0.4
0.2
–25
0
25
50
75
100 125 150
0
Case Temperature
Tc (
°C)
Static Drain to Source on State Resistance
vs. Temperature (Typical)
5 A
ID = 20 A
VGS = 10 V
Pulse Test
1
10
100
1000
100
10
Reverse Drain Current IDR (A)
Body-Drain Diode Reverse
Recovery Time (Typical)
di/dt = 100 A/
μs
VGS = 0, Ta = 25°C
25°C
–25°C
Tc = 75°C
VGS = 10 V
Ta = 25
°C
Pulse Test
10 A


Similar Part No. - 2SK1629-E1-E_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SK1629-E1-E RENESAS-2SK1629-E1-E Datasheet
248Kb / 8P
   500V - 30A - MOS FET High Speed Power Switching
Feb.4.2022
More results

Similar Description - 2SK1629-E1-E_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SK1629-E1-E RENESAS-2SK1629-E1-E Datasheet
248Kb / 8P
   500V - 30A - MOS FET High Speed Power Switching
Feb.4.2022
RJK5032DPH-E0 RENESAS-RJK5032DPH-E0 Datasheet
99Kb / 7P
   500V - 3A - MOS FET High Speed Power Switching
RJK5032DPH-E0 RENESAS-RJK5032DPH-E0_15 Datasheet
99Kb / 7P
   500V - 3A - MOS FET High Speed Power Switching
RJK5014DPP-E0 RENESAS-RJK5014DPP-E0_15 Datasheet
87Kb / 7P
   500V - 19A - MOS FET High Speed Power Switching
2SK1522-E1-E RENESAS-2SK1522-E1-E_15 Datasheet
95Kb / 7P
   500V - 50A - MOS FET High Speed Power Switching
H5N5016PL-E0-E RENESAS-H5N5016PL-E0-E_15 Datasheet
97Kb / 7P
   500V - 50A - MOS FET High Speed Power Switching
RJK5012DPP-E0 RENESAS-RJK5012DPP-E0_15 Datasheet
88Kb / 7P
   500V - 12A - MOS FET High Speed Power Switching
H5N5004PL-E0-E RENESAS-H5N5004PL-E0-E Datasheet
250Kb / 8P
   500V - 50A - MOS FET High Speed Power Switching
Oct.28.2021
H5N5016PL-E0-E RENESAS-H5N5016PL-E0-E Datasheet
254Kb / 8P
   500V - 50A - MOS FET High Speed Power Switching
Nov.4.2021
RJL5014DPP-A0 RENESAS-RJL5014DPP-A0 Datasheet
172Kb / 7P
   500V - 19A - MOS FET High Speed Power Switching
Mar.23.2021
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com