Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EN71SN10E Datasheet(PDF) 3 Page - Eon Silicon Solution Inc.

Part # EN71SN10E
Description  1.8V NAND Flash 1.8V Mobile DDR SDRAM Multi-Chip Package
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN71SN10E Datasheet(HTML) 3 Page - Eon Silicon Solution Inc.

  EN71SN10E Datasheet HTML 1Page - Eon Silicon Solution Inc. EN71SN10E Datasheet HTML 2Page - Eon Silicon Solution Inc. EN71SN10E Datasheet HTML 3Page - Eon Silicon Solution Inc. EN71SN10E Datasheet HTML 4Page - Eon Silicon Solution Inc. EN71SN10E Datasheet HTML 5Page - Eon Silicon Solution Inc. EN71SN10E Datasheet HTML 6Page - Eon Silicon Solution Inc. EN71SN10E Datasheet HTML 7Page - Eon Silicon Solution Inc. EN71SN10E Datasheet HTML 8Page - Eon Silicon Solution Inc. EN71SN10E Datasheet HTML 9Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 87 page
background image
This Data Sheet may be revised by subsequent versions
©2012 Eon Silicon Solution, Inc., www.eonssi.com
or modifications due to changes in technical specifications.
3
EN71SN10E
Rev. A, Issue Date: 2012/12/07
Ball Configuration
(TOP VIEW)
(FBGA 107, 10.5mmx13mmx1.2mm Boby, 0.8mm Ball Pitch)


Similar Part No. - EN71SN10E

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN71SN10F EON-EN71SN10F Datasheet
4Mb / 97P
   1.8V NAND Flash 1.8V Mobile DDR SDRAM Multi-Chip Package
More results

Similar Description - EN71SN10E

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN71SN10F EON-EN71SN10F Datasheet
4Mb / 97P
   1.8V NAND Flash 1.8V Mobile DDR SDRAM Multi-Chip Package
EN71SN2BGD11 EON-EN71SN2BGD11 Datasheet
6Mb / 125P
   1.8V NAND Flash 1.8V Mobile DDR SDRAM Multi-Chip Package
logo
Samsung semiconductor
K9F1208Q0A SAMSUNG-K9F1208Q0A Datasheet
655Kb / 39P
   512Mb/256Mb 1.8V NAND Flash Errata
K9F1G08Q0M-YCB0 SAMSUNG-K9F1G08Q0M-YCB0 Datasheet
713Kb / 38P
   1Gb Gb 1.8V NAND Flash Errata
K9F1208Q0A-XXB0 SAMSUNG-K9F1208Q0A-XXB0 Datasheet
807Kb / 45P
   512Mb/256Mb 1.8V NAND Flash Errata
logo
Macronix International
MX30UF4G28AB-XKI MCNIX-MX30UF4G28AB-XKI Datasheet
1Mb / 85P
   1.8V, 2G/4G-bit NAND Flash Memory
logo
Samsung semiconductor
K4X1G163PC-L SAMSUNG-K4X1G163PC-L Datasheet
523Kb / 20P
   Mobile DDR SDRAM
logo
STMicroelectronics
M39P0R9070E0 STMICROELECTRONICS-M39P0R9070E0 Datasheet
248Kb / 26P
   512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash Memory 128 Mbit Low Power SDRAM, 1.8V Supply, Multi-Chip Package
logo
Numonyx B.V
M39P0R9080E0 NUMONYX-M39P0R9080E0 Datasheet
464Kb / 23P
   512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash Memory 256 Mbit Low Power SDRAM, 1.8V Supply, Multi-Chip Package
logo
Elite Semiconductor Mem...
F59D2G81KA ESMT-F59D2G81KA Datasheet
985Kb / 60P
   2 Gbit (256M x 8) 1.8V NAND Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com