Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EN27SN1G08 Datasheet(PDF) 8 Page - Eon Silicon Solution Inc.

Part # EN27SN1G08
Description  1 Gigabit (128 Mx 8), 1.8 V NAND Flash Memory
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN27SN1G08 Datasheet(HTML) 8 Page - Eon Silicon Solution Inc.

Back Button EN27SN1G08 Datasheet HTML 4Page - Eon Silicon Solution Inc. EN27SN1G08 Datasheet HTML 5Page - Eon Silicon Solution Inc. EN27SN1G08 Datasheet HTML 6Page - Eon Silicon Solution Inc. EN27SN1G08 Datasheet HTML 7Page - Eon Silicon Solution Inc. EN27SN1G08 Datasheet HTML 8Page - Eon Silicon Solution Inc. EN27SN1G08 Datasheet HTML 9Page - Eon Silicon Solution Inc. EN27SN1G08 Datasheet HTML 10Page - Eon Silicon Solution Inc. EN27SN1G08 Datasheet HTML 11Page - Eon Silicon Solution Inc. EN27SN1G08 Datasheet HTML 12Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
This Data Sheet may be revised by subsequent versions
©2011 Eon Silicon Solution, Inc., www.eonssi.com
or modifications due to changes in technical specifications.
EN27SN1G08
Rev. B, Issue Date: 2012/05/21
Product Introduction
The device is a 1,056Mbit memory organized as 64K rows (pages) by 2,112x8 columns. Spare 64x8
columns are located from column address of 2,048~2,111. A 2,112-byte data register is connected to
memory cell arrays accommodating data transfer between the I/O buffers and memory during page read
and page program operations. The program and read operations are executed on a page basis, while
the erase operation is executed on a block basis. The memory array consists of 1,024 separately
erasable 128K-byte blocks. It indicates that the bit-by-bit erase operation is prohibited on the device.
The device has addresses multiplexed into 8 I/Os. This scheme dramatically reduces pin counts and
allows system upgrades to future densities by maintaining consistency in system board design.
Command, address and data are all written through I/O's by bringing WE# to low while CE# is low.
Those are latched on the rising edge of WE#. Command Latch Enable (CLE) and Address Latch Enable
(ALE) are used to multiplex command and address respectively, via the I/O pins. Some commands
require one bus cycle. For example, Reset Command, Status Read Command, etc require just one
cycle bus. Some other commands, like page read and block erase and page program, require two
cycles: one cycle for setup and the other cycle for execution.
In addition to the enhanced architecture and interface, the device incorporates copy-back program
feature from one page to another page without need for transporting the data to and from the external
buffer memory.


Similar Part No. - EN27SN1G08

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
EN271D-05A FUJI-EN271D-05A Datasheet
228Kb / 7P
   Z-TRAP ENE(Nominal varistor voltage 200 to 470V
EN271D-07A FUJI-EN271D-07A Datasheet
228Kb / 7P
   Z-TRAP ENE(Nominal varistor voltage 200 to 470V
EN271D-10A FUJI-EN271D-10A Datasheet
228Kb / 7P
   Z-TRAP ENE(Nominal varistor voltage 200 to 470V
EN271D-14A FUJI-EN271D-14A Datasheet
228Kb / 7P
   Z-TRAP ENE(Nominal varistor voltage 200 to 470V
EN271D-20A FUJI-EN271D-20A Datasheet
228Kb / 7P
   Z-TRAP ENE(Nominal varistor voltage 200 to 470V
More results

Similar Description - EN27SN1G08

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN27LN1G08 EON-EN27LN1G08 Datasheet
888Kb / 41P
   1 Gigabit (128 M x 8), 3.3 V NAND Flash Memory
EN27LN2G08 EON-EN27LN2G08 Datasheet
3Mb / 56P
   2 Gigabit (256M x 8), 3.3 V NAND Flash Memory
EN27LN4G08 EON-EN27LN4G08 Datasheet
3Mb / 54P
   4 Gigabit (512M x 8), 3.3 V NAND Flash Memory
logo
Cypress Semiconductor
S70FS01GS CYPRESS-S70FS01GS Datasheet
1Mb / 141P
   1-Gbit (128 MByte), 1.8 V FS-S Flash
logo
Elite Semiconductor Mem...
F59L1G81MB ESMT-F59L1G81MB Datasheet
1Mb / 51P
   1 Gbit (128M x 8) 3.3V NAND Flash Memory
F59L1G81LB ESMT-F59L1G81LB Datasheet
1Mb / 49P
   1 Gbit (128M x 8) 3.3V NAND Flash Memory
logo
Numonyx B.V
NAND01G-B2B NUMONYX-NAND01G-B2B Datasheet
1Mb / 60P
   1-Gbit, 2-Gbit, 2112-byte/1056-word page, 1.8 V/3 V, NAND flash memory
logo
Cypress Semiconductor
S25FL128P CYPRESS-S25FL128P Datasheet
1Mb / 44P
   128-Mbit, 3.0 V Flash Memory
S25FL129P CYPRESS-S25FL129P Datasheet
2Mb / 66P
   128-Mbit 3.0 V Flash Memory
logo
ATMEL Corporation
AT49F001A ATMEL-AT49F001A Datasheet
283Kb / 18P
   1-MEGABIT (128 X 8) 5-VOLT ONLY FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com