Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EN25S40A Datasheet(PDF) 5 Page - Eon Silicon Solution Inc.

Part # EN25S40A
Description  4 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN25S40A Datasheet(HTML) 5 Page - Eon Silicon Solution Inc.

  EN25S40A Datasheet HTML 1Page - Eon Silicon Solution Inc. EN25S40A Datasheet HTML 2Page - Eon Silicon Solution Inc. EN25S40A Datasheet HTML 3Page - Eon Silicon Solution Inc. EN25S40A Datasheet HTML 4Page - Eon Silicon Solution Inc. EN25S40A Datasheet HTML 5Page - Eon Silicon Solution Inc. EN25S40A Datasheet HTML 6Page - Eon Silicon Solution Inc. EN25S40A Datasheet HTML 7Page - Eon Silicon Solution Inc. EN25S40A Datasheet HTML 8Page - Eon Silicon Solution Inc. EN25S40A Datasheet HTML 9Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 68 page
background image
This Data Sheet may be revised by subsequent versions
©2013 Eon Silicon Solution, Inc.,
www.eonssi.com
or modifications due to changes in technical specifications.
5
EN25S40A
Rev. A, Issue Date: 2013/12/30
MEMORY ORGANIZATION
The memory is organized as:
524,288 bytes
Uniform Sector Architecture
16 blocks of 32-Kbyte
8 blocks of 64-Kbyte
128 sectors of 4-Kbyte
2048 pages (256 bytes each)
Each page can be individually programmed (bits are programmed from 1 to 0). The device is Sector,
Block or Chip Erasable but not Page Erasable.
Table 2. Uniform Block Sector Architecture
64KB Block
32KB Block
Sector
Address range
127
07F000h
07FFFFh
15
7
14
112
070000h
070FFFh
111
06F000h
06FFFFh
13
6
12
96
060000h
060FFFh
95
05F000h
05FFFFh
11
5
10
80
050000h
050FFFh
79
04F000h
04FFFFh
9
4
8
64
040000h
040FFFh
63
03F000h
03FFFFh
7
3
6
48
030000h
030FFFh
47
02F000h
02FFFFh
5
2
4
32
020000h
020FFFh
31
01F000h
01FFFFh
3
1
2
16
010000h
010FFFh
15
00F000h
00FFFFh
1
0
0
0
000000h
000FFFh


Similar Part No. - EN25S40A

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN25S40 EON-EN25S40 Datasheet
594Kb / 37P
   4 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
EN25S40 EON-EN25S40 Datasheet
546Kb / 34P
   4 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
EN25S40-75GI EON-EN25S40-75GI Datasheet
594Kb / 37P
   4 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
EN25S40-75GIP EON-EN25S40-75GIP Datasheet
594Kb / 37P
   4 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
EN25S40-75GIP EON-EN25S40-75GIP Datasheet
546Kb / 34P
   4 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
More results

Similar Description - EN25S40A

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN25S40 EON-EN25S40_11 Datasheet
546Kb / 34P
   4 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
EN25S40 EON-EN25S40 Datasheet
594Kb / 37P
   4 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
EN25S10 EON-EN25S10 Datasheet
534Kb / 34P
   1 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
EN25S16A EON-EN25S16A Datasheet
1Mb / 70P
   16 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
logo
List of Unclassifed Man...
EN25S32A ETC1-EN25S32A Datasheet
1Mb / 89P
   32 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
logo
Eon Silicon Solution In...
EN25S20A EON-EN25S20A Datasheet
1Mb / 65P
   2 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
EN25S16 EON-EN25S16 Datasheet
1Mb / 58P
   16 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
EN25S20 EON-EN25S20 Datasheet
564Kb / 34P
   2 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
EN25S64 EON-EN25S64 Datasheet
1Mb / 62P
   64 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
EN25S80 EON-EN25S80 Datasheet
604Kb / 37P
   8 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com