Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EN25QH32A Datasheet(PDF) 6 Page - Eon Silicon Solution Inc.

Part # EN25QH32A
Description  32 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN25QH32A Datasheet(HTML) 6 Page - Eon Silicon Solution Inc.

Back Button EN25QH32A Datasheet HTML 2Page - Eon Silicon Solution Inc. EN25QH32A Datasheet HTML 3Page - Eon Silicon Solution Inc. EN25QH32A Datasheet HTML 4Page - Eon Silicon Solution Inc. EN25QH32A Datasheet HTML 5Page - Eon Silicon Solution Inc. EN25QH32A Datasheet HTML 6Page - Eon Silicon Solution Inc. EN25QH32A Datasheet HTML 7Page - Eon Silicon Solution Inc. EN25QH32A Datasheet HTML 8Page - Eon Silicon Solution Inc. EN25QH32A Datasheet HTML 9Page - Eon Silicon Solution Inc. EN25QH32A Datasheet HTML 10Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 63 page
background image
This Data Sheet may be revised by subsequent versions
©2013 Eon Silicon Solution, Inc.,
www.eonssi.com
or modifications due to changes in technical specifications.
6
EN25QH32A
Rev. A, Issue Date: 2013/11/25
Table 2. Uniform Block Sector Architecture
64K
Block
32K
Block
Sector
Address range
64K
Block
32K
Block
Sector
Address range
1023
3FF000h
3FFFFFh
767
2FF000h
2FFFFFh
127
95
63
126
1008
3F0000h
3F0FFFh
47
94
752
2F0000h
2F0FFFh
1007
3EF000h
3EFFFFh
751
2EF000h
2EFFFFh
125
93
62
124
992
3E0000h
3E0FFFh
46
92
736
2E0000h
2E0FFFh
991
3DF000h
3DFFFFh
735
2DF000h
2DFFFFh
123
91
61
122
976
3D0000h
3D0FFFh
45
90
720
2D0000h
2D0FFFh
815
32F000h
32FFFFh
559
22F000h
22FFFFh
101
69
50
100
800
320000h
320FFFh
34
68
544
220000h
220FFFh
799
31F000h
31FFFFh
543
21F000h
21FFFFh
99
67
49
98
784
310000h
310FFFh
33
66
528
210000h
210FFFh
783
30F000h
30FFFFh
527
20F000h
20FFFFh
97
65
48
96
768
300000h
300FFFh
32
64
512
200000h
200FFFh
64K
Block
32K
Block
Sector
Address range
64K
Block
32K
Block
Sector
Address range
511
01FF000h
01FFFFFh
255
00FF000h
00FFFFFh
63
31
31
62
496
01F0000h
01F0FFFh
15
30
240
00F0000h
00F0FFFh
495
01EF000h
01EFFFFh
239
00EF000h
00EFFFFh
61
29
30
60
480
01E0000h
01E0FFFh
14
28
224
00E0000h
00E0FFFh
479
01DF000h
01DFFFFh
223
00DF000h
00DFFFFh
59
27
29
58
464
01D0000h
01D0FFFh
13
26
208
00D0000h
00D0FFFh
303
012F000h
012FFFFh
47
002F000h
002FFFFh
37
5
18
36
288
0120000h
0120FFFh
2
4
32
0020000h
0020FFFh
287
011F000h
011FFFFh
31
001F000h
001FFFFh
35
3
17
34
272
0110000h
0110FFFh
1
2
16
0010000h
0010FFFh
271
010F000h
010FFFFh
15
000F000h
000FFFFh
33
1
16
32
256
0100000h
0100FFFh
0
0
0
0000000h
0000FFFh


Similar Part No. - EN25QH32A

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN25QH32 EON-EN25QH32 Datasheet
1Mb / 63P
   32 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
EN25QH32-104BBIP EON-EN25QH32-104BBIP Datasheet
1Mb / 63P
   32 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
EN25QH32-104FIP EON-EN25QH32-104FIP Datasheet
1Mb / 63P
   32 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
EN25QH32-104HIP EON-EN25QH32-104HIP Datasheet
1Mb / 63P
   32 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
EN25QH32-104QIP EON-EN25QH32-104QIP Datasheet
1Mb / 63P
   32 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
More results

Similar Description - EN25QH32A

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN25Q32A EON-EN25Q32A Datasheet
1Mb / 52P
   32 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
EN25Q32B EON-EN25Q32B Datasheet
1Mb / 56P
   32 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
EN25QH32 EON-EN25QH32 Datasheet
1Mb / 63P
   32 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
logo
List of Unclassifed Man...
EN25Q32 ETC1-EN25Q32 Datasheet
618Kb / 42P
   32 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
logo
Eon Silicon Solution In...
EN25Q32C EON-EN25Q32C Datasheet
1Mb / 62P
   32 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
logo
List of Unclassifed Man...
EN25S32A ETC1-EN25S32A Datasheet
1Mb / 89P
   32 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
logo
Eon Silicon Solution In...
EN25S32 EON-EN25S32 Datasheet
1Mb / 59P
   32 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
EN25Q16A EON-EN25Q16A Datasheet
1Mb / 53P
   16 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
EN25Q40A EON-EN25Q40A Datasheet
1Mb / 64P
   4 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
EN25QH128A EON-EN25QH128A Datasheet
1Mb / 75P
   128 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com