Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADP3309ARTZ-2.85R71 Datasheet(PDF) 7 Page - Analog Devices

Part # ADP3309ARTZ-2.85R71
Description  Low Dropout Linear Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3309ARTZ-2.85R71 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADP3309ARTZ-2.85R71 Datasheet HTML 3Page - Analog Devices ADP3309ARTZ-2.85R71 Datasheet HTML 4Page - Analog Devices ADP3309ARTZ-2.85R71 Datasheet HTML 5Page - Analog Devices ADP3309ARTZ-2.85R71 Datasheet HTML 6Page - Analog Devices ADP3309ARTZ-2.85R71 Datasheet HTML 7Page - Analog Devices ADP3309ARTZ-2.85R71 Datasheet HTML 8Page - Analog Devices ADP3309ARTZ-2.85R71 Datasheet HTML 9Page - Analog Devices ADP3309ARTZ-2.85R71 Datasheet HTML 10Page - Analog Devices ADP3309ARTZ-2.85R71 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
ADP3309
Rev. C | Page 7 of 12
00
120
96
72
48
24
0
025
50
75
1
OUTPUT LOAD (mA)
Figure 10. Dropout Voltage vs. Output Current
5
4
3
2
1
0
0
1
2
3
4321
0
VOUT = 3.3V
RL = 33Ω
INPUT VOLTAGE (V)
Figure 11. Power-Up/Power-Down
8
7
6
5
4
3
2
0
0
20
40
60
80
100
120
140
160
180
200
1
VIN
VOUT
VSD = VIN
CL = 0.47µF
RL = 33Ω
VOUT = 3.3V
TIME (µs)
Figure 12. Power-Up Overshoot
3.32
3.31
3.29
3.28
3.30
7.50
7.00
0
40
80
120
160
200
240
280
320
360
400
RL = 33Ω
CL = 0.47µF
VOUT = 3.3V
VIN
TIME (µs)
Figure 13. Line Transient Response
3.32
3.31
3.30
3.29
3.28
7.50
7.00
0
20
40
60
80
100
120
140
160
180
200
VOUT = 3.3V
RL = 3.3kΩ
CL = 0.47µF
VIN
TIME (µs)
Figure 14. Line Transient Response
3.32
3.31
3.30
3.29
3.28
100
10
0
100
200
300
400
500
VOUT = 3.3V
CL = 0.47µF
IOUT
TIME (µs)
Figure 15. Load Transient


Similar Part No. - ADP3309ARTZ-2.85R71

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3309ARTZ-2.85R71 AD-ADP3309ARTZ-2.85R71 Datasheet
348Kb / 12P
   anyCAP 100 mA Low Dropout Linear Regulator
REV. C
ADP3309ARTZ-2.85R71 AD-ADP3309ARTZ-2.85R71 Datasheet
348Kb / 12P
   anyCAP 100 mA Low Dropout Linear Regulator
REV. C
More results

Similar Description - ADP3309ARTZ-2.85R71

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
AMS1117 HMSEMI-AMS1117 Datasheet
675Kb / 10P
   low-dropout linear regulator.
logo
BCD Semiconductor Manuf...
AZ1117B BCDSEMI-AZ1117B_V01 Datasheet
527Kb / 23P
   LOW DROPOUT LINEAR REGULATOR
Jul. 2009 Rev. 1. 8
logo
Texas Instruments
TPS71525-DIE TI1-TPS71525-DIE Datasheet
62Kb / 4P
[Old version datasheet]   LOW-DROPOUT LINEAR REGULATOR
logo
Ceramate Technical
CP1117 CERAMATE-CP1117 Datasheet
444Kb / 12P
   Low Dropout Linear Regulator
logo
Diodes Incorporated
AZ1117C DIODES-AZ1117C Datasheet
839Kb / 23P
   LOW DROPOUT LINEAR REGULATOR
AZ2117 DIODES-AZ2117 Datasheet
355Kb / 9P
   LOW DROPOUT LINEAR REGULATOR
July 2017
logo
ON Semiconductor
NCV8674 ONSEMI-NCV8674_11 Datasheet
157Kb / 11P
   Low Dropout Linear Regulator
October, 2011 ??Rev. 3
logo
DONGGUAN YOU FENG WEI E...
AMS1117-X.X YFWDIODE-AMS1117-X.X Datasheet
820Kb / 4P
   Low Dropout Linear Regulator
logo
Guangdong Kexin Industr...
KS1117 KEXIN-KS1117 Datasheet
1,018Kb / 3P
   Low Dropout Linear Regulator
logo
Analog Intergrations Co...
AIC2951 AIC-AIC2951 Datasheet
153Kb / 10P
   Low Dropout Linear Regulator
logo
Analog Devices
ADP3308 AD-ADP3308_15 Datasheet
128Kb / 8P
   Low Dropout Linear Regulator
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com