Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFU9120 Datasheet(PDF) 4 Page - Intersil Corporation

Part # IRFU9120
Description  5.6A, 100V, 0.600 Ohm, P-Channel Power MOSFETs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

IRFU9120 Datasheet(HTML) 4 Page - Intersil Corporation

  IRFU9120 Datasheet HTML 1Page - Intersil Corporation IRFU9120 Datasheet HTML 2Page - Intersil Corporation IRFU9120 Datasheet HTML 3Page - Intersil Corporation IRFU9120 Datasheet HTML 4Page - Intersil Corporation IRFU9120 Datasheet HTML 5Page - Intersil Corporation IRFU9120 Datasheet HTML 6Page - Intersil Corporation IRFU9120 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4-86
FIGURE 6. UNCLAMPED INDUCTIVE SWITCHING
FIGURE 7. SATURATION CHARACTERISTICS
FIGURE 8. TRANSFER CHARACTERISTICS
FIGURE 9. NORMALIZED DRAIN TO SOURCE ON
RESISTANCE vs JUNCTION TEMPERATURE
FIGURE 10. NORMALIZED GATE THRESHOLD VOLTAGE vs
TEMPERATURE
FIGURE 11. NORMALIZED DRAIN TO SOURCE BREAKDOWN
VOLTAGE vs JUNCTION TEMPERATURE
Typical Performance Curves Unless Otherwise Specified (Continued)
-14
-10
-1
0.01
0.1
1
10
tAV, TIME IN AVALANCHE (ms)
STARTING TJ = 150
oC
STARTING TJ = 25
oC
EAS = 210mJ
CONDITIONS:
VDD = -25V, IAS = -5.6A,
L = 10mH, STARTING TJ = 25
oC
tAV = (L) (IAS) / (1.3 RATED BVDSS - VDD)
If R = 0
If R
≠ 0
tAV = (L/R) ln [(IAS*R) / (1.3 RATED BVDSS - VDD) + 1]
0
0
-2
-4
-6
-8
-10
VDS, DRAIN TO SOURCE VOLTAGE (V)
VGS = -5V
VGS = -6V
VGS = -8V
VGS = -7V
VGS = -10V
-2
-4
-6
-12
VGS = -4.5V
VGS = -20V
-8
-10
TC = 25
oC
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
0
-2
-4
-6
-8
-10
VGS, GATE TO SOURCE VOLTAGE (V)
0
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
-55oC
150oC
25oC
-3
-6
-12
-9
VDD = -15V
2.0
1.5
1.0
0.5
0
-80
-40
0
40
80
120
160
TJ, JUNCTION TEMPERATURE (
oC)
2.5
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
VGS = -10V, ID = -3.4A
2.0
1.5
1.0
0.5
0
-80
-40
0
40
80
160
120
TJ, JUNCTION TEMPERATURE (
oC)
VGS = VDS, ID = -250µA
2.0
1.5
1.0
0.5
0
-80
-40
0
40
80
120
160
TJ, JUNCTION TEMPERATURE (
oC)
ID = -250µA
IRFR9120, IRFU9120


Similar Part No. - IRFU9120

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFU9120 IRF-IRFU9120 Datasheet
173Kb / 6P
   Power MOSFET(Vdss=-100V, Rds(on)=0.60ohm, Id=-5.6A)
logo
Vishay Siliconix
IRFU9120 VISHAY-IRFU9120 Datasheet
1Mb / 8P
   Power MOSFET
S-Pending-Rev. A, 17-Jun-08
logo
Kersemi Electronic Co.,...
IRFU9120 KERSEMI-IRFU9120 Datasheet
4Mb / 7P
   Power MOSFET
IRFU9120 KERSEMI-IRFU9120 Datasheet
4Mb / 7P
   Power MOSFET
IRFU9120 KERSEMI-IRFU9120 Datasheet
3Mb / 7P
   Power MOSFET
More results

Similar Description - IRFU9120

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IRF510 INTERSIL-IRF510 Datasheet
70Kb / 7P
   5.6A, 100V, 0.540 Ohm, N-Channel Power MOSFET
RFP6P08 INTERSIL-RFP6P08 Datasheet
310Kb / 5P
   -6A, -80V and -100V, 0.600 Ohm, P-Channel Power MOSFETs
IRF9540 INTERSIL-IRF9540 Datasheet
59Kb / 7P
   19A, 100V, 0.200 Ohm, P-Channel Power MOSFETs
IRF9530 INTERSIL-IRF9530 Datasheet
63Kb / 7P
   12A, 100V, 0.300 Ohm, P-Channel Power MOSFETs
IRFR9110 INTERSIL-IRFR9110 Datasheet
62Kb / 7P
   3.1A, 100V, 1.200 Ohm, P-Channel Power MOSFETs
logo
Harris Corporation
IRF510 HARRIS-IRF510 Datasheet
71Kb / 7P
   4.9A, and 5.6A, 80V and 100V, 0.54 and 0.74 Ohm, N-Channel Power MOSFETs
logo
Intersil Corporation
IRF9520 INTERSIL-IRF9520 Datasheet
57Kb / 7P
   6A, 100V, 0.600 Ohm, P-Channel Power MOSFET
FRE9160D INTERSIL-FRE9160D Datasheet
49Kb / 6P
   30A, -100V, 0.095 Ohm, Rad Hard, P-Channel Power MOSFETs
June 1998
FRK9150D INTERSIL-FRK9150D Datasheet
48Kb / 6P
   26A, -100V, 0.125 Ohm, Rad Hard, P-Channel Power MOSFETs
June 1998
FRL9130D INTERSIL-FRL9130D Datasheet
47Kb / 6P
   5A, -100V, 0.550 Ohm, Rad Hard, P-Channel Power MOSFETs
June 1998
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com