Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFU320 Datasheet(PDF) 4 Page - Intersil Corporation

Part # IRFU320
Description  3.1A, 400V, 1.800 Ohm, N-Channel Power MOSFETs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

IRFU320 Datasheet(HTML) 4 Page - Intersil Corporation

  IRFU320 Datasheet HTML 1Page - Intersil Corporation IRFU320 Datasheet HTML 2Page - Intersil Corporation IRFU320 Datasheet HTML 3Page - Intersil Corporation IRFU320 Datasheet HTML 4Page - Intersil Corporation IRFU320 Datasheet HTML 5Page - Intersil Corporation IRFU320 Datasheet HTML 6Page - Intersil Corporation IRFU320 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4-398
FIGURE 4. FORWARD BIAS SAFE OPERATING AREA
FIGURE 5. OUTPUT CHARACTERISTICS
FIGURE 6. SATURATION CHARACTERISTICS
FIGURE 7. TRANSFER CHARACTERISTICS
FIGURE 8. DRAIN TO SOURCE ON RESISTANCE vs GATE
VOLTAGE AND DRAIN CURRENT
FIGURE 9. NORMALIZED DRAIN TO SOURCE ON
RESISTANCE vs JUNCTION TEMPERATURE
Typical Performance Curves
Unless Otherwise Specified (Continued)
VDS, DRAIN TO SOURCE VOLTAGE (V)
10
100
100
1
10
1
0.1
1000
BY rDS(ON)
AREA IS LIMITED
OPERATION IN THIS
10
µs
100
µs
1ms
10ms
DC
SINGLE PULSE
TJ = MAX RATED
TC = 25
oC
0
40
80
120
160
1
2
3
4
5
200
VDS, DRAIN TO SOURCE VOLTAGE (V)
PULSE DURATION = 80
µs
0
VGS = 10V
VGS = 4.5V
VGS = 4.0V
VGS = 5.5V
VGS = 5.0V
VGS = 6.0V
DUTY CYCLE = 0.5% MAX
0
0
3
69
15
VDS, DRAIN TO SOURCE VOLTAGE (V)
12
VGS = 10V
VGS = 4.5V
VGS = 5.5V
VGS = 6.0V
VGS = 5.0V
VGS = 4.0V
1
2
3
4
5
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
02
4
6
8
VGS, GATE TO SOURCE VOLTAGE (V)
10-2
10
1
0.1
TJ = 150
oC
TJ = 25
oC
10
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
VDS ≥ 350V
ID, DRAIN CURRENT (A)
10
8
6
4
2
0
0
3
6
9
12
15
VGS = 20V
VGS = 10V
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
3.0
1.8
1.2
0.6
0
-40
0
40
TJ, JUNCTION TEMPERATURE (
oC)
120
2.4
80
160
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
VGS = 10V, ID = 1.7A
IRFR320, IRFU320


Similar Part No. - IRFU320

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFU320 IRF-IRFU320 Datasheet
177Kb / 6P
   Power MOSFET(Vdss=400V, Rds(on)=1.8ohm, Id=3.1A)
logo
Vishay Siliconix
IRFU320 VISHAY-IRFU320 Datasheet
1Mb / 8P
   Power MOSFET
S-81367-Rev. A, 21-Jul-08
logo
Kersemi Electronic Co.,...
IRFU320 KERSEMI-IRFU320 Datasheet
3Mb / 7P
   Power MOSFET
logo
Inchange Semiconductor ...
IRFU320 ISC-IRFU320 Datasheet
340Kb / 2P
   iscN-Channel MOSFET Transistor
logo
Vishay Siliconix
IRFU320 VISHAY-IRFU320 Datasheet
827Kb / 13P
   Power MOSFET
01-Jan-2022
More results

Similar Description - IRFU320

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IRFF320 INTERSIL-IRFF320 Datasheet
325Kb / 7P
   2.5A, 400V, 1.800 Ohm, N-Channel Power MOSFET
IRF720 INTERSIL-IRF720 Datasheet
54Kb / 7P
   3.3A, 400V, 1.800 Ohm, N-Channel Power MOSFET
BUZ76 INTERSIL-BUZ76 Datasheet
42Kb / 5P
   3A, 400V, 1.800 Ohm, N-Channel Power MOSFET
October 1998
IRFD320 INTERSIL-IRFD320 Datasheet
50Kb / 6P
   0.5A, 400V, 1.800 Ohm, N-Channel Power MOSFET
IRFR9110 INTERSIL-IRFR9110 Datasheet
62Kb / 7P
   3.1A, 100V, 1.200 Ohm, P-Channel Power MOSFETs
RFM12N35 INTERSIL-RFM12N35 Datasheet
31Kb / 4P
   12A, 350V and 400V, 0.500 Ohm, N-Channel Power MOSFETs
RFH12N35 INTERSIL-RFH12N35 Datasheet
40Kb / 5P
   12A, 350V and 400V, 0.380 Ohm, N-Channel Power MOSFETs
RFM4N35 INTERSIL-RFM4N35 Datasheet
38Kb / 4P
   4A, 350V and 400V, 2.000 Ohm, N-Channel Power MOSFETs
RFM7N35 INTERSIL-RFM7N35 Datasheet
47Kb / 4P
   7A, 350V and 400V, 0.75 Ohm, N-Channel Power MOSFETs
logo
Shindengen Electric Mfg...
P23F40HP2FM SHINDENGEN-P23F40HP2FM Datasheet
1Mb / 8P
   Power MOSFETs 400V, 23A, N-channel
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com