Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADP2105 Datasheet(PDF) 10 Page - Analog Devices

Part # ADP2105
Description  1 Amp/1.5 Amp/2 Amp Synchronous, Step-Down DC-to-DC Converters
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2105 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADP2105_15 Datasheet HTML 6Page - Analog Devices ADP2105_15 Datasheet HTML 7Page - Analog Devices ADP2105_15 Datasheet HTML 8Page - Analog Devices ADP2105_15 Datasheet HTML 9Page - Analog Devices ADP2105_15 Datasheet HTML 10Page - Analog Devices ADP2105_15 Datasheet HTML 11Page - Analog Devices ADP2105_15 Datasheet HTML 12Page - Analog Devices ADP2105_15 Datasheet HTML 13Page - Analog Devices ADP2105_15 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
ADP2105/ADP2106/ADP2107
Data Sheet
Rev. D | Page 10 of 36
10k
1
0.8
INPUT VOLTAGE (V)
10
100
1k
1.2
1.6
2.0
2.4
2.8
3.2
3.6
4.0
4.4
4.8
5.2
–40°C
+125°C
+25°C
Figure 17. Quiescent Current vs. Input Voltage
–40
125
TEMPERATURE (°C)
–20
0
20
40
60
80
100
120
0.795
0.796
0.797
0.798
0.799
0.800
0.801
0.802
Figure 18. Feedback Voltage vs. Temperature
1.75
1.25
2.7
5.7
INPUT VOLTAGE (V)
1.70
1.65
1.60
1.55
1.50
1.45
1.40
1.35
1.30
3.0
3.3
3.6
3.9
4.2
4.5
4.8
5.1
5.4
ADP2105 (1A)
TA = 25°C
Figure 19. Peak Current Limit of ADP2105
190
180
170
160
150
140
130
120
110
100
2.7
3.0
3.3
3.6
3.9
4.2
4.5
5.1
5.4
4.8
INPUT VOLTAGE (V)
PMOS POWER SWITCH
NMOS SYNCHRONOUS RECTIFIER
Figure 20. Switch On Resistance vs. Input Voltage—ADP2105
120
0
2.7
5.4
INPUT VOLTAGE (V)
100
80
60
40
20
3.0
3.3
3.6
3.9
4.2
4.5
4.8
5.1
NMOS SYNCHRONOUS RECTIFIER
PMOS POWER SWITCH
TA = 25°C
Figure 21. Switch On Resistance vs. Input Voltage—ADP2106 and ADP2107
1260
1190
2.7
5.4
INPUT VOLTAGE (V)
1250
1240
1230
1220
1210
1200
3.0
3.3
3.6
3.9
4.2
4.5
4.8
5.1
–40°C
+25°C
+125°C
Figure 22. Switching Frequency vs. Input Voltage


Similar Part No. - ADP2105_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP2105-1.8-EVAL AD-ADP2105-1.8-EVAL Datasheet
1,019Kb / 32P
   1 Amp/1.5 Amp/2 Amp Synchronous, Step-Down DC-to-DC Converters
REV. 0
More results

Similar Description - ADP2105_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP2107 AD-ADP2107_15 Datasheet
1,000Kb / 36P
   1 Amp/1.5 Amp/2 Amp Synchronous, Step-Down DC-to-DC Converters
REV. D
ADP2105 AD-ADP2105 Datasheet
1,019Kb / 32P
   1 Amp/1.5 Amp/2 Amp Synchronous, Step-Down DC-to-DC Converters
REV. 0
ADP2106 AD-ADP2106_15 Datasheet
1,000Kb / 36P
   1 Amp/1.5 Amp/2 Amp Synchronous, Step-Down DC-to-DC Converters
REV. D
logo
Murata Manufacturing Co...
OKI-78SR MURATA-OKI-78SR Datasheet
429Kb / 10P
   Fixed Output 1.5 Amp SIP DC/DC Converters
logo
Murata Power Solutions ...
OKI-78SR MURATA-PS-OKI-78SR Datasheet
482Kb / 10P
   Fixed Output 1.5 Amp SIP DC/DC Converters
logo
Intersil Corporation
EL7554 INTERSIL-EL7554_06 Datasheet
404Kb / 14P
   Monolithic 4 Amp DC-DC Step-Down Regulator
logo
Renesas Technology Corp
EL7564 RENESAS-EL7564 Datasheet
875Kb / 17P
   Monolithic 4 Amp DC/DC Step-Down Regulator
EL7563 RENESAS-EL7563 Datasheet
861Kb / 16P
   Monolithic 4 Amp DC/DC Step-Down Regulator
logo
Intersil Corporation
EL7566 INTERSIL-EL7566 Datasheet
490Kb / 14P
   Monolithic 6 Amp DC-DC Step-Down Regulator
EL7564 INTERSIL-EL7564 Datasheet
644Kb / 17P
   Monolithic 4 Amp DC/DC Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com