Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADP2102 Datasheet(PDF) 8 Page - Analog Devices

Part # ADP2102
Description  Low Duty Cycle, 600 mA, 3 MHz Synchronous Step-Down DC-to-DC Converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2102 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADP2102_15 Datasheet HTML 4Page - Analog Devices ADP2102_15 Datasheet HTML 5Page - Analog Devices ADP2102_15 Datasheet HTML 6Page - Analog Devices ADP2102_15 Datasheet HTML 7Page - Analog Devices ADP2102_15 Datasheet HTML 8Page - Analog Devices ADP2102_15 Datasheet HTML 9Page - Analog Devices ADP2102_15 Datasheet HTML 10Page - Analog Devices ADP2102_15 Datasheet HTML 11Page - Analog Devices ADP2102_15 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
ADP2102
Rev. B | Page 8 of 24
1.52
1.51
1.50
1.49
1.48
1.47
1.46
–40
–15
10
35
60
85
TEMPERATURE (°C)
ILOAD = 0mA
ILOAD = 300mA
ILOAD = 600mA
Figure 16. Output Voltage vs. Temperature (VOUT = 1.5 V)
1.81
1.80
1.79
1.78
1.77
1.76
–40
–15
10
35
60
85
TEMPERATURE (°C)
ILOAD = 0mA
ILOAD = 300mA
ILOAD = 600mA
Figure 17. Output Voltage vs. Temperature (VOUT = 1.8 V)
3.40
3.36
3.32
3.28
3.24
3.20
0
100
200
300
400
500
600
LOAD CURRENT (mA)
+85°C
+25°C
–40°C
Figure 18. Output Voltage Accuracy (VOUT = 3.3 V)
85
80
75
70
65
60
2.7
3.0
3.3
3.6
3.9
4.2
4.5
4.8
5.1
5.4
INPUT VOLTAGE (V)
+85°C
+25°C
–40°C
Figure 19. Quiescent Current vs. Input Voltage
76
75
74
73
72
71
70
77
–40
–20
0
20
40
60
80
100
120
TEMPERATURE (°C)
Figure 20. Quiescent Current vs. Temperature
0.8005
0.8000
0.7995
0.7990
0.7985
0.7980
0.7975
0.7970
0.7965
–50
0
50
100
TEMPERATURE (°C)
VIN = 3.6V
Figure 21. Feedback Voltage vs. Temperature


Similar Part No. - ADP2102_15

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
ADP2102-1-EVALZ APEX-ADP2102-1-EVALZ Datasheet
1Mb / 10P
   Evaluation Kit
Rev A
ADP2102-1.0-EVALZ APEX-ADP2102-1.0-EVALZ Datasheet
1Mb / 10P
   Evaluation Kit
Rev A
ADP2102-1.25-EVALZ APEX-ADP2102-1.25-EVALZ Datasheet
1Mb / 10P
   Evaluation Kit
Rev A
ADP2102-1.8-EVALZ APEX-ADP2102-1.8-EVALZ Datasheet
1Mb / 10P
   Evaluation Kit
Rev A
ADP2102-1.875EVALZ APEX-ADP2102-1.875EVALZ Datasheet
1Mb / 10P
   Evaluation Kit
Rev A
More results

Similar Description - ADP2102_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP2121 AD-ADP2121 Datasheet
1Mb / 20P
   600 mA, 6 MHz, Synchronous Step-Down DC-to-DC Converter
REV. B
logo
ON Semiconductor
NCP1522B ONSEMI-NCP1522B_10 Datasheet
191Kb / 14P
   3 MHz, 600 mA Step-Down DC-DC Converter
December, 2010 ??Rev. 1
NCP1522B ONSEMI-NCP1522B Datasheet
206Kb / 14P
   3 MHz, 600 mA Step-Down DC-DC Converter
May, 2007 - Rev. 0
logo
Analog Devices
ADP2108AUJZ-1.0-R7 AD-ADP2108AUJZ-1.0-R7 Datasheet
1Mb / 20P
   Compact, 600 mA, 3 MHz, Step-Down DC-to-DC Converter
Rev. G
ADP2108 AD-ADP2108 Datasheet
1Mb / 16P
   Compact, 600 mA, 3 MHz, Step-Down DC-to-DC Converter
Rev. A
ADP2108AUJZ-3.3-R7 AD-ADP2108AUJZ-3.3-R7 Datasheet
1Mb / 20P
   Compact, 600 mA, 3 MHz, Step-Down DC-to-DC Converter
Rev. G
logo
Zilog, Inc.
IXD3235 ZILOG-IXD3235 Datasheet
2Mb / 27P
   Synchronous 600 mA Step-Down DC/DC Converter
logo
ON Semiconductor
NCP1521B ONSEMI-NCP1521B_10 Datasheet
187Kb / 14P
   1.5 MHz, 600 mA Step-Down DC-DC Converter
December, 2010 ??Rev. 5
logo
Analog Devices
ADP2139CB-1.8EVALZ AD-ADP2139CB-1.8EVALZ Datasheet
544Kb / 20P
   Compact, 800 mA, 3 MHz, Step-Down DC-to-DC Converter
REV. C
logo
Maxim Integrated Produc...
MAX887 MAXIM-MAX887 Datasheet
146Kb / 12P
   100% Duty Cycle, Low-Noise, Step-Down, PWM DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com