Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADP1864 Datasheet(PDF) 3 Page - Analog Devices

Part # ADP1864
Description  Constant Frequency Current-Mode Step-Down DC-to-DC Controller in TSOT
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1864 Datasheet(HTML) 3 Page - Analog Devices

  ADP1864_15 Datasheet HTML 1Page - Analog Devices ADP1864_15 Datasheet HTML 2Page - Analog Devices ADP1864_15 Datasheet HTML 3Page - Analog Devices ADP1864_15 Datasheet HTML 4Page - Analog Devices ADP1864_15 Datasheet HTML 5Page - Analog Devices ADP1864_15 Datasheet HTML 6Page - Analog Devices ADP1864_15 Datasheet HTML 7Page - Analog Devices ADP1864_15 Datasheet HTML 8Page - Analog Devices ADP1864_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Data Sheet
ADP1864
Rev. C | Page 3 of 16
SPECIFICATIONS
VIN = 5 V, TJ = 25°C, unless otherwise noted.
Table 1.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
POWER SUPPLY
Input Voltage
V
IN
3.15
14
V
Quiescent Current
I
Q
V
IN = 3.15 V to 14 V, PGATE = IN
235
360
μA
Shutdown Supply Current
I
SD
V
IN = 3.15 V to 14 V, COMP = GND
7
15
μA
Undervoltage Lockout Threshold
V
UVLO
V
IN falling, TJ = −40°C to +125°C
2.75
2.90
3.01
V
V
IN rising, TJ = −40°C to +125°C
2.85
3.00
3.15
V
ERROR AMPLIFIER
FB Input Current
I
FB
V
FB = 0.8 V, TJ = 25°C
−20
−2
+20
nA
V
FB = 0.8 V, TJ = −40°C to +125°C
−40
−2
+40
nA
Amplifier Transconductance
V
FB = 0.8 V, ICOMP = ±5 μA
0.24
mmho
COMP Startup Threshold
V
IN = 3.15 V to 14 V, TJ = −40°C to +125°C
0.55
0.67
0.80
V
COMP Shutdown Threshold
V
IN = 3.15 V to 14 V, TJ = −40°C to +125°C
0.15
0.3
0.55
V
COMP Start-Up Current Source
COMP = GND
0.25
0.6
0.95
μA
FB Regulation Voltage
V
IN = 3.15 V to 14 V, TJ = −40°C to +125°C
0.790
0.8
0.810
V
Overvoltage Protection Threshold
V
OVP
Measured at FB, T
J = −40°C to +125°C
0.87
0.885
0.9
V
Overvoltage Protection Hysteresis
50
mV
CURRENT SENSE
Peak Current Sense Voltage
T
J = −40°C to +125°C
90
125
mV
V
IN = 3.15 V to 14 V, TJ = −40°C to +125°C
70
125
mV
Current Sense Gain
V
CS to VCOMP
12
V/V
OUTPUT REGULATION
Line Regulation1
V
IN = 3.15 V to 14 V, VFB/VIN
0.12
mV/V
Load Regulation2
V
FB/VCOMP
−2
mV/V
OSCILLATOR
Oscillator Frequency
V
FB = 0.8 V, TJ = −40°C to +125°C
500
580
650
kHz
V
FB = 0 V
190
kHz
FB Frequency Foldback Threshold
0.35
V
GATE DRIVE
Gate Rise Time
C
GATE = 3 nF
50
ns
Gate Fall Time
C
GATE = 3 nF
40
ns
Minimum On Time
PGATE minimum low duration
190
ns
SOFT START POWER-ON TIME
1.1
ms
1 Line regulation is measured using the application circuit in Figure 1. Line regulation is specified as the change in the FB voltage resulting from a 1 V change in
the IN voltage.
2 Load regulation is measured using the application circuit in Figure 1. Load regulation is specified as the change in the FB voltage resulting from a 1 V change in the
COMP voltage. The COMP voltage range is typically 0.9 V to 2.3 V for the minimum to maximum load current condition.


Similar Part No. - ADP1864_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1864-EVAL AD-ADP1864-EVAL Datasheet
264Kb / 16P
   Constant Frequency Current-Mode Step-Down DC/DC Controller in TSOT
REV. 0
ADP1864AUJZ-R7 AD-ADP1864AUJZ-R7 Datasheet
264Kb / 16P
   Constant Frequency Current-Mode Step-Down DC/DC Controller in TSOT
REV. 0
ADP1864AUJZ-R7 AD-ADP1864AUJZ-R7 Datasheet
1Mb / 75P
   ADSP-BF506F EZ-KIT Lite짰 Evaluation System Manual
Revision 1.0 December2009
More results

Similar Description - ADP1864_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1864 AD-ADP1864 Datasheet
264Kb / 16P
   Constant Frequency Current-Mode Step-Down DC/DC Controller in TSOT
REV. 0
logo
Linear Technology
LTC1772 LINER-LTC1772_1 Datasheet
167Kb / 12P
   Constant Frequency Current Mode Step-Down DC/DC Controller in SOT-23
LTC1772B LINER-LTC1772B_1 Datasheet
228Kb / 16P
   Constant Frequency Current Mode Step-Down DC/DC Controller in SOT-23
LTC1874 LINER-LTC1874_15 Datasheet
191Kb / 12P
   Dual Constant Frequency Current Mode Step-Down DC/DC Controller
LTC1874 LINER-LTC1874 Datasheet
180Kb / 12P
   Dual Constant Frequency Current Mode Step-Down DC/DC Controller
LTC1772B LINER-LTC1772B_15 Datasheet
226Kb / 16P
   Constant Frequency Current Mode Step-Down DC/DC Controller in SOT-23
LTC1772B LINER-LTC1772B Datasheet
196Kb / 12P
   Constant Frequency Current Mode Step-Down DC/DC Controller in SOT-23
LTC1772 LINER-LTC1772 Datasheet
188Kb / 16P
   Constant Frequency Current Mode Step-Down DC/DC Controller in SOT-23
LTC1772 LINER-LTC1772_15 Datasheet
179Kb / 12P
   Constant Frequency Current Mode Step-Down DC/DC Controller in SOT-23
logo
Analog Devices
ADP1621 AD-ADP1621_V01 Datasheet
851Kb / 32P
   Constant-Frequency, Current-Mode Step-Up DC-to-DC Controller
Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com