Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADP1720 Datasheet(PDF) 2 Page - Analog Devices

Part # ADP1720
Description  50 mA, High Voltage, Micropower Linear Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1720 Datasheet(HTML) 2 Page - Analog Devices

  ADP1720_15 Datasheet HTML 1Page - Analog Devices ADP1720_15 Datasheet HTML 2Page - Analog Devices ADP1720_15 Datasheet HTML 3Page - Analog Devices ADP1720_15 Datasheet HTML 4Page - Analog Devices ADP1720_15 Datasheet HTML 5Page - Analog Devices ADP1720_15 Datasheet HTML 6Page - Analog Devices ADP1720_15 Datasheet HTML 7Page - Analog Devices ADP1720_15 Datasheet HTML 8Page - Analog Devices ADP1720_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
ADP1720
Rev. A | Page 2 of 16
TABLE OF CONTENTS
Features .............................................................................................. 1
 
Applications....................................................................................... 1
 
Typical Application Circuits............................................................ 1
 
General Description ......................................................................... 1
 
Revision History ............................................................................... 2
 
Specifications..................................................................................... 3
 
Absolute Maximum Ratings............................................................ 5
 
Thermal Resistance ...................................................................... 5
 
ESD Caution.................................................................................. 5
 
Pin Configurations and Function Descriptions ........................... 6
 
Typical Performance Characteristics ..............................................7
 
Theory of Operation ...................................................................... 10
 
Adjustable Output Voltage (ADP1720 Adjustable) ............... 10
 
Applications Information .............................................................. 11
 
Capacitor Selection .................................................................... 11
 
Current Limit and Thermal Overload Protection ................. 11
 
Thermal Considerations............................................................ 12
 
Printed Circuit Board Layout Considerations ....................... 14
 
Outline Dimensions ....................................................................... 15
 
Ordering Guide .......................................................................... 15
 
REVISION HISTORY
7/07—Rev. 0 to Rev. A
Change to Figure 1 ........................................................................... 1
Changes to Table 1............................................................................ 3
Changes to Ordering Guide .......................................................... 15
2/07—Revision 0: Initial Version


Similar Part No. - ADP1720_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1720-3.3 AD-ADP1720-3.3 Datasheet
373Kb / 5P
   USB-Based Temperature Monitor Using the ADuCM360 Precision Analog Microcontroller
REV. 0
ADP1720-3.3 AD-ADP1720-3.3 Datasheet
375Kb / 7P
   Complete Closed-Loop Precision Analog Microcontroller Thermocouple
REV. A
ADP1720-3.3 AD-ADP1720-3.3 Datasheet
418Kb / 5P
   Devices Connected
ADP1720-3.3-EVALZ AD-ADP1720-3.3-EVALZ Datasheet
369Kb / 16P
   50 mA, High Voltage, Micropower Linear Regulator
REV. A
ADP1720-33 AD-ADP1720-33 Datasheet
263Kb / 9P
   50mA High-Voltage Micro-power LDO in MSOP
Rev. PrA
More results

Similar Description - ADP1720_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1720-EP AD-ADP1720-EP Datasheet
905Kb / 12P
   50 mA, High Voltage, Micropower Linear Regulator
REV. A
ADP1720ARMZ-5-R7 AD-ADP1720ARMZ-5-R7 Datasheet
369Kb / 16P
   50 mA, High Voltage, Micropower Linear Regulator
REV. A
logo
Texas Instruments
TPS7A4101 TI1-TPS7A4101 Datasheet
741Kb / 19P
[Old version datasheet]   50-V Input Voltage, 50-mA, Very High Voltage LINEAR REGULATOR
logo
ON Semiconductor
NCV4269A ONSEMI-NCV4269A_15 Datasheet
163Kb / 20P
   Micropower 150 mA LDO Linear Regulator
January, 2015 ??Rev. 4
NCV4279A ONSEMI-NCV4279A_13 Datasheet
162Kb / 15P
   Micropower 150 mA LDO Linear Regulator
May, 2013 ??Rev. 4
logo
Texas Instruments
TPS7A4101 TI-TPS7A4101_15 Datasheet
941Kb / 23P
[Old version datasheet]   TPS7A41 50-V Input Voltage, 50-mA, Very High Voltage Linear Regulator
TPS79801-Q1 TI1-TPS79801-Q1 Datasheet
592Kb / 21P
[Old version datasheet]   50 mA, 3 V TO 50 V, MICROPOWER, LOW-DROPOUT LINEAR REGULATOR
AUGUST2011
TPS79801-Q1 TI1-TPS79801-Q1_17 Datasheet
1Mb / 25P
[Old version datasheet]   50 mA, 3 V to 50 V, Micropower, Low-Dropout Linear Regulator
TPS7A4001-EP TI1-TPS7A4001-EP_16 Datasheet
996Kb / 23P
[Old version datasheet]   100-V Input Voltage, 50-mA, Very High Voltage Linear Regulator
logo
Analog Devices
ADP3300 AD-ADP3300_15 Datasheet
288Kb / 9P
   50 mA Low Dropout Linear Regulator
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com