Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADP1111 Datasheet(PDF) 11 Page - Analog Devices

Part # ADP1111
Description  Micropower, Step-Up/Step-Down SW Regulator Adjustable and Fixed 3.3 V, 5 V, 12 V
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1111 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADP1111_15 Datasheet HTML 7Page - Analog Devices ADP1111_15 Datasheet HTML 8Page - Analog Devices ADP1111_15 Datasheet HTML 9Page - Analog Devices ADP1111_15 Datasheet HTML 10Page - Analog Devices ADP1111_15 Datasheet HTML 11Page - Analog Devices ADP1111_15 Datasheet HTML 12Page - Analog Devices ADP1111_15 Datasheet HTML 13Page - Analog Devices ADP1111_15 Datasheet HTML 14Page - Analog Devices ADP1111_15 Datasheet HTML 15Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
ADP1111
–11–
REV. 0
POSITIVE-TO-NEGATIVE CONVERSION
The ADP1111 can convert a positive input voltage to a negative
output voltage as shown in Figure 22. This circuit is essentially
identical to the step-down application of Figure 19, except that
the “output” side of the inductor is connected to power ground.
When the ADP1111’s internal power switch turns off, current
flowing in the inductor forces the output (–VOUT) to a negative
potential. The ADP1111 will continue to turn the switch on
until its FB pin is 1.25 V above its GND pin, so the output
voltage is determined by the formula:
VOUT
= 1.25 V • 1+
R2
R1
⎝⎜
⎠⎟
ILIM VIN SW1
SW2
FB
GND
SET
AO
ADP1111
NC
L1
D1
1N5818
RLIM
1
INPUT
2
3
6
7
5
4
8
NC
CINPUT
+
R1
R2
CL
+
OUTPUT
NEGATIVE
OUTPUT
Figure 22. Positive-to-Negative Converter
The design criteria for the step-down application also apply to
the positive-to-negative converter. The output voltage should be
limited to |6.2 V| unless a diode is inserted in series with the
SW2 pin (see Figure 20.) Also, D1 must again be a Schottky
diode to prevent excessive power dissipation in the ADP1111.
NEGATIVE-TO-POSITIVE CONVERSION
The circuit of Figure 23 converts a negative input voltage to a
positive output voltage. Operation of this circuit configuration is
similar to the step-up topology of Figure 18, except the current
through feedback resistor R2 is level-shifted below ground by a
PNP transistor. The voltage across R2 is VOUT –VBEQ1. How-
ever, diode D2 level-shifts the base of Q1 about 0.6 V below
ground thereby cancelling the VBE of Q1. The addition of D2
also reduces the circuit’s output voltage sensitivity to tempera-
ture, which otherwise would be dominated by the –2 mV VBE
contribution of Q1. The output voltage for this circuit is
determined by the formula:
VOUT
= 1.25 V •
R2
R1
Unlike the positive step-up converter, the negative-to-positive
converter’s output voltage can be either higher or lower than the
input voltage.
ILIM
VIN
SW1
SW2
FB
GND
SET
AO
ADP1111
NC
D1
1N5818
1
2
3
6
7
5
4
8
NC
C2
+
R1
10k
Ω
CL
+
POSITIVE
OUTPUT
R2
MJE210
RLIM
NEGATIVE
INPUT
L1
D2
2N3906
Q1
Figure 23. ADP1111 Negative-to-Positive Converter
LIMITING THE SWITCH CURRENT
The ADP1111’s RLIM pin permits the switch current to be
limited with a single resistor. This current limiting action occurs
on a pulse by pulse basis. This feature allows the input voltage
to vary over a wide range without saturating the inductor or
exceeding the maximum switch rating. For example, a particular
design may require peak switch current of 800 mA with a 2.0 V
input. If VIN rises to 4 V, however, the switch current will
exceed 1.6 A. The ADP1111 limits switch current to 1.5 A and
thereby protects the switch, but the output ripple will increase.
Selecting the proper resistor will limit the switch current to
800 mA, even if VIN increases. The relationship between RLIM
and maximum switch current is shown in Figure 6.
The ILIM feature is also valuable for controlling inductor current
when the ADP1111 goes into continuous-conduction mode.
Table I. Component Selection for Typical Converters
Input
Output
Output
Circuit
Inductor
Inductor
Capacitor
Voltage
Voltage
Current (mA)
Figure
Value
Part No.
Value
Notes
2 to 3.1
5
90 mA
4
15
μH
CD75-150K
33
μF*
2 to 3.1
5
10 mA
4
47
μH
CTX50-1
10
μF
2 to 3.1
12
30 mA
4
15
μH
CD75-150K
22
μF
2 to 3.1
12
10 mA
4
47
μH
CTX50-1
10
μF
5
12
90 MA
4
33
μH
CD75-330K
22
μF
512
30 mA
4
47
μH
CTX50-1
15
μF
6.5 to 11
5
50 mA
5
15
μH47 μF**
12 to 20
5
300 mA
5
56
μH
CTX50-4
47
μF**
20 to 30
5
300 mA
5
120
μH
CTX100-4
47
μF**
5–5
7 mA
6
56
μH
CTX50-4
47
μF
12
–5
250 mA
6
120
μH
CTX100-4
100
μF**
NOTES
CD = Sumida.
CTX = Coiltronics.
**Add 47
Ω from ILIM to VIN.
**Add 220
Ω from ILIM to VIN.
REV. A


Similar Part No. - ADP1111_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1111AN AD-ADP1111AN Datasheet
406Kb / 16P
   Micropower, Step-Up/Step-Down SW Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. 0
ADP1111AN-12 AD-ADP1111AN-12 Datasheet
406Kb / 16P
   Micropower, Step-Up/Step-Down SW Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. 0
ADP1111AN-33 AD-ADP1111AN-33 Datasheet
406Kb / 16P
   Micropower, Step-Up/Step-Down SW Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. 0
ADP1111AN-5 AD-ADP1111AN-5 Datasheet
406Kb / 16P
   Micropower, Step-Up/Step-Down SW Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. 0
ADP1111ANZ AD-ADP1111ANZ Datasheet
322Kb / 15P
   Micropower, Step-Up/Step-Down SW lator; Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. A
More results

Similar Description - ADP1111_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1111 AD-ADP1111 Datasheet
406Kb / 16P
   Micropower, Step-Up/Step-Down SW Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. 0
ADP1111 AD-ADP1111_09 Datasheet
322Kb / 15P
   Micropower, Step-Up/Step-Down SW Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. A
ADP1111ANZ AD-ADP1111ANZ Datasheet
322Kb / 15P
   Micropower, Step-Up/Step-Down SW lator; Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. A
ADP1110 AD-ADP1110 Datasheet
418Kb / 16P
   Micropower, Step-Up/Step-Down Switching Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. 0
ADP1110 AD-ADP1110_15 Datasheet
426Kb / 16P
   Micropower, Step-Up/Step-Down Switching Regulator Adjustable and Fixed 5 V, 12 V
REV. 0
ADP3000 AD-ADP3000 Datasheet
342Kb / 12P
   Micropower Step-Up/Step-Down Fixed 3.3 V, 5 V, 12 V and Adjustable High Frequency Switching Regulator
REV. 0
ADP3000AN-33 AD-ADP3000AN-33 Datasheet
650Kb / 16P
   Micropower Step-Up/Step-Down Fixed 3.3 V, 5 V, 12 V, Adjustable High Frequency Switching Regulator
REV. A
ADP1073 AD-ADP1073 Datasheet
442Kb / 16P
   Micropower DC.DC Converter Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. 0
ADP1108 AD-ADP1108 Datasheet
234Kb / 12P
   Micropower DC-DC Converter Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. 0
ADP1108 AD-ADP1108_15 Datasheet
241Kb / 12P
    Micropower, DC-DC Converter Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com