Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFP245 Datasheet(PDF) 4 Page - Intersil Corporation

Part # IRFP245
Description  15A and 14A, 275V and 250V, 0.28 and 0.34 Ohm, N-Channel Power MOSFETs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

IRFP245 Datasheet(HTML) 4 Page - Intersil Corporation

  IRFP245 Datasheet HTML 1Page - Intersil Corporation IRFP245 Datasheet HTML 2Page - Intersil Corporation IRFP245 Datasheet HTML 3Page - Intersil Corporation IRFP245 Datasheet HTML 4Page - Intersil Corporation IRFP245 Datasheet HTML 5Page - Intersil Corporation IRFP245 Datasheet HTML 6Page - Intersil Corporation IRFP245 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
5-4
IRFP244, IRFP245, IRFP246, IRFP247
Typical Performance Curves Unless Otherwise Specified
FIGURE 1. NORMALIZED POWER DISSIPATION vs CASE
TEMPERATURE
FIGURE 2. MAXIMUM CONTINUOUS DRAIN CURRENT vs
CASE TEMPERATURE
FIGURE 3. NORMALIZED MAXIMUM TRANSIENT THERMAL IMPEDANCE
FIGURE 4. FORWARD BIAS SAFE OPERATING AREA
FIGURE 5. OUTPUT CHARACTERISTICS
0
50
100
150
0
TC, CASE TEMPERATURE (
oC)
0.2
0.4
0.6
0.8
1.0
1.2
TC, CASE TEMPERATURE (
oC)
50
75
100
25
150
15
12
9
0
6
3
IRFP245, IRFP247
125
IRFP244, IRFP246
10
1
0.1
10-2
10-2
10-5
10-4
10-3
0.1
1
10
t1, RECTANGULAR PULSE DURATION (s)
SINGLE PULSE
DUTY FACTOR: D = t1/t2
t2
PDM
t1
NOTES:
t2
PEAK TJ = PDM x ZθJC x RθJC + TC
0.2
0.1
0.05
0.01
0.02
10-3
0.5
102
10
110
102
0.1
VDS, DRAIN TO SOURCE VOLTAGE (V)
10
µs
100
µs
1ms
DC
10ms
IRFP246,
IRFP244/246
103
TJ = MAX RATED
SINGLE PULSE
TC = 25
oC
OPERATION IN THIS
REGION IS LIMITED
BY rDS(ON)
IRFP244/246
IRFP245/247
IRFP245/247
IRFP247
IRFP244,
IRFP245
103
1
VDS, DRAIN TO SOURCE VOLTAGE (V)
25
50
75
100
0
125
25
20
15
0
10
VGS = 5.5V
VGS = 4.5V
VGS = 5.0V
VGS = 4.0V
PULSE DURATION = 80
µs
5
VGS = 6.0V
VGS = 10V


Similar Part No. - IRFP245

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IRFP245 ISC-IRFP245 Datasheet
67Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - IRFP245

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IRF244 INTERSIL-IRF244 Datasheet
70Kb / 7P
   14A and 13A, 275V and 250V, 0.28 and 0.34 Ohm, N-Channel Power MOSFETs
IRF234 INTERSIL-IRF234 Datasheet
69Kb / 7P
   8.1A and 6.5A, 275V and 250V, 0.45 and 0.68 Ohm, N-Channel Power MOSFETs
January 1998
logo
MagnaChip Semiconductor...
MDP14N25C MGCHIP-MDP14N25C Datasheet
846Kb / 6P
   N-Channel MOSFET 250V, 14A, 0.28(ohm)
logo
Intersil Corporation
IRF646 INTERSIL-IRF646 Datasheet
60Kb / 7P
   14A, 275V, 0.280 Ohm, N-Channel Power MOSFET
RFP15N05L INTERSIL-RFP15N05L Datasheet
40Kb / 5P
   15A, 50V and 60V, 0.140 Ohm, Logic Level N-Channel Power MOSFETs
logo
Fairchild Semiconductor
RFP15N05L FAIRCHILD-RFP15N05L Datasheet
354Kb / 6P
   15A, 50V and 60V, 0.140 Ohm, Logic Level N-Channel Power MOSFETs
logo
MagnaChip Semiconductor...
MDD14N25C MGCHIP-MDD14N25C Datasheet
844Kb / 6P
   N-Channel MOSFET 250V, 10.2A, 0.28(ohm)
logo
Fairchild Semiconductor
RFD14N05 FAIRCHILD-RFD14N05 Datasheet
157Kb / 8P
   14A, 50V, 0.100 Ohm, N-Channel Power MOSFETs
RFD14N05SM FAIRCHILD-RFD14N05SM Datasheet
220Kb / 8P
   14A, 50V, 0.100 Ohm, N-Channel Power MOSFETs
logo
New Jersey Semi-Conduct...
IRF530 NJSEMI-IRF530 Datasheet
153Kb / 3P
   14A, 100V, 0.160 Ohm, N-Channel Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com