Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NX8312UA Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # NX8312UA
Description  1 550 nm FOR LONG HAUL 2.5 Gb/s InGaAsP MQW-DFB LASER DIODE TOSA
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NX8312UA Datasheet(HTML) 3 Page - Renesas Technology Corp

  NX8312UA Datasheet HTML 1Page - Renesas Technology Corp NX8312UA Datasheet HTML 2Page - Renesas Technology Corp NX8312UA Datasheet HTML 3Page - Renesas Technology Corp NX8312UA Datasheet HTML 4Page - Renesas Technology Corp NX8312UA Datasheet HTML 5Page - Renesas Technology Corp NX8312UA Datasheet HTML 6Page - Renesas Technology Corp NX8312UA Datasheet HTML 7Page - Renesas Technology Corp NX8312UA Datasheet HTML 8Page - Renesas Technology Corp NX8312UA Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
PRELIMINARY DATA SHEET
The information in this document is subject to change without notice. Before using this document, please confirm that
this is the latest version.
Not all devices/types available in every country. Please check with local NEC Compound Semiconductor Devices
representative for availability and additional information.
LASER DIODE
NX8511UD
1 550 nm FOR LONG HAUL 2.5 Gb/s
InGaAsP MQW-DFB LASER DIODE TOSA
Document No. PL10446EJ01V0DS (1st edition)
Date Published January 2004 CP(K)
Printed in Japan
NEC Compound Semiconductor Devices 2004
5.0 mm
DESCRIPTION
The NX8511UD is a 1 550 nm Multiple Quantum Well (MQW) structured
Distributed Feed-Back (DFB) laser diode TOSA (transmitter optical sub-
assembly) with InGaAs monitor PIN-PD in a receptacle type package
designed for SFF/SFP transceiver with LC duplex receptacle.
This device is ideal for Synchronous Digital Hierarchy (SDH) system, long
haul STM-16 (L-16.2), ITU-T recommendations, and SONET OC-48 (LR-2).
FEATURES
• Peak emission wavelength
λp = 1 550 nm
• Optical output power
Pf = 2.0 mW
• Wide operating temperature range
TC =
−20 to +85°C
• Side mode suppression ratio
SMSR = 40 dB
• InGaAs monitor PIN-PD
• Internal optical isolator
• Based on Telcordia reliability


Similar Part No. - NX8312UA

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NX8312UA-AZ CEL-NX8312UA-AZ Datasheet
459Kb / 9P
   1310 nm FOR LONG HAUL 2.5 Gb/s InGaAsP MQW-DFB LASER DIODE TOSA
More results

Similar Description - NX8312UA

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NX8315XC CEL-NX8315XC Datasheet
194Kb / 6P
   1 310 nm FOR LONG HAUL 2.5 Gb/s InGaAsP MQW-DFB LASER DIODE TOSA
logo
Renesas Technology Corp
NX8316XC RENESAS-NX8316XC Datasheet
219Kb / 9P
   1 310 nm FOR LONG HAUL 2.5 Gb/s InGaAsP MQW-DFB LASER DIODE TOSA
NX8313UD RENESAS-NX8313UD_15 Datasheet
212Kb / 9P
   1 310 nm FOR LONG HAUL 2.5 Gb/s InGaAsP MQW-DFB LASER DIODE TOSA
NX8316XC RENESAS-NX8316XC_15 Datasheet
219Kb / 9P
   1 310 nm FOR LONG HAUL 2.5 Gb/s InGaAsP MQW-DFB LASER DIODE TOSA
logo
California Eastern Labs
NX8313UD CEL-NX8313UD Datasheet
315Kb / 8P
   1 310 nm FOR LONG HAUL 2.5 Gb/s InGaAsP MQW-DFB LASER DIODE TOSA
logo
Renesas Technology Corp
PL10789EJ01V0DS RENESAS-PL10789EJ01V0DS Datasheet
219Kb / 9P
   1 310 nm FOR LONG HAUL 2.5 Gb/s InGaAsP MQW-DFB LASER DIODE TOSA
logo
California Eastern Labs
NX8311UD CEL-NX8311UD Datasheet
459Kb / 9P
   1310 nm FOR LONG HAUL 2.5 Gb/s InGaAsP MQW-DFB LASER DIODE TOSA
logo
Renesas Technology Corp
NX8315XC RENESAS-NX8315XC Datasheet
219Kb / 9P
   1 310 nm FOR LONG HAUL 2.5 Gb/s InGaAsP MQW-DFB LASER DIODE TOSA
logo
California Eastern Labs
NX8316XC CEL-NX8316XC Datasheet
195Kb / 6P
   1 310 nm FOR LONG HAUL 2.5 Gb/s InGaAsP MQW-DFB LASER DIODE TOSA
logo
Renesas Technology Corp
PL10790EJ01V0DS RENESAS-PL10790EJ01V0DS Datasheet
219Kb / 9P
   1 310 nm FOR LONG HAUL 2.5 Gb/s InGaAsP MQW-DFB LASER DIODE TOSA
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com