Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NX7312UA Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # NX7312UA
Description  1 550 nm FOR LONG HAUL 2.5 Gb/s InGaAsP MQW-DFB LASER DIODE TOSA
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NX7312UA Datasheet(HTML) 6 Page - Renesas Technology Corp

  NX7312UA Datasheet HTML 1Page - Renesas Technology Corp NX7312UA Datasheet HTML 2Page - Renesas Technology Corp NX7312UA Datasheet HTML 3Page - Renesas Technology Corp NX7312UA Datasheet HTML 4Page - Renesas Technology Corp NX7312UA Datasheet HTML 5Page - Renesas Technology Corp NX7312UA Datasheet HTML 6Page - Renesas Technology Corp NX7312UA Datasheet HTML 7Page - Renesas Technology Corp NX7312UA Datasheet HTML 8Page - Renesas Technology Corp NX7312UA Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Preliminary Data Sheet PL10446EJ01V0DS
4
NX8511UD
LD
φ 3.8 mm FP-TOSA PACKAGES FAMILY FOR OPTICAL FIBER COMMUNICATIONS
Electro-Optical Characteristics
Absolute Maximum Ratings
@TC =
25
°C
@TC
TC
(
°C)
Tstg
(
°C)
Ith
(mA)
Pf
(mW)
λC
(nm)
Part Number
TYP.
TYP.
MIN.
MAX.
Application
Package
NX7312UA
−40 to +85
−40 to +85
8
0.2
1 274
1 356
156 Mb/s: STM-1
(S-1.1)
φ 3.8 mm TOSA
622 Mb/s: STM-4
(S-4.1)
NX7313UA
−40 to +85
−40 to +85
8
0.6
1 270
1 355
1.25 Gb/s: GbE
φ 3.8 mm TOSA
NX7314UA
−40 to +85
−40 to +85
8
1.0
1 263
1 360
156 Mb/s: STM-1
(L-1.1)
φ 3.8 mm TOSA
NX7315UA
−40 to +85
−40 to +85
8
0.6
1 266
1 360
2.5 Gb/s: STM-16
(I-16)
φ 3.8 mm TOSA
LD
φ 3.8 mm DFB-TOSA PACKAGES FAMILY FOR OPTICAL FIBER COMMUNICATIONS
Electro-Optical Characteristics
Absolute Maximum Ratings
@TC =
25
°C
@TC
TC
(
°C)
Tstg
(
°C)
Ith
(mA)
Pf
(mW)
λp
(nm)
Part Number
TYP.
TYP.
MIN.
MAX.
Application
Package
NX8310UA
−40 to +85
−40 to +85
10
2.0
1 280
1 335
622 Mb/s: STM-4
(L-4.1)
φ 3.8 mm TOSA
NX8311UD
−20 to +85
−40 to +85
10
2.0
1 280
1 335
2.5 Gb/s: STM-16
(L-16.1)
φ 3.8 mm TOSA
NX8312UA
−20 to +85
−40 to +85
10
1.0
1 280
1 335
2.5 Gb/s: STM-16
(S-16.1)
φ 3.8 mm TOSA
NX8312UD
−20 to +85
−40 to +85
10
1.0
1 280
1 335
2.5 Gb/s: STM-16
(S-16.1)
φ 3.8 mm TOSA
NX8510UD Series
0 to +70
−40 to +85
10
2.0
λp−3 *1
λp+3 *1
2.5 Gb/s: CWDM
φ 3.8 mm TOSA
NX8511UD
−20 to +85
−40 to +85
10
2.0
1 530
1 570
2.5 Gb/s: STM-16
(L-16.2)
φ 3.8 mm TOSA
*1 Available for CWDM Wavelengths based on ITU-T recommendations
λp = 1 470, 1 490, 1 510, 1 530, 1 550, 1 570, 1 590, 1 610 nm


Similar Part No. - NX7312UA

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NX7312UA CEL-NX7312UA Datasheet
187Kb / 4P
   NECs 1310 nm InGaAsP MQW FP TOSA FOR SHORT HAUL 155 Mb/s and 622 Mb/s APPLICATIONS
NX7312UA-AZ CEL-NX7312UA-AZ Datasheet
187Kb / 4P
   NECs 1310 nm InGaAsP MQW FP TOSA FOR SHORT HAUL 155 Mb/s and 622 Mb/s APPLICATIONS
NX7312UA-AZ CEL-NX7312UA-AZ Datasheet
459Kb / 9P
   1310 nm FOR LONG HAUL 2.5 Gb/s InGaAsP MQW-DFB LASER DIODE TOSA
More results

Similar Description - NX7312UA

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NX8315XC CEL-NX8315XC Datasheet
194Kb / 6P
   1 310 nm FOR LONG HAUL 2.5 Gb/s InGaAsP MQW-DFB LASER DIODE TOSA
logo
Renesas Technology Corp
NX8316XC RENESAS-NX8316XC Datasheet
219Kb / 9P
   1 310 nm FOR LONG HAUL 2.5 Gb/s InGaAsP MQW-DFB LASER DIODE TOSA
NX8313UD RENESAS-NX8313UD_15 Datasheet
212Kb / 9P
   1 310 nm FOR LONG HAUL 2.5 Gb/s InGaAsP MQW-DFB LASER DIODE TOSA
NX8316XC RENESAS-NX8316XC_15 Datasheet
219Kb / 9P
   1 310 nm FOR LONG HAUL 2.5 Gb/s InGaAsP MQW-DFB LASER DIODE TOSA
logo
California Eastern Labs
NX8313UD CEL-NX8313UD Datasheet
315Kb / 8P
   1 310 nm FOR LONG HAUL 2.5 Gb/s InGaAsP MQW-DFB LASER DIODE TOSA
logo
Renesas Technology Corp
PL10789EJ01V0DS RENESAS-PL10789EJ01V0DS Datasheet
219Kb / 9P
   1 310 nm FOR LONG HAUL 2.5 Gb/s InGaAsP MQW-DFB LASER DIODE TOSA
logo
California Eastern Labs
NX8311UD CEL-NX8311UD Datasheet
459Kb / 9P
   1310 nm FOR LONG HAUL 2.5 Gb/s InGaAsP MQW-DFB LASER DIODE TOSA
logo
Renesas Technology Corp
NX8315XC RENESAS-NX8315XC Datasheet
219Kb / 9P
   1 310 nm FOR LONG HAUL 2.5 Gb/s InGaAsP MQW-DFB LASER DIODE TOSA
logo
California Eastern Labs
NX8316XC CEL-NX8316XC Datasheet
195Kb / 6P
   1 310 nm FOR LONG HAUL 2.5 Gb/s InGaAsP MQW-DFB LASER DIODE TOSA
logo
Renesas Technology Corp
PL10790EJ01V0DS RENESAS-PL10790EJ01V0DS Datasheet
219Kb / 9P
   1 310 nm FOR LONG HAUL 2.5 Gb/s InGaAsP MQW-DFB LASER DIODE TOSA
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com