Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFF430 Datasheet(PDF) 4 Page - Intersil Corporation

Part # IRFF430
Description  2.75A, 500V, 1.500 Ohm, N-Channel Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

IRFF430 Datasheet(HTML) 4 Page - Intersil Corporation

  IRFF430 Datasheet HTML 1Page - Intersil Corporation IRFF430 Datasheet HTML 2Page - Intersil Corporation IRFF430 Datasheet HTML 3Page - Intersil Corporation IRFF430 Datasheet HTML 4Page - Intersil Corporation IRFF430 Datasheet HTML 5Page - Intersil Corporation IRFF430 Datasheet HTML 6Page - Intersil Corporation IRFF430 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
FIGURE 4. FORWARD BIAS SAFE OPERATING AREA
FIGURE 5. OUTPUT CHARACTERISTICS
FIGURE 6. SATURATION CHARACTERISTICS
FIGURE 7. TRANSFER CHARACTERISTICS
NOTE: Heating effect of 2
µs pulse is minimal.
FIGURE 8. DRAIN TO SOURCE ON RESISTANCE vs GATE
VOLTAGE AND DRAIN CURRENT
FIGURE 9. NORMALIZED DRAIN TO SOURCE ON
RESISTANCE vs JUNCTION TEMPERATURE
Typical Performance Curves Unless Otherwise Specified (Continued)
10
1
0.1
103
110
102
0.01
VDS, DRAIN TO SOURCE VOLTAGE (V)
20
OPERATION IN THIS
AREA IS LIMITED
BY rDS(ON)
10ms
100ms
1ms
DC
100 s
10 s
TC = 25
oC
TJ = MAX RATED
SINGLE PULSE
VDS, DRAIN TO SOURCE VOLTAGE (V)
100
200
0
300
6
4
3
0
2
VGS = 5V
VGS = 4.5V
VGS = 4V
80
µs PULSE TEST
1
VGS = 5.5V
5
VGS = 10V
VDS, DRAIN TO SOURCE VOLTAGE (V)
24
6
8
010
5
4
3
0
2
VGS = 10V
VGS = 5V
VGS = 4.5V
VGS = 5.5V
80
µs PULSE TEST
1
VGS = 4V
VDS > ID(ON) x rDS(ON)MAX
80
µs PULSE TEST
TJ = 125
oC
VGS, GATE TO SOURCE VOLTAGE (V)
5
3
1
0
01234
7
2
4
TJ = -55
oC
TJ = 25
oC
56
ID, DRAIN CURRENT (A)
5
101520
025
4
1
3
VGS = 20V
2
VGS = 10V
2.2
1.4
0.6
0
160
TJ, JUNCTION TEMPERATURE (
oC)
1.8
1.0
0.2
-40
40
80
120
ID = 1.5A
VGS = 10V
IRFF430


Similar Part No. - IRFF430

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFF430 IRF-IRFF430 Datasheet
133Kb / 7P
   HEXFET TRANSISTORS THRU-HOLE (TO-205AF)
logo
Seme LAB
IRFF430 SEME-LAB-IRFF430 Datasheet
23Kb / 2P
   N?밅HANNEL ENHANCEMENT
logo
New Jersey Semi-Conduct...
IRFF430 NJSEMI-IRFF430 Datasheet
96Kb / 2P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results

Similar Description - IRFF430

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IRF830 INTERSIL-IRF830 Datasheet
56Kb / 7P
   4.5A, 500V, 1.500 Ohm, N-Channel Power MOSFET
logo
Harris Corporation
BUZ41A HARRIS-BUZ41A Datasheet
45Kb / 5P
   4.5A, 500V, 1.500 Ohm, N-Channel Power MOSFET
logo
Intersil Corporation
IRF430 INTERSIL-IRF430 Datasheet
56Kb / 7P
   4.5A, 500V, 1.500 Ohm, N-Channel Power MOSFET
BUZ41A INTERSIL-BUZ41A Datasheet
41Kb / 5P
   4.5A, 500V, 1.500 Ohm, N-Channel Power MOSFET
October 1998
logo
New Jersey Semi-Conduct...
IRF430 NJSEMI-IRF430 Datasheet
153Kb / 3P
   4.5A, 500V, 1.500 Ohm, N-Channel Power MOSFET
logo
Fairchild Semiconductor
2N6784 FAIRCHILD-2N6784 Datasheet
90Kb / 7P
   2.25A, 200V, 1.500 Ohm, N-Channel Power MOSFET
logo
Intersil Corporation
BUZ60B INTERSIL-BUZ60B Datasheet
42Kb / 5P
   4.5A, 400V, 1.500 Ohm, N-Channel Power MOSFET
October 1998
IRF610 INTERSIL-IRF610 Datasheet
55Kb / 7P
   3.3A, 200V, 1.500 Ohm, N-Channel Power MOSFET
IRFD210 INTERSIL-IRFD210 Datasheet
52Kb / 6P
   0.6A, 200V, 1.500 Ohm, N-Channel Power MOSFET
IRFF210 INTERSIL-IRFF210 Datasheet
325Kb / 7P
   2.2A, 200V, 1.500 Ohm, N-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com