Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NX8510UD Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # NX8510UD
Description  1 470 TO 1 610 nm FOR CWDM 2.5 Gb/s InGaAsP MQW-DFB LASER DIODE TOSA
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NX8510UD Datasheet(HTML) 3 Page - Renesas Technology Corp

  NX8510UD_15 Datasheet HTML 1Page - Renesas Technology Corp NX8510UD_15 Datasheet HTML 2Page - Renesas Technology Corp NX8510UD_15 Datasheet HTML 3Page - Renesas Technology Corp NX8510UD_15 Datasheet HTML 4Page - Renesas Technology Corp NX8510UD_15 Datasheet HTML 5Page - Renesas Technology Corp NX8510UD_15 Datasheet HTML 6Page - Renesas Technology Corp NX8510UD_15 Datasheet HTML 7Page - Renesas Technology Corp NX8510UD_15 Datasheet HTML 8Page - Renesas Technology Corp NX8510UD_15 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
PRELIMINARY DATA SHEET
The information in this document is subject to change without notice. Before using this document, please confirm that
this is the latest version.
Not all devices/types available in every country. Please check with local NEC Compound Semiconductor Devices
representative for availability and additional information.
LASER DIODE
NX8510UD Series
1 470 TO 1 610 nm FOR CWDM 2.5 Gb/s
InGaAsP MQW-DFB LASER DIODE TOSA
Document No. PL10434EJ02V0DS (2nd edition)
Date Published March 2004 CP(K)
Printed in Japan
NEC Compound Semiconductor Devices 2003, 2004
The mark
shows major revised points.
DESCRIPTION
The NX8510UD is a 1 470 to 1 610 nm Multiple Quantum Well (MQW)
structured Distributed Feed-Back (DFB) laser diode TOSA (transmitter optical
sub-assembly) with InGaAs monitor PIN-PD in a receptacle type package
designed for SFF/SFP transceiver with LC duplex receptacle. This device is
ideal for 2.5 Gb/s CWDM application.
FEATURES
• Internal optical isolator
• Optical output power
Pf = 2.0 mW
• Peak emission wavelength
λp = 1 470 to 1 610 nm (Based on CWDM)
• Low threshold current
lth = 10 mA TYP. @ TC = 25
°C
• Operating case temperature range
TC =
−20 to +85°C
• Side mode suppression ratio
SMSR = 40 dB
• InGaAs monitor PIN-PD
• Small package
φ 3.8 mm TOSA (Total length 12.0 mm MAX.)


Similar Part No. - NX8510UD_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NX8510UD51 RENESAS-NX8510UD51 Datasheet
843Kb / 11P
   LASER DIODE
2004
NX8510UD61 RENESAS-NX8510UD61 Datasheet
843Kb / 11P
   LASER DIODE
2004
More results

Similar Description - NX8510UD_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NX8517XC RENESAS-NX8517XC Datasheet
222Kb / 10P
   1 470 TO 1 610 nm FOR CWDM 2.5 Gb/s InGaAsP MQW-DFB LASER DIODE TOSA
logo
California Eastern Labs
NX8517XC CEL-NX8517XC Datasheet
208Kb / 7P
   1 470 TO 1 610 nm FOR CWDM 2.5 Gb/s InGaAsP MQW-DFB LASER DIODE TOSA
logo
Renesas Technology Corp
NX8517XC RENESAS-NX8517XC_15 Datasheet
222Kb / 10P
   1 470 TO 1 610 nm FOR CWDM 2.5 Gb/s InGaAsP MQW-DFB LASER DIODE TOSA
logo
California Eastern Labs
NX8315XC CEL-NX8315XC Datasheet
194Kb / 6P
   1 310 nm FOR LONG HAUL 2.5 Gb/s InGaAsP MQW-DFB LASER DIODE TOSA
logo
Renesas Technology Corp
NX8316XC RENESAS-NX8316XC Datasheet
219Kb / 9P
   1 310 nm FOR LONG HAUL 2.5 Gb/s InGaAsP MQW-DFB LASER DIODE TOSA
NX8316XC RENESAS-NX8316XC_15 Datasheet
219Kb / 9P
   1 310 nm FOR LONG HAUL 2.5 Gb/s InGaAsP MQW-DFB LASER DIODE TOSA
logo
California Eastern Labs
NX8313UD CEL-NX8313UD Datasheet
315Kb / 8P
   1 310 nm FOR LONG HAUL 2.5 Gb/s InGaAsP MQW-DFB LASER DIODE TOSA
logo
Renesas Technology Corp
NX8313UD RENESAS-NX8313UD_15 Datasheet
212Kb / 9P
   1 310 nm FOR LONG HAUL 2.5 Gb/s InGaAsP MQW-DFB LASER DIODE TOSA
NX8511UD RENESAS-NX8511UD_15 Datasheet
208Kb / 9P
   1 550 nm FOR LONG HAUL 2.5 Gb/s InGaAsP MQW-DFB LASER DIODE TOSA
PL10789EJ01V0DS RENESAS-PL10789EJ01V0DS Datasheet
219Kb / 9P
   1 310 nm FOR LONG HAUL 2.5 Gb/s InGaAsP MQW-DFB LASER DIODE TOSA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com