Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC-D1420 Datasheet(PDF) 1 Page - Nel Frequency Controls,inc

Part # SC-D1420
Description  quartz crystal oscillators provide enable/disable 3-state LVCMOS compatible signals for bus connected systems
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEL [Nel Frequency Controls,inc]
Direct Link  http://www.nelfc.com
Logo NEL - Nel Frequency Controls,inc

SC-D1420 Datasheet(HTML) 1 Page - Nel Frequency Controls,inc

  SC-D1420_10 Datasheet HTML 1Page - Nel Frequency Controls,inc SC-D1420_10 Datasheet HTML 2Page - Nel Frequency Controls,inc SC-D1420_10 Datasheet HTML 3Page - Nel Frequency Controls,inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
357 Beloit Street, P.O. Box 457, Burlington, WI 53105-0457 U.S.A. Phone 262/763-3591 FAX 262/763-2881
Email: nelsales@nelfc.com www.nelfc.com
LVCMOS
SC-D1420 Series
Description
The SC-D1420 Series of quartz crystal oscillators provide enable/disable 3-state LVCMOS compatible
signals for bus connected systems. Supplying Pin 1 of the SC-D1420 units with a logic “1" or open enables
its Pin 3 output. In the disable mode, Pin 3 presents a high impedance to the load.
Features
• Wide frequency range–1.0MHz to 40.0MHz
• User specified tolerance available
• Space-saving alternative to discrete component
oscillators
• 1.2 Volt operation
• High shock resistance, to 1000g
• Power supply decoupling internal
• COTS/Dual use
• High Reliability - NEL HALT/HASS qualified for
crystal oscillator start-up conditions
• Low Jitter - Wavecrest jitter characterization
available
• No internal PLL avoids cascading PLL problems
• Metal lid electrically connected to ground to
reduce EMI
• Gold plated pads
• RoHS Compliant, Lead Free Construction
Electrical Connection
Pin
Connection
1
Enable/Disable
2
Ground
3
Output
4
V
DD
CRYSTAL CLOCK OSCILLATORS
Data Sheet 0335A
Rev. H


Similar Part No. - SC-D1420_10

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
SC-D1420-FREQ NEL-SC-D1420-FREQ Datasheet
171Kb / 2P
   CRYSTAL CLOCK OSCILLATORS LVCMOS
More results

Similar Description - SC-D1420_10

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
SC-B1420 NEL-SC-B1420_10 Datasheet
101Kb / 2P
   quartz crystal oscillators provide enable/disable 3-state LVCMOS compatible signals for bus connected systems
SC-A1440 NEL-SC-A1440_11 Datasheet
149Kb / 3P
   quartz crystal oscillators provide enable/disable 3-state LVCMOS compatible signals for bus connected systems
SC-B1440 NEL-SC-B1440_11 Datasheet
149Kb / 3P
   quartz crystal oscillators provide enable/disable 3-state LVCMOS compatible signals for bus connected systems
SC-A1420 NEL-SC-A1420_10 Datasheet
102Kb / 2P
   quartz crystal oscillators provide enable/disable 3-state LVCMOS compatible signals for bus connected systems
SC-C1420 NEL-SC-C1420_10 Datasheet
101Kb / 2P
   quartz crystal oscillators provide enable/disable 3-state LVCMOS compatible signals for bus connected systems
SC-C1440 NEL-SC-C1440_10 Datasheet
147Kb / 3P
   of quartz crystal oscillators provide enable/disable 3-state LVCMOS compatible signals for bus connected systems
A2-X14AXX NEL-A2-X14AXX Datasheet
105Kb / 3P
   of quartz crystal oscillators provide enable/disable 3-state LVCMOS compatible signals for bus connected systems
SJ-A1440 NEL-SJ-A1440_10 Datasheet
155Kb / 3P
   of quartz crystal oscillators provide enable/disable 3-state LVCMOS compatible signals for bus connected systems
SJ-C1440 NEL-SJ-C1440_10 Datasheet
155Kb / 3P
   of quartz crystal oscillators provide enable/disable 3-state LVCMOS compatible signals for bus connected systems
SC-1420 NEL-SC-1420_10 Datasheet
101Kb / 2P
   quartz crystal oscillators provide enable/disable 3-state CMOS compatible signals for bus connected systems
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com