Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI2301BDS Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # SI2301BDS
Description  P-Channel Enhancement MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

SI2301BDS Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  SI2301BDS Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd SI2301BDS Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd SI2301BDS Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd SI2301BDS Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd SI2301BDS Datasheet HTML 5Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SMD Type
www.kexin.com.cn
1
MOSFET
P-Channel Enhancement MOSFET
SI2301BDS (KI2301BDS)
Features
VDS (V) =-20V
RDS(ON) < 100mΩ (VGS =-4.5V)
RDS(ON) < 150mΩ (VGS =-2.5V)
0.4 +0.1
-0.1
2.9 +0.1
-0.1
0.95 +0.1
-0.1
1.9 +0.1
-0.1
1.Gate
2.Source
3.Drain
1
2
3
Unit: mm
SOT-23
0.1 +0.05
-0.01
Absolute Maximum Ratings Ta = 25℃
Parameter
Symbol
5 sec
Steady State
Unit
Drain-Source Voltage
VDS
Gate-Source Voltage
VGS
Continuous Drain Current *1
Ta=25℃
-2.4
-2.2
Ta=70℃
-1.9
-1.8
Pulsed Drain Current *2
IDM
Power Dissipation
*1
Ta=25℃
0.9
0.7
W
Ta=70℃
0.57
0.45
Thermal Resistance.Junction- to-Ambient *1
120
145
*3
140
175
Junction Temperature
TJ
Storage Temperature Range
Tstg
PD
150
-55 to 150
RthJA
ID
-20
±
8
-10
V
A
/W
*1 Surface Mounted on FR4 Board, t ≤ 5 sec.
*2 Pulse width limited by maximum junction temperature.
*3 Surface Mounted on FR4 Board.
G
S
D
2
3
1


Similar Part No. - SI2301BDS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI2301BDS VISHAY-SI2301BDS Datasheet
59Kb / 5P
   P-Channel 2.5-V (G-S) MOSFET
Rev. B, 13-Oct-03
SI2301BDS VISHAY-SI2301BDS Datasheet
93Kb / 6P
   P-Channel 2.5-V (G-S) MOSFET
Rev. D, 03-Mar-08
SI2301BDS VISHAY-SI2301BDS Datasheet
213Kb / 9P
   P-Channel 2.5 V (G-S) MOSFET
Rev. F, 17-Oct-11
SI2301BDS VISHAY-SI2301BDS Datasheet
213Kb / 9P
   P-Channel 2.5 V (G-S) MOSFET
Rev. F, 17-Oct-11
SI2301BDS VISHAY-SI2301BDS Datasheet
180Kb / 8P
   P-Channel 2.5 V (G-S) MOSFET
01-Jan-2022
More results

Similar Description - SI2301BDS

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SMG2345P SECOS-SMG2345P Datasheet
71Kb / 2P
   P-Channel Enhancement MOSFET
logo
Guangdong Kexin Industr...
SI2303DS KEXIN-SI2303DS Datasheet
1Mb / 4P
   P-Channel Enhancement MOSFET
logo
SeCoS Halbleitertechnol...
SSP7431P SECOS-SSP7431P_15 Datasheet
564Kb / 4P
   P-Channel Enhancement MOSFET
SMS2305R SECOS-SMS2305R Datasheet
846Kb / 4P
   P-Channel Enhancement MOSFET
SMG2321P SECOS-SMG2321P Datasheet
553Kb / 4P
   P-Channel Enhancement MOSFET
SSN3139K SECOS-SSN3139K Datasheet
336Kb / 3P
   P Channel Enhancement MOSFET
SMG2361P SECOS-SMG2361P Datasheet
450Kb / 4P
   P-Channel Enhancement MOSFET
logo
Guangdong Kexin Industr...
AO3409-3 KEXIN-AO3409-3 Datasheet
1Mb / 4P
   P-Channel Enhancement MOSFET
AO3409-HF-3 KEXIN-AO3409-HF-3 Datasheet
1Mb / 4P
   P-Channel Enhancement MOSFET
AO3419-3 KEXIN-AO3419-3 Datasheet
1Mb / 4P
   P-Channel Enhancement MOSFET
KX9435 KEXIN-KX9435 Datasheet
1Mb / 4P
   P-Channel Enhancement MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com