Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFF230 Datasheet(PDF) 5 Page - Intersil Corporation

Part # IRFF230
Description  5.5A, 200V, 0.400 Ohm, N-Channel Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

IRFF230 Datasheet(HTML) 5 Page - Intersil Corporation

  IRFF230 Datasheet HTML 1Page - Intersil Corporation IRFF230 Datasheet HTML 2Page - Intersil Corporation IRFF230 Datasheet HTML 3Page - Intersil Corporation IRFF230 Datasheet HTML 4Page - Intersil Corporation IRFF230 Datasheet HTML 5Page - Intersil Corporation IRFF230 Datasheet HTML 6Page - Intersil Corporation IRFF230 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
FIGURE 10. NORMALIZED DRAIN TO SOURCE BREAKDOWN
VOLTAGE vs JUNCTION TEMPERATURE
FIGURE 11. CAPACITANCE vs DRAIN TO SOURCE VOLTAGE
FIGURE 12. TRANSCONDUCTANCE vs DRAIN CURRENT
FIGURE 13. SOURCE TO DRAIN DIODE VOLTAGE
FIGURE 14. GATE TO SOURCE VOLTAGE vs GATE CHARGE
Typical Performance Curves Unless Otherwise Specified (Continued)
1.25
1.05
0.85
0
160
TJ, JUNCTION TEMPERATURE (
oC)
1.15
0.95
0.75
-40
40
80
120
ID = 250µA
VDS, DRAIN TO SOURCE VOLTAGE (V)
2000
1600
1200
800
400
0
CISS
COSS
CRSS
020
30
10
40
50
VGS = 0V, f = 1MHz
CISS = CGS + CGD
CRSS = CGD
COSS ≈ CDS + CGD
ID, DRAIN CURRENT (A)
48
10
02
10
4
6
0
2
80
µs PULSE TEST
8
6
TJ = -55
oC
TJ = 25
oC
TJ = 125
oC
TJ = 150
oC
TJ = 25
oC
VSD, SOURCE TO DRAIN VOLTAGE (V)
102
10
1.0
01
2
3
4
TJ = 25
oC
TJ = 150
oC
Qg(TOT), TOTAL GATE CHARGE (nC)
816
24
32
0
20
15
0
10
5
ID = 5.5A
40
VDS = 40V
VDS = 100V
VDS = 60V
IRFF230


Similar Part No. - IRFF230

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IRFF230 SEME-LAB-IRFF230 Datasheet
42Kb / 2P
   N-CHANNEL ENHANCEMENT
More results

Similar Description - IRFF230

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
BUZ32 INTERSIL-BUZ32 Datasheet
47Kb / 6P
   9.5A, 200V, 0.400 Ohm, N-Channel Power MOSFET
October 1998
IRF630 INTERSIL-IRF630 Datasheet
62Kb / 7P
   9A, 200V, 0.400 Ohm, N-Channel Power MOSFETs
IRF450 INTERSIL-IRF450 Datasheet
56Kb / 7P
   13A, 500V, 0.400 Ohm, N-Channel Power MOSFET
BUZ60 INTERSIL-BUZ60 Datasheet
41Kb / 5P
   5.5A, 400V, 1.000 Ohm, N-Channel Power MOSFET
October 1998
IRF330 INTERSIL-IRF330 Datasheet
58Kb / 7P
   5.5A, 400V, 1.000 Ohm, N-Channel Power MOSFET
IRF730 INTERSIL-IRF730 Datasheet
54Kb / 7P
   5.5A, 400V, 1.000 Ohm, N-Channel Power MOSFET
July 1999
logo
Unisonic Technologies
UF730 UTC-UF730 Datasheet
167Kb / 6P
   5.5A, 400V, 1.0 OHM, N-CHANNEL POWER MOSFET
logo
Intersil Corporation
BUZ351 INTERSIL-BUZ351 Datasheet
10Kb / 1P
   11.5A, 400V, 0.400 Ohm, N-Channel Power MOSFET
October 1998
IRFP450 INTERSIL-IRFP450 Datasheet
55Kb / 7P
   14A, 500V, 0.400 Ohm, N-Channel Power MOSFET
logo
Fairchild Semiconductor
IRF450 FAIRCHILD-IRF450 Datasheet
56Kb / 7P
   13A, 500V, 0.400 Ohm, N-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com