Electronic Components Datasheet Search |
|
ADN2882 Datasheet(PDF) 4 Page - Analog Devices |
|
ADN2882 Datasheet(HTML) 4 Page - Analog Devices |
4 / 12 page ADN2882 Data Sheet ABSOLUTE MAXIMUM RATINGS Table 2. Parameter Rating Supply Voltage (VCC to GND) 5 V Maximum Voltage to All Input and Output Signal Pins VCC + 0.4 V Minimum Voltage to All Input and Output Signal Pins GND − 0.4 V Maximum Input Current 10 mA Storage Temperature Range −65°C to +125°C Operating Ambient Temperature Range −40°C to +95°C Maximum Junction Temperature 125°C Die Attach Temperature (<30 sec) 410°C Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those indicated in the operational section of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. ESD CAUTION Rev. A | Page 4 of 12 |
Similar Part No. - ADN2882_15 |
|
Similar Description - ADN2882_15 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |