Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADN2880 Datasheet(PDF) 11 Page - Analog Devices

Part # ADN2880
Description  3.2 Gbps, 3.3 V, Low Noise, Transimpedance Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2880 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADN2880_15 Datasheet HTML 4Page - Analog Devices ADN2880_15 Datasheet HTML 5Page - Analog Devices ADN2880_15 Datasheet HTML 6Page - Analog Devices ADN2880_15 Datasheet HTML 7Page - Analog Devices ADN2880_15 Datasheet HTML 8Page - Analog Devices ADN2880_15 Datasheet HTML 9Page - Analog Devices ADN2880_15 Datasheet HTML 10Page - Analog Devices ADN2880_15 Datasheet HTML 11Page - Analog Devices ADN2880_15 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
ADN2880
Rev. 0 | Page 11 of 12
PIN Photodiode for Non-SDH/SONET Applications
SC
CB
VCC
OUT
OUTB
Figure 26. Coplanar PIN for a 4-Pin TO-46
0.85V
20pF
50
Ω
200
Ω
50
Ω
FILTER
IN
VCC
GND
GND
CAP
OUTB
OUT
RSSI
VCC
CB
VCCFILTER
B.W.
B.W.
B.W.
B.W.
B.W.
B.W.
B.W.
B.W.
B.W.
Figure 27. Equivalent Circuit with Bond Wires, as Shown in Figure 26
SC
CB
VCC
OUT
OUTB
Figure 28. Dual Planar PIN for a 4-Pin TO-46
ADN2880 PD
SC
TO CAN HEADER
CB
Figure 29. Side View of the Assembly, as Shown in Figure 26
Table 6. Bill of Materials (BOM)
Component
Description
PD
1× vendor specific, 2.5 Gbps, photodiode
TIA
1× ADN2880 (0.7 mm × 1.2 mm), 3.2 Gbps,
transimpedance amplifier
CB
1× 200 pF, RF single-layer capacitor
Sc
1× ceramic standoff or 1× optional 1000 pF
capacitor
Notes
One mil thickness, gold wire, ball bond recommended.
Minimize all GND bond-wire lengths.
Minimize IN, FILTER, OUT, and OUTB bond-wire lengths.
Maintain symmetry in length and orientation between OUT
and OUTB bond wires.
Maintain symmetry in length and orientation between IN and
FILTER bond wires.
Maintain symmetry between IN/FILTER and OUT/OUTB
bond wires.


Similar Part No. - ADN2880_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2880ACHIPS AD-ADN2880ACHIPS Datasheet
355Kb / 12P
   3.2 Gbps, 3.3 V, Low Noise, Transimpedance Amplifier
REV. 0
More results

Similar Description - ADN2880_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2880 AD-ADN2880 Datasheet
355Kb / 12P
   3.2 Gbps, 3.3 V, Low Noise, Transimpedance Amplifier
REV. 0
ADN2882 AD-ADN2882_15 Datasheet
275Kb / 12P
   4.25 Gbps, 3.3 V Low Noise, Transimpedance Amplifier
REV. A
ADN2891ACP AD-ADN2891ACP Datasheet
611Kb / 16P
   3.3 V, 3.2 Gbps, Limiting Amplifier
REV. A
ADN2891 AD-ADN2891_15 Datasheet
611Kb / 16P
   3.3 V, 3.2 Gbps, Limiting Amplifier
REV. A
ADN2891 AD-ADN2891 Datasheet
602Kb / 16P
   3.3 V, 3.2 Gbps, Limiting Amplifier
REV. A
logo
M/A-COM Technology Solu...
02013-BRF-001-A MA-COM-02013-BRF-001-A Datasheet
151Kb / 2P
   3.2 Gbps Transimpedance Amplifier with AGC
M02013 MA-COM-M02013 Datasheet
151Kb / 2P
   3.2 Gbps Transimpedance Amplifier with AGC
logo
Analog Devices
ADN2882 AD-ADN2882 Datasheet
184Kb / 10P
   4.25 Gbps 3.3V Low Noise Transimpedance Amplifier
Rev. PrD November 04 2004
logo
Maxim Integrated Produc...
MAX3657 MAXIM-MAX3657_V01 Datasheet
755Kb / 15P
   155Mbps Low-Noise Transimpedance Amplifier
19-2834; Rev 3; 11/05
logo
Applied Micro Circuits ...
CS3170 AMCC-CS3170 Datasheet
159Kb / 11P
   2.5 Gbps Transimpedance Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com