Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAS116W Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # BAS116W
Description  Surface Mount Small Signal Switching Diode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

BAS116W Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  BAS116W_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH BAS116W_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BAS116W
0.215A , 85V
Surface Mount Small Signal Switching Diode
Elektronische Bauelemente
2-Dec-2011 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
SOD-123
Cathode Band
G
E
A
J
F
D
H
C
B
1
2
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Low leakage current applications.
Medium speed switching times.
Surface mount package ideally suited for automatic Insertion.
APPLICATINS
High speed switching application.
MARKING
PACKAGE INFORMATION
ABSOLUTE MAXIMUM RATINGS (TA=25°C unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Peak Repetitive Peak Reverse Voltage
VRRM
85
V
Working Peak Reverse Voltage
VRWM
85
V
DC Blocking Voltage
VR
85
V
RMS Reverse Voltage
VR(RMS)
60
V
Forward Continuous Current
IFM
215
mA
Repetitive Peak Forward Current
IFRM
500
mA
Non-Repetitive Peak Forward Surge
Current
t=1µs
IFSM
4
A
t=1ms
1
t=1s
0.5
Power Dissipation
PD
500
mW
Thermal Resistance Junction to Ambient Air
RθJA
500
°C / W
Junction, Storage Temperature
TJ, TSTG
150, -65~150
°C
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise specified)
Parameters
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Reverse Breakdown Voltage
V(BR)R
85
-
-
V
IR=100µA
Forward Voltage
VF
-
-
0.9
V
IF=1mA
-
-
1
IF=10mA
-
-
1.1
IF=50mA
-
-
1.25
IF=150mA
Reverse Leakage Current
IR
-
-
5
nA
VR=75V
-
-
80
VR=75V, TJ=150°C
Junction Capacitance
CJ
-
2
-
pF
VR=0, f=1.0MHz
Reverse Recovery Time
TRR
-
-
3
nS
IF=IR=10mA, IRR=0.1xIR
Package
MPQ
Leader Size
SOD-123
3K
7 inch
JV
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
0.95
1.35
F
1.40
1.80
B
0.10 REF.
G
2.55
2.85
C
1.05
1.15
H
3.55
3.85
D
0.30
0.78
J
-
E
0.08
0.25


Similar Part No. - BAS116W_15

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAS116WS PANJIT-BAS116WS Datasheet
58Kb / 3P
   SURFACE MOUNT, LOW LEAKAGE SWITCHING DIODE
logo
SeCoS Halbleitertechnol...
BAS116WS SECOS-BAS116WS Datasheet
500Kb / 2P
   0.215A , 85V Surface Mount Small Signal Switching Diode
logo
Pan Jit International I...
BAS116WS-AU PANJIT-BAS116WS-AU Datasheet
68Kb / 5P
   SURFACE MOUNT, LOW LEAKAGE SWITCHING DIODE
BAS116WS-AU_R1_000A1 PANJIT-BAS116WS-AU_R1_000A1 Datasheet
68Kb / 5P
   SURFACE MOUNT, LOW LEAKAGE SWITCHING DIODE
BAS116WS-AU_R2_000A1 PANJIT-BAS116WS-AU_R2_000A1 Datasheet
68Kb / 5P
   SURFACE MOUNT, LOW LEAKAGE SWITCHING DIODE
More results

Similar Description - BAS116W_15

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
BAV16WS SECOS-BAV16WS Datasheet
261Kb / 2P
   Surface Mount Small Signal Switching Diode
BAV19TC SECOS-BAV19TC_15 Datasheet
79Kb / 1P
   Surface Mount Small Signal Switching Diode
BAV100 SECOS-BAV100_15 Datasheet
167Kb / 2P
   Surface Mount Small Signal Switching Diode
BAV19P SECOS-BAV19P_15 Datasheet
261Kb / 2P
   Surface Mount Small Signal Switching Diode
MMBD248 SECOS-MMBD248_15 Datasheet
315Kb / 2P
   Surface Mount Small Signal Switching Diode
BAS16H SECOS-BAS16H_15 Datasheet
100Kb / 2P
   Surface Mount Small Signal Switching Diode
BAV100 SECOS-BAV100 Datasheet
167Kb / 2P
   Surface Mount Small Signal Switching Diode
BAS16WS SECOS-BAS16WS Datasheet
234Kb / 2P
   Surface Mount Small Signal Switching Diode
BAV19TC SECOS-BAV19TC Datasheet
79Kb / 1P
   Surface Mount Small Signal Switching Diode
MMBD248 SECOS-MMBD248 Datasheet
315Kb / 2P
   Surface Mount Small Signal Switching Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com