Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A94 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # A94
Description  PNP Plastic Encapsulated Transistor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

A94 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  A94_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A94
-0.2A , -400V
PNP Plastic Encapsulated Transistor
Elektronische Bauelemente
22-Dec-2012 Rev. A
Page 1 of 1
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
2
Base
1
Emitter
Collecto
3
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURE
Excellent hFE Linearity
CLASSIFICATION OF hFE(1)
Product-Rank
A94-A
A94-B1
A94-B2
A94-C
Range
80~100
100~150
150~200
200~300
ABSOLUTE MAXIMUM RATINGS (TA=25°C unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Collector to Base Voltage
VCBO
-400
V
Collector to Emitter Voltage
VCEO
-400
V
Emitter to Base Voltage
VEBO
-5
V
Collector Current - Continuous
IC
-200
mA
Collector Power Dissipation
PC
625
mW
Thermal Resistance From Junction To Ambient
RθJA
200
°C / W
Junction, Storage Temperature
TJ, TSTG
150, -55~150
°C
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Collector to Base Breakdown Voltage
V(BR)CBO
-400
-
-
V
IC= -100µA, IE=0
Collector to Emitter Breakdown Voltage
V(BR)CEO
-400
-
-
V
IC= -1mA, IB=0
Emitter to Base Breakdown Voltage
V(BR)EBO
-5
-
-
V
IE= -100µA, IC=0
Collector Cut-Off Current
ICBO
-
-
-0.1
µ
A
VCB= -400V, IE=0
Collector Cut-Off Current
ICEO
-
-
-5
µ
A
VCE= -400V, IB=0
Emitter Cut-Off Current
IEBO
-
-
-0.1
µ
A
VEB= -4V, IC=0
DC Current Gain
hFE (1)
80
-
300
VCE= -10V, IC= -10mA
hFE (2)
70
-
-
VCE= -10V, IC= -1mA
hFE (3)
60
-
-
VCE= -10V, IC= -100mA
hFE (4)
80
-
-
VCE= -10V, IC= -50mA
Collector to Emitter Saturation Voltage
VCE(sat) (1)
-
-
-0.2
V
IC= -10mA, IB= -1mA
VCE(sat) (2)
-
-
-0.3
V
IC= -50mA, IB= -5mA
Base to Emitter Saturation Voltage
VBE(sat)
-
-
-0.75
V
IC= -10mA, IB= -1mA
Transition Frequency
fT
50
-
-
MHz
VCE= -20V, IC= -10mA, f=30MHz
TO-92
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
4.40
4.70
F
0.30
0.51
B
4.30
4.70
G
1.27 TYP.
C
12.70
-
H
1.10
1.40
D
3.30
3.81
J
2.42
2.66
E
0.36
0.56
K
0.36
0.76
1
1
1
1 Emitter
2
2
2
2 Base
3
3
3
3 Collector


Similar Part No. - A94_15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A94-10 ETC2-A94-10 Datasheet
60Kb / 1P
   Level Sensors Conductive
logo
Carlo Gavazzi Holding A...
A94-10 CARLOGAVAZZI-A94-10 Datasheet
99Kb / 1P
   Conductive Sensors Hanging Types VH1, VH2, A94-10
logo
Guangdong Kexin Industr...
A9451 KEXIN-A9451 Datasheet
1Mb / 2P
   P-Channel MOSFET
More results

Similar Description - A94_15

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
2SA733 SECOS-2SA733_11 Datasheet
420Kb / 2P
   PNP Plastic Encapsulated Transistor
2SA844 SECOS-2SA844 Datasheet
83Kb / 1P
   PNP Plastic Encapsulated Transistor
2SA1300 SECOS-2SA1300 Datasheet
401Kb / 2P
   PNP Plastic Encapsulated Transistor
2SB1068 SECOS-2SB1068 Datasheet
84Kb / 1P
   PNP Plastic Encapsulated Transistor
A1015 SECOS-A1015 Datasheet
449Kb / 2P
   PNP Plastic-Encapsulated Transistor
2SA1013 SECOS-2SA1013 Datasheet
375Kb / 2P
   PNP Plastic Encapsulated Transistor
2N4402 SECOS-2N4402 Datasheet
109Kb / 1P
   PNP Plastic Encapsulated Transistor
2SB1184 SECOS-2SB1184 Datasheet
76Kb / 1P
   PNP Plastic Encapsulated Transistor
KTA1266 SECOS-KTA1266 Datasheet
69Kb / 1P
   PNP Plastic Encapsulated Transistor
A1015 SECOS-A1015_15 Datasheet
449Kb / 2P
   PNP Plastic-Encapsulated Transistor
B772S SECOS-B772S_15 Datasheet
352Kb / 2P
   PNP Plastic-Encapsulated Transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com